Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10EP89MNR4 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10EP89MNR4
Description  3.3V / 5V ECL Coaxial Cable Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP89MNR4 Datasheet(HTML) 1 Page - ON Semiconductor

  MC10EP89MNR4 Datasheet HTML 1Page - ON Semiconductor MC10EP89MNR4 Datasheet HTML 2Page - ON Semiconductor MC10EP89MNR4 Datasheet HTML 3Page - ON Semiconductor MC10EP89MNR4 Datasheet HTML 4Page - ON Semiconductor MC10EP89MNR4 Datasheet HTML 5Page - ON Semiconductor MC10EP89MNR4 Datasheet HTML 6Page - ON Semiconductor MC10EP89MNR4 Datasheet HTML 7Page - ON Semiconductor MC10EP89MNR4 Datasheet HTML 8Page - ON Semiconductor MC10EP89MNR4 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 6
1
Publication Order Number:
MC10EP89/D
MC10EP89
3.3V / 5VECL Coaxial
Cable Driver
Description
The MC10EP89 is a differential fanout gate specifically designed to
drive coaxial cables. The device is especially useful in digital video
broadcasting applications; for this application, since the system is
polarity free, each output can be used as an independent driver. The
driver produces swings 70% larger than a standard ECL output. When
driving a coaxial cable, proper termination is required at both ends of
the line to minimize signal loss. The 1.6 V (5 V) and 1.4 V (3.3 V)
swing allow for termination at both ends of the cable, while
maintaining a 800 mV (5 V) and 700 mV (3.3 V) swing at the
receiving end of the cable. Because of the larger output swings, the
device cannot be terminated into the standard VCC−2.0 V. All of the
DC parameters are tested with a 50
W to VCC−3.0 V load. The driver
accepts a standard differential ECL input and can run off of the digital
video broadcast standard −5.0 V supply.
Features
310 ps Typical Propagation Delay
Maximum Frequency > 2 GHz Typical
1.6 V (5 V) and 1.4 V (3.3 V) VOUTpp Swing
PECL Mode Operating Range: VCC = 3.0 V to 5.5 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −3.0 V to −5.5 V
Open Input Default State
Safety Clamp on Inputs
Q Output Will Default LOW with Inputs Open or at VEE
Pb−Free Packages are Available
*For additional marking information, refer to
Application Note AND8002/D.
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
D
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
ALYWG
G
HP89
MARKING
DIAGRAMS*
SOIC−8
D SUFFIX
CASE 751
TSSOP−8
DT SUFFIX
CASE 948R
1
8
1
8
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
1
8
HEP89
ALYWG
G
1
8
DFN8
MN SUFFIX
CASE 506AA
14


Similar Part No. - MC10EP89MNR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP89MNR4 ONSEMI-MC10EP89MNR4 Datasheet
120Kb / 11P
   ECL Coaxial Cable Driver
February, 2008 - Rev. 7
MC10EP89MNR4G ONSEMI-MC10EP89MNR4G Datasheet
120Kb / 11P
   ECL Coaxial Cable Driver
February, 2008 - Rev. 7
More results

Similar Description - MC10EP89MNR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89_06 Datasheet
136Kb / 8P
   5V ECL Coaxial Cable Driver
December, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY10EP89V MICREL-SY10EP89V Datasheet
86Kb / 7P
   5V/3.3V 3GHz COAXIAL CABLE DRIVER
SY10EP89V MICREL-SY10EP89V_05 Datasheet
112Kb / 8P
   5V/3.3V 3GHz COAXIAL CABLE DRIVER
logo
ON Semiconductor
MC10EP89 ONSEMI-MC10EP89_09 Datasheet
120Kb / 11P
   ECL Coaxial Cable Driver
February, 2008 - Rev. 7
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
logo
Arizona Microtek, Inc
AZ10EL89 AZM-AZ10EL89_12 Datasheet
437Kb / 6P
   PECL/ECL Coaxial Cable Driver
logo
List of Unclassifed Man...
AZ10EL89 ETC1-AZ10EL89 Datasheet
134Kb / 4P
   ECL/PECL Coaxial Cable Driver
logo
Arizona Microtek, Inc
AZ10EL89 AZM-AZ10EL89 Datasheet
115Kb / 4P
   ECL/PECL Coaxial Cable Driver
logo
ON Semiconductor
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP17 ONSEMI-MC10EP17 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com