Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV165APWTE4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74LV165APWTE4
Description  PARALLEL-LOAD 8-BIT SHIFT REGISTERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV165APWTE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LV165APWTE4 Datasheet HTML 3Page - Texas Instruments SN74LV165APWTE4 Datasheet HTML 4Page - Texas Instruments SN74LV165APWTE4 Datasheet HTML 5Page - Texas Instruments SN74LV165APWTE4 Datasheet HTML 6Page - Texas Instruments SN74LV165APWTE4 Datasheet HTML 7Page - Texas Instruments SN74LV165APWTE4 Datasheet HTML 8Page - Texas Instruments SN74LV165APWTE4 Datasheet HTML 9Page - Texas Instruments SN74LV165APWTE4 Datasheet HTML 10Page - Texas Instruments SN74LV165APWTE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SN54LV165A, SN74LV165A
PARALLELLOAD 8BIT SHIFT REGISTERS
SCLS402K − APRIL 1998 − REVISED APRIL 2005
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV165A
SN74LV165A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
CL = 15 pF
50*
80*
45*
45
MHz
fmax
CL = 50 pF
40
65
35
35
MHz
CLK
12.2*
19.8*
1*
22*
1
22
tpd
SH/LD
QH or QH
CL = 15 pF
13.1*
21.5*
1*
23.5*
1
23.5
ns
tpd
H
QH or QH
CL = 15 pF
12.9*
21.7*
1*
24*
1
24
ns
CLK
15.3
23.3
1
26
1
26
tpd
SH/LD
QH or QH
CL = 50 pF
16.1
25.1
1
28
1
28
ns
tpd
H
QH or QH
CL = 50 pF
15.9
25.3
1
28
1
28
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV165A
SN74LV165A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
CL = 15 pF
65*
115*
55*
55
MHz
fmax
CL = 50 pF
60
90
50
50
MHz
CLK
8.6*
15.4*
1*
18*
1
18
tpd
SH/LD
QH or QH
CL = 15 pF
9.1*
15.8*
1*
18.5*
1
18.5
ns
tpd
H
QH or QH
CL = 15 pF
8.9*
14.1*
1*
16.5*
1
16.5
ns
CLK
10.9
14.9
1
16.9
1
16.9
tpd
SH/LD
QH or QH
CL = 50 pF
11.3
19.3
1
22
1
22
ns
tpd
H
QH or QH
CL = 50 pF
11.1
17.6
1
20
1
20
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV165A
SN74LV165A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
CL = 15 pF
110*
165*
90*
90
MHz
fmax
CL = 50 pF
95
125
85
85
MHz
CLK
6*
9.9*
1*
11.5*
1
11.5
tpd
SH/LD
QH or QH
CL = 15 pF
6*
9.9*
1*
11.5*
1
11.5
ns
tpd
H
QH or QH
CL = 15 pF
6*
9*
1*
10.5*
1
10.5
ns
CLK
7.7
11.9
1
13.5
1
13.5
tpd
SH/LD
QH or QH
CL = 50 pF
7.7
11.9
1
13.5
1
13.5
ns
tpd
H
QH or QH
CL = 50 pF
7.6
11
1
12.5
1
12.5
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
3.3 V
36.1
pF
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
5 V
37.5
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LV165APWTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV165APWTE4 TI-SN74LV165APWTE4 Datasheet
472Kb / 17P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN74LV165APWTE4 TI-SN74LV165APWTE4 Datasheet
600Kb / 20P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN74LV165APWTE4 TI-SN74LV165APWTE4 Datasheet
730Kb / 22P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results

Similar Description - SN74LV165APWTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165 TI-SN54LV165 Datasheet
168Kb / 8P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI-SN54HC166_07 Datasheet
636Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165A_101 TI-SN54LV165A_101 Datasheet
730Kb / 22P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54166 TI-SN54166 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI1-SN54HC166_16 Datasheet
1Mb / 34P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165_07 Datasheet
342Kb / 15P
[Old version datasheet]   PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165_10 Datasheet
832Kb / 24P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165 Datasheet
199Kb / 13P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI-SN54165_08 Datasheet
371Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI1-SN54165_15 Datasheet
755Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com