Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100EP17DWR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC100EP17DWR2G
Description  3.3V / 5V ECL Quad Differential Driver/Receiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP17DWR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC100EP17DWR2G Datasheet HTML 2Page - ON Semiconductor MC100EP17DWR2G Datasheet HTML 3Page - ON Semiconductor MC100EP17DWR2G Datasheet HTML 4Page - ON Semiconductor MC100EP17DWR2G Datasheet HTML 5Page - ON Semiconductor MC100EP17DWR2G Datasheet HTML 6Page - ON Semiconductor MC100EP17DWR2G Datasheet HTML 7Page - ON Semiconductor MC100EP17DWR2G Datasheet HTML 8Page - ON Semiconductor MC100EP17DWR2G Datasheet HTML 9Page - ON Semiconductor MC100EP17DWR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MC10EP17, MC100EP17
http://onsemi.com
6
Table 9. 100EP DC CHARACTERISTICS, NECL VCC = 0 V; VEE = −5.5 V to −3.0 V (Note 17)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
47
55
63
50
58
66
54
62
70
mA
VOH
Output HIGH Voltage (Note 18)
−1145 −1020
−895
−1145 −1020
−895
−1145 −1020
−895
mV
VOL
Output LOW Voltage (Note 18)
−1945 −1820 −1695 −1945 −1820 −1695 −1945 −1820 −1695
mV
VIH
Input HIGH Voltage (Single−Ended)
−1225
−880
−1225
−880
−1225
−880
mV
VIL
Input LOW Voltage (Single−Ended)
−1945
−1625 −1945
−1625 −1945
−1625
mV
VBB
Output Voltage Reference
−1525 −1425 −1325 −1525 −1425 −1325 −1525 −1425 −1325
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential) (Note 19)
VEE + 2.0
0.0
VEE + 2.0
0.0
VEE + 2.0
0.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
17.Input and output parameters vary 1:1 with VCC.
18.All loading with 50 W to VCC − 2.0 V.
19.VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
Table 10. AC CHARACTERISTICS VCC = 0 V; VEE = −3.0 V to −5.5 V or VCC = 3.0 V to 5.5 V; VEE = 0 V (Note 20)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Frequency (Figure 2)
> 3
> 3
> 3
GHz
tPLH,
tPHL
Propagation Delay to Output Differential
10 Series
100 Series
125
150
200
220
275
300
150
180
220
250
300
320
200
200
260
290
350
360
ps
tJITTER
CLOCK Random Jitter (RMS)
@ v 1.0 GHz
@ v 1.5 GHz
@ v 2.0 GHz
@ v 2.5 GHz
@ v 3.0 GHz
0.132
0.143
0.148
0.129
0.129
0.2
0.3
0.3
0.3
0.3
0.147
0.159
0.146
0.131
0.142
0.2
0.3
0.3
0.3
0.3
0.154
0.156
0.169
0.147
0.168
0.3
0.3
0.3
0.3
0.3
ps
VPP
Input Voltage Swing
(Differential Configuration)
150
800
1200
150
800
1200
150
800
1200
mV
tr
tf
Output Rise/Fall Times
Q, Q
(20% − 80%)
100
160
220
100
170
230
120
190
250
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
20.Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50 W to VCC − 2.0 V.


Similar Part No. - MC100EP17DWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP17DWR2G ONSEMI-MC100EP17DWR2G Datasheet
200Kb / 11P
   ECL Quad Differential Driver/Receiver
July, 2016 ??Rev. 9
More results

Similar Description - MC100EP17DWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP17 ONSEMI-MC10EP17 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY100EP16V MICREL-SY100EP16V Datasheet
514Kb / 12P
   3.3V/5V Precision ECL Differential Receiver/Driver
logo
ON Semiconductor
MC100EL17 ONSEMI-MC100EL17_06 Datasheet
114Kb / 6P
   5V ECL Quad Differential Receiver
October, 2006 ??Rev. 6
MC100LVEL17 ONSEMI-MC100LVEL17_06 Datasheet
122Kb / 6P
   3.3V ECL Quad Differential Receiver
November, 2006 ??Rev. 7
MC10EP16T ONSEMI-MC10EP16T Datasheet
75Kb / 8P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
September, 2002 ??Rev. 3
MC10EP16VA ONSEMI-MC10EP16VA_06 Datasheet
167Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain
December, 2006 ??Rev. 8
MC10EP16T ONSEMI-MC10EP16T_06 Datasheet
164Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
December, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY100EL17V MICREL-SY100EL17V_06 Datasheet
61Kb / 5P
   5V/3.3V QUAD DIFFERENTIAL RECEIVER
logo
ON Semiconductor
MC10EP16VA ONSEMI-MC10EP16VA Datasheet
77Kb / 8P
   3.3V / 5VECL Differential Receiver/Driver with High Gain
September, 2002 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com