Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10EP57 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10EP57
Description  3.3V / 5V ECL 4:1 Differential Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP57 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10EP57_06 Datasheet HTML 1Page - ON Semiconductor MC10EP57_06 Datasheet HTML 2Page - ON Semiconductor MC10EP57_06 Datasheet HTML 3Page - ON Semiconductor MC10EP57_06 Datasheet HTML 4Page - ON Semiconductor MC10EP57_06 Datasheet HTML 5Page - ON Semiconductor MC10EP57_06 Datasheet HTML 6Page - ON Semiconductor MC10EP57_06 Datasheet HTML 7Page - ON Semiconductor MC10EP57_06 Datasheet HTML 8Page - ON Semiconductor MC10EP57_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MC10EP57, MC100EP57
http://onsemi.com
2
Figure 1. 20−Lead Package (Top View) and Logic Diagram
D1
D1
D2
D0
17
18
16
15
14
13
12
4
3
5678
9
SEL0
11
10
VCC
Q
VCC
VBB1
VBB2
VEE
D0
19
20
2
1
VCC
SEL1
D2
VCC
D3
VEE
D3
4:1
Q
Warning: All VCC and VEE pins must be externally connected
to Power Supply to guarantee proper operation.
1
2
3
4
5
15
14
13
12
11
67
8
9
10
20
19
18
17
16
Figure 1. QFN−20 Pinout (Top View)
SEL0
VCC
Q
VCC
SEL1
VCC
Q
VCC
VBB2
VBB1
VEE
D1
D1
D2
D0
D0
D2
D3
D3
VEE
Exposed Pad
NOTE: The Exposed Pad (EP) on package bottom must be attached to a heat−sinking conduit.
The Exposed Pad may only be electrically connected to VEE.
MC10/100EP57
Table 1. PIN DESCRIPTION
PIN
FUNCTION
D0 − 3*, D0 − 3*
ECL Differential Data Inputs
SEL0*, SEL1*
ECL MUX Select Inputs
VBB1, VBB2
ECL Reference Output Voltage
Q, Q
ECL Data Outputs
VCC
Positive Supply
VEE
Negative Supply
EP
Exposed Pad
*Pins will default LOW when left open.
Table 2. TRUTH TABLE
SEL1
SEL0
DATA OUT
L
L
D0, D0
L
H
D1, D1
H
L
D2, D2
H
H
D3, D3


Similar Part No. - MC10EP57_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP57DT ONSEMI-MC10EP57DT Datasheet
99Kb / 8P
   4:1 Differential Multiplexer
April, 2000 ??Rev. 2
MC10EP57DT ONSEMI-MC10EP57DT Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
MC10EP57DTG ONSEMI-MC10EP57DTG Datasheet
113Kb / 10P
   ECL 4:1 Differential Multiplexer
April, 2014 ??Rev. 13
MC10EP57DTR2 ONSEMI-MC10EP57DTR2 Datasheet
99Kb / 8P
   4:1 Differential Multiplexer
April, 2000 ??Rev. 2
MC10EP57DTR2 ONSEMI-MC10EP57DTR2 Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
More results

Similar Description - MC10EP57_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP57 ONSEMI-MC100EP57 Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
logo
Micrel Semiconductor
SY100EP57V MICREL-SY100EP57V Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
logo
ON Semiconductor
MC10EL57 ONSEMI-MC10EL57_06 Datasheet
124Kb / 8P
   5V ECL 4:1 Differential Multiplexer
November, 2006 ??Rev. 7
MC10EP56 ONSEMI-MC10EP56_06 Datasheet
182Kb / 11P
   3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
NB100LVEP56 ONSEMI-NB100LVEP56 Datasheet
153Kb / 14P
   2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
MC10EP58 ONSEMI-MC10EP58_06 Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
MC100EP58 ONSEMI-MC100EP58 Datasheet
69Kb / 8P
   3.3V / 5V ECL 2:1 Multiplexer
June, 2001 ??Rev. 4
logo
Micrel Semiconductor
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
   3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10E457 ONSEMI-MC10E457_16 Datasheet
167Kb / 9P
   5V ECL Triple Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
MC100EL56 ONSEMI-MC100EL56_06 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com