Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10EP32DTG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC10EP32DTG
Description  3.3V / 5V ECL 첨2 Divider
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP32DTG Datasheet(HTML) 4 Page - ON Semiconductor

  MC10EP32DTG Datasheet HTML 1Page - ON Semiconductor MC10EP32DTG Datasheet HTML 2Page - ON Semiconductor MC10EP32DTG Datasheet HTML 3Page - ON Semiconductor MC10EP32DTG Datasheet HTML 4Page - ON Semiconductor MC10EP32DTG Datasheet HTML 5Page - ON Semiconductor MC10EP32DTG Datasheet HTML 6Page - ON Semiconductor MC10EP32DTG Datasheet HTML 7Page - ON Semiconductor MC10EP32DTG Datasheet HTML 8Page - ON Semiconductor MC10EP32DTG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MC10EP32, MC100EP32
http://onsemi.com
4
Table 6. 10EP DC CHARACTERISTICS, PECL VCC = 5.0 V, VEE = 0 V (Note 5)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
23
30
40
23
30
40
23
30
40
mA
VOH
Output HIGH Voltage (Note 6)
3865
3990
4115
3930
4055
4180
3990
4115
4240
mV
VOL
Output LOW Voltage (Note 6)
3065
3190
3315
3130
3255
3380
3190
3315
3440
mV
VIH
Input HIGH Voltage (Single−Ended)
3790
4115
3855
4180
3915
4240
mV
VIL
Input LOW Voltage (Single−Ended)
3065
3390
3130
3455
3190
3515
mV
VBB
Output Voltage Reference
3490
3590
3690
3555
3655
3755
3615
3715
3815
mV
VIHCMR
Input HIGH Voltage Common Mode Range
(Differential Configuration) (Note 7)
2.0
5.0
2.0
5.0
2.0
5.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
5. Input and output parameters vary 1:1 with VCC. VEE can vary +2.0 V to −0.5 V.
6. All loading with 50 W to VCC − 2.0 V.
7. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
Table 7. 10EP DC CHARACTERISTICS, NECL VCC = 0 V; VEE = −5.5 V to −3.0 V (Note 8)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
23
30
40
23
30
40
23
30
40
mA
VOH
Output HIGH Voltage (Note 9)
−1135 −1010
−885
−1070
−945
−820
−1010
−885
−760
mV
VOL
Output LOW Voltage (Note 9)
−1935 −1810 −1685 −1870 −1745 −1620 −1810 −1685 −1560
mV
VIH
Input HIGH Voltage (Single−Ended)
−1210
−885
−1145
−820
−1085
−760
mV
VIL
Input LOW Voltage (Single−Ended)
−1935
−1610 −1870
−1545 −1810
−1485
mV
VBB
Output Voltage Reference
−1510 −1410 −1310 −1445 −1345 −1245 −1385 −1285 −1185
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 10)
VEE+2.0
0.0
VEE+2.0
0.0
VEE+2.0
0.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
8. Input and output parameters vary 1:1 with VCC.
9. All loading with 50 W to VCC − 2.0 V.
10.VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.


Similar Part No. - MC10EP32DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP32DTG ONSEMI-MC10EP32DTG Datasheet
197Kb / 11P
   Divider
July, 2016 ??Rev. 12
More results

Similar Description - MC10EP32DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL32 ONSEMI-MC10EL32_08 Datasheet
152Kb / 9P
   5V ECL 첨2 Divider
December, 2008 ??Rev. 8
MC10EL32 ONSEMI-MC10EL32_06 Datasheet
155Kb / 9P
   5V ECL 첨2 Divider
December, 2006 ??Rev. 6
MC100LVEL32 ONSEMI-MC100LVEL32_06 Datasheet
140Kb / 8P
   3.3V ECL 첨2 Divider
December, 2006 ??Rev. 9
MC10EP33 ONSEMI-MC10EP33_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC100EP32 ONSEMI-MC100EP32 Datasheet
85Kb / 10P
   3.3V 5V ECL / 2 Divider
June, 2004 ??Rev. 7
MC10EL33 ONSEMI-MC10EL33_06 Datasheet
155Kb / 10P
   5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC10EL33 ONSEMI-MC10EL33_08 Datasheet
152Kb / 10P
   5V ECL 첨4 Divider
August, 2008 ??Rev. 10
MC10EP139 ONSEMI-MC10EP139_06 Datasheet
192Kb / 14P
   3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
December, 2006 ??Rev. 7
MC100LVEL33 ONSEMI-MC100LVEL33_06 Datasheet
140Kb / 8P
   3.3V ECL 첨4 Divider
December, 2006 ??Rev. 4
MC10EL32 ONSEMI-MC10EL32 Datasheet
76Kb / 3P
   첨2 Divider
1996 REV 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com