Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC543ADBR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC543ADBR
Description  OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC543ADBR Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC543ADBR Datasheet HTML 1Page - Texas Instruments SN74LVC543ADBR Datasheet HTML 2Page - Texas Instruments SN74LVC543ADBR Datasheet HTML 3Page - Texas Instruments SN74LVC543ADBR Datasheet HTML 4Page - Texas Instruments SN74LVC543ADBR Datasheet HTML 5Page - Texas Instruments SN74LVC543ADBR Datasheet HTML 6Page - Texas Instruments SN74LVC543ADBR Datasheet HTML 7Page - Texas Instruments SN74LVC543ADBR Datasheet HTML 8Page - Texas Instruments SN74LVC543ADBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(1)
SN74LVC543A
OCTAL REGISTERED TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS299H – JANUARY 1993 – REVISED MARCH 2005
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
6.5
V
VI
Input voltage range(2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high-impedance or power-off state(2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high or low state(2)(3)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCC or GND
±100
mA
DB package
63
θ
JA
Package thermal impedance(4)
DW package
46
°C/W
PW package
88
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The value of VCC is provided in the recommended operating conditions table.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
Operating
1.65
3.6
VCC
Supply voltage
V
Data retention only
1.5
VCC = 1.65 V to 1.95 V
0.65
× V
CC
VIH
High-level input voltage
VCC = 2.3 V to 2.7 V
1.7
V
VCC = 2.7 V to 3.6 V
2
VCC = 1.65 V to 1.95 V
0.35
× V
CC
VIL
Low-level input voltage
VCC = 2.3 V to 2.7 V
0.7
V
VCC = 2.7 V to 3.6 V
0.8
VI
Input voltage
0
5.5
V
High or low state
0
VCC
VO
Output voltage
V
3-state
0
5.5
VCC = 1.65 V
–4
VCC = 2.3 V
–8
IOH
High-level output current
mA
VCC = 2.7 V
–12
VCC = 3 V
–24
VCC = 1.65 V
4
VCC = 2.3 V
8
IOL
Low-level output current
mA
VCC = 2.7 V
12
VCC = 3 V
24
∆t/∆v
Input transition rise or fall rate
10
ns/V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
3


Similar Part No. - SN74LVC543ADBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC543ADBR TI-SN74LVC543ADBR Datasheet
174Kb / 10P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543ADBR TI1-SN74LVC543ADBR Datasheet
823Kb / 16P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC543ADBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT543A TI-SN74ABT543A Datasheet
108Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543A TI-SN74LVC543A Datasheet
150Kb / 10P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11543 TI1-74ACT11543_11 Datasheet
379Kb / 12P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74F543 TI1-SN74F543_15 Datasheet
506Kb / 13P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543A TI1-SN74LVC543A_16 Datasheet
823Kb / 16P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11543 TI-74ACT11543 Datasheet
101Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543 TI-SN74LVC543 Datasheet
99Kb / 6P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11544 TI1-74ACT11544 Datasheet
117Kb / 8P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT543 FAIRCHILD-74ABT543 Datasheet
78Kb / 8P
   Octal Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74F543 TI-SN74F543 Datasheet
96Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com