Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10EP51 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC10EP51
Description  3.3V / 5V ECL D Flip?묯lop with Reset and Differential Clock
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP51 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC10EP51 Datasheet HTML 2Page - ON Semiconductor MC10EP51 Datasheet HTML 3Page - ON Semiconductor MC10EP51 Datasheet HTML 4Page - ON Semiconductor MC10EP51 Datasheet HTML 5Page - ON Semiconductor MC10EP51 Datasheet HTML 6Page - ON Semiconductor MC10EP51 Datasheet HTML 7Page - ON Semiconductor MC10EP51 Datasheet HTML 8Page - ON Semiconductor MC10EP51 Datasheet HTML 9Page - ON Semiconductor MC10EP51 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MC10EP51, MC100EP51
http://onsemi.com
6
Table 10. 100EP DC CHARACTERISTICS, NECL VCC = 0 V; VEE = −5.5 V to −3.0 V (Note 17)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
26
34
44
26
35
45
28
37
47
mA
VOH
Output HIGH Voltage (Note 18)
−1145 −1020
−895
−1145 −1020
−895
−1145 −1020
−895
mV
VOL
Output LOW Voltage (Note 18)
−1945 −1820 −1695 −1945 −1820 −1695 −1945 −1820 −1695
mV
VIH
Input HIGH Voltage (Single−Ended)
−1225
−880
−1225
−880
−1225
−880
mV
VIL
Input LOW Voltage (Single−Ended)
−1945
−1625 −1945
−1625 −1945
−1625
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 19)
VEE + 2.0
0.0
VEE + 2.0
0.0
VEE + 2.0
0.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
17.Input and output parameters vary 1:1 with VCC.
18.All loading with 50 W to VCC − 2.0 V.
19.VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
Table 11. AC CHARACTERISTICS VCC = 0 V; VEE = −3.0 V to −5.5 V or VCC = 3.0 V to 5.5 V; VEE = 0 V (Note 20)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Frequency (Figure 2)
> 3
> 3
> 3
GHz
tPLH,
tPHL
Propagation Delay to Output Differential
CLK, CLK to Q, Q
10
100
RESET to Q, Q
250
275
300
300
340
380
350
425
450
270
300
325
320
375
400
370
450
475
300
350
350
350
425
425
420
500
500
ps
tRR
Reset Recovery
150
150
150
ps
tS
tH
Setup Time
Hold Time
100
100
100
100
80
40
100
100
ps
tPW
Minimum Pulse Width
RESET
500
440
500
440
500
440
ps
tJITTER
Cycle−to−Cycle Jitter (Figure 2)
.2
< 1
.2
< 1
.2
< 1
ps
tr
tf
Output Rise/Fall Times
Q, Q
(20% − 80%)
70
120
170
80
130
180
100
150
200
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
20.Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50 W to VCC − 2.0 V.


Similar Part No. - MC10EP51

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP51 ONSEMI-MC10EP51 Datasheet
76Kb / 8P
   3.3V / 5V ECL D Flip-Flop with Reset and Differential Clock
April, 2001 ??Rev. 3
MC10EP51 ONSEMI-MC10EP51 Datasheet
156Kb / 11P
   ECL D Flip-Flop with Reset and Differential Clock
November, 2012 ??Rev. 10
MC10EP51D ONSEMI-MC10EP51D Datasheet
76Kb / 8P
   3.3V / 5V ECL D Flip-Flop with Reset and Differential Clock
April, 2001 ??Rev. 3
MC10EP51D ONSEMI-MC10EP51D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC10EP51DG ONSEMI-MC10EP51DG Datasheet
156Kb / 11P
   ECL D Flip-Flop with Reset and Differential Clock
November, 2012 ??Rev. 10
More results

Similar Description - MC10EP51

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP52 ONSEMI-MC10EP52_06 Datasheet
162Kb / 12P
   3.3V / 5V ECL Differential Data and Clock D Flip?묯lop
December, 2006 ??Rev. 6
MC10EP29 ONSEMI-MC10EP29_06 Datasheet
173Kb / 11P
   3.3V / 5V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
December, 2006 ??Rev. 4
MC10EP31 ONSEMI-MC10EP31_06 Datasheet
158Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Set and Reset
December, 2006 ??Rev. 9
MC10EP51 ONSEMI-MC10EP51 Datasheet
76Kb / 8P
   3.3V / 5V ECL D Flip-Flop with Reset and Differential Clock
April, 2001 ??Rev. 3
MC100EL29 ONSEMI-MC100EL29_06 Datasheet
116Kb / 6P
   5V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
October, 2006 ??Rev. 4
MC100LVEL29 ONSEMI-MC100LVEL29_06 Datasheet
120Kb / 6P
   3.3V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
November, 2006 ??Rev. 5
MC10EP131 ONSEMI-MC10EP131 Datasheet
90Kb / 10P
   3.3V / 5V ECL Quad D Flip-Flop with Set, Reset, and Differential Clock
January, 2004 ??Rev. 7
MC100EL30 ONSEMI-MC100EL30_06 Datasheet
109Kb / 6P
   5V ECL Triple D Flip?묯lop with Set and Reset
October, 2006 ??Rev. 5
MC100LVEL30 ONSEMI-MC100LVEL30_06 Datasheet
114Kb / 6P
   3.3V ECL Triple D Flip?묯lop with Set and Reset
November, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY10EP51V MICREL-SY10EP51V_09 Datasheet
575Kb / 8P
   5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com