Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVCH16903DLRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74ALVCH16903DLRG4
Description  3.3-V 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER AND DUAL 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ALVCH16903DLRG4 Datasheet(HTML) 1 Page - Texas Instruments

  74ALVCH16903DLRG4 Datasheet HTML 1Page - Texas Instruments 74ALVCH16903DLRG4 Datasheet HTML 2Page - Texas Instruments 74ALVCH16903DLRG4 Datasheet HTML 3Page - Texas Instruments 74ALVCH16903DLRG4 Datasheet HTML 4Page - Texas Instruments 74ALVCH16903DLRG4 Datasheet HTML 5Page - Texas Instruments 74ALVCH16903DLRG4 Datasheet HTML 6Page - Texas Instruments 74ALVCH16903DLRG4 Datasheet HTML 7Page - Texas Instruments 74ALVCH16903DLRG4 Datasheet HTML 8Page - Texas Instruments 74ALVCH16903DLRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
FEATURES
DESCRIPTION
DGG, DGV, OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
OE
1Y1
1Y2
GND
2Y1
2Y2
VCC
3Y1
3Y2
4Y1
GND
4Y2
5Y1
5Y2
6Y1
6Y2
7Y1
GND
7Y2
8Y1
8Y2
VCC
9Y1
9Y2
GND
10Y1
10Y2
PAROE
CLK
1A
11A/YERREN
GND
11Y1
11Y2
VCC
2A
3A
4A
GND
12A
12Y1
12Y2
5A
6A
7A
GND
APAR
8A
YERR
VCC
9A
MODE
GND
10A
PARI/O
CLKEN
SN74ALVCH16903
3.3-V 12-BIT UNIVERSAL BUS DRIVER
WITH PARITY CHECKER AND DUAL 3-STATE OUTPUTS
SCES095D – MARCH 1997 – REVISED SEPTEMBER 2004
Member of the Texas Instruments Widebus™
Family
EPIC™ (Enhanced-Performance Implanted
CMOS) Submicron Process
Checks Parity
Able to Cascade With a Second
SN74ALVCH16903
ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
Latch-Up Performance Exceeds 250 mA Per
JESD 17
Bus Hold on Data Inputs Eliminates the Need
for External Pullup/Pulldown Resistors
Package Options Include Plastic 300-mil
Shrink Small-Outline (DL), Thin Shrink
Small-Outline (DGG), and Thin Very
Small-Outline (DGV) Packages
This 12-bit universal bus driver is designed for 2.3-V
to 3.6-V VCC operation.
The SN74ALVCH16903 has dual outputs and can
operate as a buffer or an edge-triggered register. In
both modes, parity is checked on APAR, which
arrives one cycle after the data to which it applies.
The YERR output, which is produced one cycle after
APAR, is open drain.
MODE selects one of the two data paths. When
MODE
is
low,
the
device
operates
as
an
edge-triggered register. On the positive transition of
the clock (CLK) input and when the clock-enable
(CLKEN) input is low, data set up at the A inputs is stored in the internal registers. On the positive transition of
CLK and when CLKEN is high, only data set up at the 9A–12A inputs is stored in their internal registers. When
MODE is high, the device operates as a buffer and data at the A inputs passes directly to the outputs.
11A/YERREN serves a dual purpose; it acts as a normal data bit and also enables YERR data to be clocked into
the YERR output register.
When used as a single device, parity output enable (PAROE) must be tied high; when parity input/output
(PARI/O) is low, even parity is selected and when PARI/O is high, odd parity is selected. When used in pairs and
PAROE is low, the parity sum is output on PARI/O for cascading to the second SN74ALVCH16903. When used
in pairs and PAROE is high, PARI/O accepts a partial parity sum from the first SN74ALVCH16903.
A buffered output-enable (OE) input can be used to place the 24 outputs and YERR in either a normal logic state
(high or low logic levels) or a high-impedance state. In the high-impedance state, the outputs neither load nor
drive the bus lines significantly. The high-impedance state and increased drive provide the capability to drive bus
lines without need for interface or pullup components.
OE does not affect the internal operation of the device. Old data can be retained or new data can be entered
while the outputs are in the high-impedance state.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus, EPIC are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1997–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - 74ALVCH16903DLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ALVCH16901DGGRE4 TI-74ALVCH16901DGGRE4 Datasheet
368Kb / 14P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
74ALVCH16901DGGRG4 TI-74ALVCH16901DGGRG4 Datasheet
368Kb / 14P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
More results

Similar Description - 74ALVCH16903DLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH16903 TI-SN74ALVCH16903 Datasheet
183Kb / 12P
[Old version datasheet]   3.3-V 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER AND DUAL 3-STATE OUTPUTS
logo
Integrated Device Techn...
IDT74ALVCH16903 IDT-IDT74ALVCH16903 Datasheet
125Kb / 13P
   3.3V CMOS 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER, DUAL 3-STATE OUTPUTS AND BUS-HOLD
logo
Texas Instruments
SN74ALVCF162835 TI-SN74ALVCF162835_07 Datasheet
322Kb / 14P
[Old version datasheet]   3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCF162835 TI-SN74ALVCF162835 Datasheet
183Kb / 12P
[Old version datasheet]   3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74LVTH16835-EP TI1-SN74LVTH16835-EP Datasheet
309Kb / 11P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCF162834 TI1-SN74ALVCF162834 Datasheet
478Kb / 14P
[Old version datasheet]   3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74LVT16835 TI-SN74LVT16835 Datasheet
109Kb / 7P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
74ACT11656 TI1-74ACT11656 Datasheet
253Kb / 11P
[Old version datasheet]   OCTAL BUFFER/LINE DRIVER WITH PARITY CHECKER/GENERATOR AND 3-STATE OUTPUTS
74ACT11657 TI1-74ACT11657 Datasheet
120Kb / 8P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN64BCT657 TI1-SN64BCT657 Datasheet
127Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com