Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10EP16DR2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10EP16DR2
Description  3.3V / 5V ECL Differential Receiver/Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP16DR2 Datasheet(HTML) 1 Page - ON Semiconductor

  MC10EP16DR2 Datasheet HTML 1Page - ON Semiconductor MC10EP16DR2 Datasheet HTML 2Page - ON Semiconductor MC10EP16DR2 Datasheet HTML 3Page - ON Semiconductor MC10EP16DR2 Datasheet HTML 4Page - ON Semiconductor MC10EP16DR2 Datasheet HTML 5Page - ON Semiconductor MC10EP16DR2 Datasheet HTML 6Page - ON Semiconductor MC10EP16DR2 Datasheet HTML 7Page - ON Semiconductor MC10EP16DR2 Datasheet HTML 8Page - ON Semiconductor MC10EP16DR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2006
December, 2006 − Rev. 5
1
Publication Order Number:
MC10EP16/D
MC10EP16, MC100EP16
3.3V / 5VECL Differential
Receiver/Driver
Description
The EP16 is a world−class differential receiver/driver. The device is
functionally equivalent to the EL16 and LVEL16 devices with higher
performance capabilities. With output transition times significantly
faster than the EL16 and LVEL16, the EP16 is ideally suited for
interfacing with high frequency sources.
The VBB pin, an internally generated voltage supply, is available to
this device only. For single-ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB
and VCC via a 0.01 mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
Under open input conditions (pulled to VEE) internal input clamps
will force the Q output LOW.
The 100 Series contains temperature compensation.
Features
220 ps Typical Propagation Delay
Maximum Frequency > 4 GHz Typical
PECL Mode Operating Range: VCC = 3.0 V to 5.5 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −3.0 V to −5.5 V
Open Input Default State
Safety Clamp on Inputs
Q Output Will Default LOW with Inputs Open or at VEE
VBB Output
Pb−Free Packages are Available
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
H
= MC10
K
= MC100
5L
= MC10
3B
= MC100
M
= Date Code
SOIC−8
D SUFFIX
CASE 751
MARKING DIAGRAMS*
TSSOP−8
DT SUFFIX
CASE 948R
ALYWG
G
HP16
ALYWG
G
KP16
1
8
1
8
1
8
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
1
8
HEP16
ALYW
G
1
8
KEP16
ALYW
G
1
8
DFN8
MN SUFFIX
CASE 506AA
14
14
(Note: Microdot may be in either location)


Similar Part No. - MC10EP16DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP16DR2 ONSEMI-MC10EP16DR2 Datasheet
87Kb / 8P
   Differential Receiver
Sep, 1999 ??Rev. 1.0
MC10EP16DR2G ONSEMI-MC10EP16DR2G Datasheet
194Kb / 11P
   ECL Differential Receiver/Driver
August, 2016 ??Rev. 7
More results

Similar Description - MC10EP16DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP17 ONSEMI-MC10EP17 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
logo
Micrel Semiconductor
SY100EP16V MICREL-SY100EP16V Datasheet
514Kb / 12P
   3.3V/5V Precision ECL Differential Receiver/Driver
logo
ON Semiconductor
MC10EP16T ONSEMI-MC10EP16T Datasheet
75Kb / 8P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
September, 2002 ??Rev. 3
MC10EP16VA ONSEMI-MC10EP16VA_06 Datasheet
167Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain
December, 2006 ??Rev. 8
MC10EP16T ONSEMI-MC10EP16T_06 Datasheet
164Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
December, 2006 ??Rev. 5
MC10EP16VA ONSEMI-MC10EP16VA Datasheet
77Kb / 8P
   3.3V / 5VECL Differential Receiver/Driver with High Gain
September, 2002 ??Rev. 4
MC10LVEP16 ONSEMI-MC10LVEP16_06 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10LVEP16 ONSEMI-MC10LVEP16 Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
MC100EP16F ONSEMI-MC100EP16F Datasheet
150Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver With Reduced Output Swing
December, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com