Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100EP016 Datasheet(PDF) 11 Page - ON Semiconductor

Part # MC100EP016
Description  3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP016 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MC100EP016 Datasheet HTML 6Page - ON Semiconductor MC100EP016 Datasheet HTML 7Page - ON Semiconductor MC100EP016 Datasheet HTML 8Page - ON Semiconductor MC100EP016 Datasheet HTML 9Page - ON Semiconductor MC100EP016 Datasheet HTML 10Page - ON Semiconductor MC100EP016 Datasheet HTML 11Page - ON Semiconductor MC100EP016 Datasheet HTML 12Page - ON Semiconductor MC100EP016 Datasheet HTML 13Page - ON Semiconductor MC100EP016 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MC10EP016, MC100EP016
http://onsemi.com
11
Applications Information (continued)
EP01
Q0 to Q7
P0 to P7
CLK
TC
PE
CE
Figure 6. 32-Bit Cascaded EP016 Programmable Divider
LO
CLK
CLK
CLK
MSB
LSB
EP016
EP01
EP01
Q0 to Q7
Q0 to Q7
Q0 to Q7
Q0 to Q7
P0 to P7
P0 to P7
P0 to P7
EP016
EP016
EP016
CLK
TC
PE
CE
CLK
CLK
TC
PE
CE
CLK
CLK
TC
PE
CE
CLK
Figure 6 shows a typical block diagram of a 32-bit divider
chain. Once again to maximize the frequency of operation
EP01 OR gates were used. For lower frequency applications
a slower OR gate could replace the EP01. Note that for a
16-bit divider the OR function feeding the PE (program
enable) input CANNOT be replaced by a wire OR tie as the
TC output of the least significant EP016 must also feed the
CE input of the most significant EP016. If the two TC
outputs were OR tied the cascaded count operation would
not operate properly. Because in the cascaded form the PE
feedback is external and requires external gating, the
maximum frequency of operation will be significantly less
than the same operation in a single device.
Maximizing EP016 Count Frequency
The EP016 device produces 9 fast transitioning
single−ended outputs, thus VCC noise can become
significant in situations where all of the outputs switch
simultaneously in the same direction. This VCC noise can
negatively impact the maximum frequency of operation of
the device. Since the device does not need to have the Q
outputs terminated to count properly, it is recommended that
if the outputs are not going to be used in the rest of the system
they should be left unterminated. In addition, if only a subset
of the Q outputs are used in the system only those outputs
should be terminated. Not terminating the unused outputs
will not only cut down the VCC noise generated but will also
save in total system power dissipation. Following these
guidelines will allow designers to either be more aggressive
in their designs or provide them with an extra margin to the
published data book specifications.
Figure 7. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V


Similar Part No. - MC100EP016

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP016 ONSEMI-MC100EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
MC100EP016 ONSEMI-MC100EP016 Datasheet
209Kb / 8P
   Clock Management Design Using Low Skew and Low Jitter Devices
June, 2001 ??Rev. 0
MC100EP016A ONSEMI-MC100EP016A Datasheet
98Kb / 12P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
May 2004 ??Rev. 4
MC100EP016A ONSEMI-MC100EP016A Datasheet
157Kb / 11P
   3.3 V ECL 8?묪it Synchronous Binary Up Counter
November 2006 ??Rev. 6
MC100EP016AFA ONSEMI-MC100EP016AFA Datasheet
98Kb / 12P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
May 2004 ??Rev. 4
More results

Similar Description - MC100EP016

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP016 ONSEMI-MC10EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
MC100EP016A ONSEMI-MC100EP016A_06 Datasheet
157Kb / 11P
   3.3 V ECL 8?묪it Synchronous Binary Up Counter
November 2006 ??Rev. 6
MC10E016 ONSEMI-MC10E016_06 Datasheet
175Kb / 12P
   5.0 V ECL 8?묪it Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC10EP016 ONSEMI-MC10EP016_16 Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
MC100EP016AMNG ONSEMI-MC100EP016AMNG Datasheet
137Kb / 13P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
March, 2008 - Rev. 9
MC10E016 ONSEMI-MC10E016_16 Datasheet
183Kb / 11P
   5.0VECL8?륛it Synchronous Binary Up Counter
July, 2016 ??Rev. 8
MC10E016 ONSEMI-MC10E016_08 Datasheet
181Kb / 12P
   5.0 VECL 8.Bit Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC100EP016A ONSEMI-MC100EP016A Datasheet
98Kb / 12P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
May 2004 ??Rev. 4
MC10EP445 ONSEMI-MC10EP445_06 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
MC10E016 ONSEMI-MC10E016 Datasheet
161Kb / 8P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
1996 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com