Part Name
         Description
MJD18002D2T4G

 POWER TRANSISTOR 2 AMPERES 1000 VOLTS, 50 WATTS Bipolar NPN Transistor ( 11 Page)


ONSEMI
100% 
Zoom Out Zoom In
 
 8 page
background image
MJD18002D2
http://onsemi.com
8
Typical Switching Characteristics
Figure 25. Inductive Switching Measurements
TIME
8
6
4
2
0
0
1
2
3
4
5
6
10
7
8
9
7
5
3
1
IC
IB
Vclamp
10% Vclamp
90% IB1
90% IC
tsi
tc
tfi
10% IC
Table 1. Inductive Load Switching Drive Circuit
V(BR)CEO(sus)
L = 10 mH
RB2 = ∞
VCC = 20 Volts
IC(pk) = 100 mA
Inductive Switching
L = 200 mH
RB2 = 0
VCC = 15 Volts
RB1 selected for
desired IB1
RBSOA
L = 500 mH
RB2 = 0
VCC = 15 Volts
RB1 selected for
desired IB1
+15 V
1 mF
150 W
3 W
100 W
3 W
MPF930
+10 V
50
W
COMMON
−Voff
500 mF
MPF930
MTP8P10
MUR105
MJE210
MTP12N10
MTP8P10
150 W
3 W
100 mF
Iout
A
RB1
RB2
1 mF
IC PEAK
VCE PEAK
VCE
IB
IB1
IB2



Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
MJD44E3Darlington Power Transistor DPAK For Surface Mount Applications 10 AMPERES 80 VOLTS 20 WATTS 1 2 3 ON Semiconductor
2N6387_06Plastic Medium−Power Silicon Transistors DARLINGTON NPN SILICON POWER TRANSISTORS 8 AND 10 AMPERES 65 WATTS 60 80 VOLTS 1 2 3 4 5 MoreON Semiconductor
2STW4468High power NPN epitaxial planar bipolar transistor 1 2 3 4 5 MoreSTMicroelectronics
BCP56-16Low power NPN Transistor 1 2 3 4 5 MoreSTMicroelectronics
BUL216_01HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
BUF460AV_03NPN TRANSISTOR POWER MODULE 1 2 3 4 5 MoreSTMicroelectronics
BULB128-1HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
BUV298AV_01NPN TRANSISTOR POWER MODULE 1 2 3 4 5 MoreSTMicroelectronics
MD1803DFH_0609High voltage NPN Power transistor for standard Definition CRT display 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl