Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJD31CT4 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJD31CT4
Description  Complementary Power Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD31CT4 Datasheet(HTML) 3 Page - ON Semiconductor

  MJD31CT4 Datasheet HTML 1Page - ON Semiconductor MJD31CT4 Datasheet HTML 2Page - ON Semiconductor MJD31CT4 Datasheet HTML 3Page - ON Semiconductor MJD31CT4 Datasheet HTML 4Page - ON Semiconductor MJD31CT4 Datasheet HTML 5Page - ON Semiconductor MJD31CT4 Datasheet HTML 6Page - ON Semiconductor MJD31CT4 Datasheet HTML 7Page - ON Semiconductor MJD31CT4 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MJD31, MJD31C (NPN), MJD32, MJD32C (PNP)
http://onsemi.com
3
0.03
IC, COLLECTOR CURRENT (AMPS)
5
0.07
0.3
3
70
30
300
VCE = 2 V
TJ = 150°C
100
0.1
0.7
25
°C
−55
°C
50
0.05
0.5
1
25
25
Figure 1. Power Derating
T, TEMPERATURE (
°C)
0
50
75
100
125
150
20
15
10
5
Figure 2. Switching Time Test Circuit
Figure 3. DC Current Gain
3
0.03
IC, COLLECTOR CURRENT (AMPS)
0.03
0.05 0.07 0.1
0.2
0.5 0.7
3
IB1 = IB2
IC/IB = 10
ts′ = ts − 1/8 tf
TJ = 25°C
0.3
2
1
0.7
0.5
0.3
ts
0.2
0.1
0.07
0.05
12
Figure 4. Turn−On Time
2
IC, COLLECTOR CURRENT (AMPS)
0.02
IC/IB = 10
TJ = 25°C
1
0.7
0.5
0.3
0.1
0.07
0.05
0.03
0.003
Figure 5. “On” Voltages
IC, COLLECTOR CURRENT (AMPS)
1
0.8
1.4
1.2
0.4
0
+11 V
25
ms
0
−9 V
RB
−4 V
D1
SCOPE
VCC
+30 V
RC
tr, tf ≤ 10 ns
DUTY CYCLE = 1%
51
RB and RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
D1 MUST BE FAST RECOVERY TYPE, e.g.:
1N5825 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈ 100 mA
REVERSE ALL POLARITIES FOR PNP.
500
7
10
0.03
0.07
0.3
3
0.1
0.7
0.05
0.5
1
tr @ VCC = 30 V
tr @ VCC = 10 V
td @ VBE(off) = 2 V
0.6
0.2
0.005
0.01 0.02 0.03 0.05
0.1
0.2 0.3 0.5
1
2
3
TJ = 25°C
VBE(sat) @ IC/IB = 10
VBE @ VCE = 2 V
VCE(sat) @ IC/IB = 10
tf @ VCC = 30 V
tf @ VCC = 10 V
2.5
0
2
1.5
1
0.5
TA TC
Figure 6. Turn−Off Time
TA (SURFACE MOUNT)
TC
TYPICAL CHARACTERISTICS


Similar Part No. - MJD31CT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJD31CT4 STMICROELECTRONICS-MJD31CT4 Datasheet
243Kb / 9P
   Low voltage NPN power transistor
MJD31CT4-A STMICROELECTRONICS-MJD31CT4-A Datasheet
241Kb / 9P
   Low voltage NPN power transistor
logo
ON Semiconductor
MJD31CT4G ONSEMI-MJD31CT4G Datasheet
135Kb / 10P
   Complementary Power Transistors
February, 2011 ??Rev. 8
MJD31CT4G ONSEMI-MJD31CT4G Datasheet
129Kb / 11P
   Complementary Power Transistors
July, 2013 ??Rev. 12
MJD31CT4G ONSEMI-MJD31CT4G Datasheet
100Kb / 10P
   Complementary Power Transistors
September, 2016 ??Rev. 16
More results

Similar Description - MJD31CT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955_02 Datasheet
188Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
logo
ON Semiconductor
2N3773 ONSEMI-2N3773 Datasheet
205Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
1995 REV 7
MJD2955-1G ONSEMI-MJD2955-1G Datasheet
184Kb / 7P
   Complementary Power Transistors
February, 2012 ??Rev. 12
logo
STMicroelectronics
TIP2955 STMICROELECTRONICS-TIP2955_08 Datasheet
88Kb / 7P
   Complementary power transistors
logo
ON Semiconductor
MJD31 ONSEMI-MJD31_11 Datasheet
135Kb / 10P
   Complementary Power Transistors
February, 2011 ??Rev. 8
MJD31 ONSEMI-MJD31_16 Datasheet
100Kb / 10P
   Complementary Power Transistors
September, 2016 ??Rev. 16
MJD2955 ONSEMI-MJD2955_13 Datasheet
138Kb / 7P
   Complementary Power Transistors
August, 2013 ??Rev. 13
MJD44H11 ONSEMI-MJD44H11_V01 Datasheet
310Kb / 11P
   Complementary Power Transistors
August, 2021 ??Rev. 21
MJD2955 ONSEMI-MJD2955 Datasheet
147Kb / 6P
   Complementary Power Transistors
1997 REV 2
logo
List of Unclassifed Man...
2N6109 ETC2-2N6109 Datasheet
365Kb / 6P
   Complementary Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com