Electronic Components Datasheet Search |
|
MJD112RL Datasheet(PDF) 1 Page - ON Semiconductor |
|
MJD112RL Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 8 page © Semiconductor Components Industries, LLC, 2006 January, 2006 − Rev. 7 1 Publication Order Number: MJD112/D MJD112 (NPN) MJD117 (PNP) Preferred Device Complementary Darlington Power Transistors DPAK For Surface Mount Applications Designed for general purpose power and switching such as output or driver stages in applications such as switching regulators, converters, and power amplifiers. Features • Lead Formed for Surface Mount Applications in Plastic Sleeves (No Suffix) • Straight Lead Version in Plastic Sleeves (“−1” Suffix) • Electrically Similar to Popular TIP31 and TIP32 Series • Pb−Free Packages are Available MAXIMUM RATINGS Rating Symbol Max Unit Collector−Emitter Voltage VCEO 100 Vdc Collector−Base Voltage VCB 100 Vdc Emitter−Base Voltage VEB 5 Vdc Collector Current − Continuous − Peak IC 2 4 Adc Base Current IB 50 mAdc Total Power Dissipation @ TC = 25°C Derate above 25 °C PD 20 0.16 W W/ °C Total Power Dissipation (Note1) @ TA = 25°C Derate above 25 °C PD 1.75 0.014 W W/ °C Operating and Storage Junction Temperature Range TJ, Tstg −65 to +150 °C THERMAL CHARACTERISTICS Characteristic Symbol Max Unit Thermal Resistance, Junction−to−Case RqJC 6.25 °C/W Thermal Resistance, Junction−to−Ambient (Note 1) RqJA 71.4 °C/W Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. These ratings are applicable when surface mounted on the minimum pad sizes recommended. SILICON POWER TRANSISTORS 2 AMPERES 100 VOLTS, 20 WATTS DPAK−3 CASE 369D DPAK CASE 369C MARKING DIAGRAMS Preferred devices are recommended choices for future use and best overall value. Y = Year WW = Work Week x = 2 or 7 G = Pb−Free Package 1 2 3 4 YWW J11xG See detailed ordering and shipping information in the package dimensions section on page 6 of this data sheet. ORDERING INFORMATION 1 2 3 4 YWW J11xG http://onsemi.com |
Similar Part No. - MJD112RL |
|
Similar Description - MJD112RL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |