Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJD44H11-001G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MJD44H11-001G
Description  Complementary Power Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD44H11-001G Datasheet(HTML) 5 Page - ON Semiconductor

  MJD44H11-001G Datasheet HTML 1Page - ON Semiconductor MJD44H11-001G Datasheet HTML 2Page - ON Semiconductor MJD44H11-001G Datasheet HTML 3Page - ON Semiconductor MJD44H11-001G Datasheet HTML 4Page - ON Semiconductor MJD44H11-001G Datasheet HTML 5Page - ON Semiconductor MJD44H11-001G Datasheet HTML 6Page - ON Semiconductor MJD44H11-001G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MJD44H11 (NPN) MJD45H11 (PNP)
http://onsemi.com
5
IC, COLLECTOR CURRENT (AMPS)
IC, COLLECTOR CURRENT (AMPS)
IC, COLLECTOR CURRENT (AMPS)
VCE = 4 V
TJ = 125°C
25°C
−40 °C
1000
0.1
Figure 4. MJD44H11 DC Current Gain
10
110
100
Figure 5. MJD45H11 DC Current Gain
Figure 6. MJD44H11 Current Gain
versus Temperature
Figure 7. MJD45H11 Current Gain
versus Temperature
IC/IB = 10
TJ = 25°C
0.1
Figure 8. MJD44H11 On−Voltages
IC, COLLECTOR CURRENT (AMPS)
1
0.8
1.2
0.4
0
0.6
0.2
110
TJ = 25°C
Figure 9. MJD45H11 On−Voltages
VCE = 1 V
IC/IB = 10
TJ = 25°C
0.1
IC, COLLECTOR CURRENT (AMPS)
1
0.8
1.2
0.4
0
0.6
0.2
1
10
1000
0.1
10
110
100
VCE = 1 V
IC, COLLECTOR CURRENT (AMPS)
VCE = 4 V
1000
0.1
10
110
100
TJ = 25°C
1 V
TJ = 125°C
25°C
−40 °C
1000
0.1
10
110
100
VCE = 1 V
VBE(sat)
VCE(sat)
VBE(sat)
VCE(sat)


Similar Part No. - MJD44H11-001G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD44H11-001 ONSEMI-MJD44H11-001 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
More results

Similar Description - MJD44H11-001G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955_02 Datasheet
188Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
logo
ON Semiconductor
2N3773 ONSEMI-2N3773 Datasheet
205Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
1995 REV 7
MJD2955-1G ONSEMI-MJD2955-1G Datasheet
184Kb / 7P
   Complementary Power Transistors
February, 2012 ??Rev. 12
logo
STMicroelectronics
TIP2955 STMICROELECTRONICS-TIP2955_08 Datasheet
88Kb / 7P
   Complementary power transistors
logo
ON Semiconductor
MJD31 ONSEMI-MJD31_11 Datasheet
135Kb / 10P
   Complementary Power Transistors
February, 2011 ??Rev. 8
MJD31 ONSEMI-MJD31_16 Datasheet
100Kb / 10P
   Complementary Power Transistors
September, 2016 ??Rev. 16
MJD2955 ONSEMI-MJD2955_13 Datasheet
138Kb / 7P
   Complementary Power Transistors
August, 2013 ??Rev. 13
MJD44H11 ONSEMI-MJD44H11_V01 Datasheet
310Kb / 11P
   Complementary Power Transistors
August, 2021 ??Rev. 21
MJD2955 ONSEMI-MJD2955 Datasheet
147Kb / 6P
   Complementary Power Transistors
1997 REV 2
MJD31 ONSEMI-MJD31_05 Datasheet
81Kb / 8P
   Complementary Power Transistors
June, 2005 ??Rev. 6
logo
List of Unclassifed Man...
2N6109 ETC2-2N6109 Datasheet
365Kb / 6P
   Complementary Power Transistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com