Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJD128 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MJD128
Description  Complementary Darlington Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD128 Datasheet(HTML) 4 Page - ON Semiconductor

  MJD128 Datasheet HTML 1Page - ON Semiconductor MJD128 Datasheet HTML 2Page - ON Semiconductor MJD128 Datasheet HTML 3Page - ON Semiconductor MJD128 Datasheet HTML 4Page - ON Semiconductor MJD128 Datasheet HTML 5Page - ON Semiconductor MJD128 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MJD128T4G (PNP)
http://onsemi.com
4
VR, REVERSE VOLTAGE (VOLTS)
Cib
30
1
5
20
100
TJ = 25°C
300
50
70
100
0.1
2
10
50
0.5
0.2
200
Figure 8. Capacitance
Cob
t, TIME OR PULSE WIDTH (ms)
1
0.01
1000
0.3
0.2
0.07
RqJC(t) = r(t) RqJC
RqJC = 6.25°C/W
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) qJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.01
0.7
0.5
0.1
0.05
0.03
0.02
0.02 0.03
0.05
0.1
0.2 0.3
0.5
1
2
3
5
10
20
30
50
100
200 300
500
0.2
SINGLE PULSE
D = 0.5
0.05
0.1
0.5
3
0.3
0.2
0.7
1
5
IC, COLLECTOR CURRENT (AMP)
VCC = 30 V
IC/IB = 250
IB1 = IB2
TJ = 25°C
3
2
0.7
0.5
0.3
0.2
ts
tf
tr
td @ VBE(off) = 0 V
Figure 9. Switching Times Test Circuit
Figure 10. Switching Times
0.1
1
10
7
5
2
Figure 11. Thermal Response
V2
APPROX
+8 V
0
≈ 8 k
SCOPE
VCC
−30 V
RC
51
FOR td AND tr, D1 IS DISCONNECTED
AND V2 = 0
FOR NPN TEST CIRCUIT REVERSE ALL POLARITIES.
25
ms
tr, tf ≤ 10 ns
DUTY CYCLE = 1%
+ 4 V
RB & RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
D1, MUST BE FAST RECOVERY TYPE, e.g.:
1N5825 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈ 100 mA
V1
APPROX
−12 V
TUT
RB
D1
≈ 120
0.07
0.05
0.1
0.01


Similar Part No. - MJD128

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MJD128 ISC-MJD128 Datasheet
245Kb / 2P
   isc Silicon PNP Darlington Power Transistor
logo
ON Semiconductor
MJD128T4G ONSEMI-MJD128T4G Datasheet
185Kb / 6P
   Complementary Darlington Power Transistor
February, 2012 ??Rev. 5
MJD128T4G ONSEMI-MJD128T4G Datasheet
92Kb / 6P
   Complementary Darlington Power Transistor
January, 2016 ??Rev. 6
MJD128T4G ONSEMI-MJD128T4G_12 Datasheet
185Kb / 6P
   Complementary Darlington Power Transistor
February, 2012 ??Rev. 5
More results

Similar Description - MJD128

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD128T4G ONSEMI-MJD128T4G Datasheet
92Kb / 6P
   Complementary Darlington Power Transistor
January, 2016 ??Rev. 6
MJD122 ONSEMI-MJD122_11 Datasheet
136Kb / 7P
   Complementary Darlington Power Transistor
March, 2011 ??Rev. 10
logo
Seme LAB
MJ11028 SEME-LAB-MJ11028 Datasheet
59Kb / 2P
   COMPLEMENTARY DARLINGTON POWER TRANSISTOR
logo
ON Semiconductor
MJD122 ONSEMI-MJD122_16 Datasheet
106Kb / 8P
   Complementary Darlington Power Transistor
September, 2016 ??Rev. 15
MJD122 ONSEMI-MJD122_05 Datasheet
87Kb / 7P
   Complementary Darlington Power Transistor
December, 2005 ??Rev. 7
MJD128T4G ONSEMI-MJD128T4G_12 Datasheet
185Kb / 6P
   Complementary Darlington Power Transistor
February, 2012 ??Rev. 5
logo
Central Semiconductor C...
CJD112 CENTRAL-CJD112 Datasheet
481Kb / 2P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTOR
CJD122-NPN CENTRAL-CJD122-NPN Datasheet
126Kb / 2P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTOR
logo
Seme LAB
2N6295 SEME-LAB-2N6295 Datasheet
15Kb / 2P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTOR
logo
ON Semiconductor
MJ2501 ONSEMI-MJ2501 Datasheet
98Kb / 4P
   DARLINGTON POWER TRANSISTOR COMPLEMENTARY SILICON
1998
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com