Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJD122 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MJD122
Description  Complementary Darlington Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD122 Datasheet(HTML) 4 Page - ON Semiconductor

  MJD122_05 Datasheet HTML 1Page - ON Semiconductor MJD122_05 Datasheet HTML 2Page - ON Semiconductor MJD122_05 Datasheet HTML 3Page - ON Semiconductor MJD122_05 Datasheet HTML 4Page - ON Semiconductor MJD122_05 Datasheet HTML 5Page - ON Semiconductor MJD122_05 Datasheet HTML 6Page - ON Semiconductor MJD122_05 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MJD122 (NPN)
http://onsemi.com
4
IC, COLLECTOR CURRENT (AMP)
0.2
*IC/IB ≤ hFE/3
0.1
−55
°C to 25°C
12
3
10
104
VBE, BASE−EMITTER VOLTAGE (VOLTS)
10−1
0
+0.4
103
102
101
100
−0.2 −0.4
−0.6
TJ = 150°C
100
°C
REVERSE
FORWARD
25
°C
VCE = 30 V
105
+0.6
+0.2
−0.8
−1
−1.2 −1.4
104
VBE, BASE−EMITTER VOLTAGE (VOLTS)
10−1
103
102
101
100
105
+5
−5
qVB for VBE 25°C to 150°C
qVC for VCE(sat)
Figure 5. Temperature Coefficients
VR, REVERSE VOLTAGE (VOLTS)
Cib
30
1
5
20
100
TJ = 25°C
300
50
70
100
0.1
2
10
50
PNP
NPN
0.5
0.2
Figure 6. Collector Cut−Off Region
Figure 7. Small−Signal Current Gain
1
f, FREQUENCY (kHz)
100
210
500
5000
TC = 25°C
VCE = 4 Vdc
IC = 3 Adc
3000
550
20
100
10,000
200
300
200
500 1000
PNP MJD127
NPN MJD122
−4
−3
−2
−1
0
+4
+3
+2
+1
0.5
0.3
7
5
IC, COLLECTOR CURRENT (AMP)
0.2
0.1
1
2
3
0.5
0.3
7
5
2000
1000
10
50
20
30
PNP
NPN
200
Figure 8. Capacitance
+5
−5
−4
−3
−2
−1
0
+4
+3
+2
+1
0.7
10
0
−0.4
+0.2
+0.4 +0.6
−0.6
−0.2
+0.8
+1
+1.2 +1.4
−55
°C to 25°C
25
°C to 150°C
*IC/IB ≤ hFE/3
25
°C to 150°C
−55
°C to 25°C
25
°C to 150°C
−55
°C to 25°C
*
qVC for VCE(sat)
qVB for VBE
REVERSE
FORWARD
VCE = 30 V
TJ = 150°C
100
°C
25
°C
Cob
TYPICAL ELECTRICAL CHARACTERISTICS


Similar Part No. - MJD122_05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJD122 STMICROELECTRONICS-MJD122_07 Datasheet
232Kb / 9P
   Low voltage power Darlington transistor
logo
Fairchild Semiconductor
MJD122 FAIRCHILD-MJD122_09 Datasheet
157Kb / 5P
   NPN Silicon Darlington Transistor
More results

Similar Description - MJD122_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD128T4G ONSEMI-MJD128T4G Datasheet
92Kb / 6P
   Complementary Darlington Power Transistor
January, 2016 ??Rev. 6
MJD122 ONSEMI-MJD122_11 Datasheet
136Kb / 7P
   Complementary Darlington Power Transistor
March, 2011 ??Rev. 10
logo
Seme LAB
MJ11028 SEME-LAB-MJ11028 Datasheet
59Kb / 2P
   COMPLEMENTARY DARLINGTON POWER TRANSISTOR
logo
ON Semiconductor
MJD122 ONSEMI-MJD122_16 Datasheet
106Kb / 8P
   Complementary Darlington Power Transistor
September, 2016 ??Rev. 15
MJD128 ONSEMI-MJD128 Datasheet
75Kb / 6P
   Complementary Darlington Power Transistor
March, 2007 ??Rev. 1
MJD128T4G ONSEMI-MJD128T4G_12 Datasheet
185Kb / 6P
   Complementary Darlington Power Transistor
February, 2012 ??Rev. 5
logo
Central Semiconductor C...
CJD112 CENTRAL-CJD112 Datasheet
481Kb / 2P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTOR
CJD122-NPN CENTRAL-CJD122-NPN Datasheet
126Kb / 2P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTOR
logo
Seme LAB
2N6295 SEME-LAB-2N6295 Datasheet
15Kb / 2P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTOR
logo
ON Semiconductor
MJ2501 ONSEMI-MJ2501 Datasheet
98Kb / 4P
   DARLINGTON POWER TRANSISTOR COMPLEMENTARY SILICON
1998
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com