Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGP15N40CLG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MGP15N40CLG
Description  Ignition IGBT 15 Amps, 410 Volts N-Channel TO-220 and D2PAK
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MGP15N40CLG Datasheet(HTML) 3 Page - ON Semiconductor

  MGP15N40CLG Datasheet HTML 1Page - ON Semiconductor MGP15N40CLG Datasheet HTML 2Page - ON Semiconductor MGP15N40CLG Datasheet HTML 3Page - ON Semiconductor MGP15N40CLG Datasheet HTML 4Page - ON Semiconductor MGP15N40CLG Datasheet HTML 5Page - ON Semiconductor MGP15N40CLG Datasheet HTML 6Page - ON Semiconductor MGP15N40CLG Datasheet HTML 7Page - ON Semiconductor MGP15N40CLG Datasheet HTML 8Page - ON Semiconductor MGP15N40CLG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MGP15N40CL, MGB15N40CL
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (continued)
Characteristic
Symbol
Test Conditions
Temperature
Min
Typ
Max
Unit
ON CHARACTERISTICS
(continued) (Note 3)
Collector−to−Emitter On−Voltage
VCE(on)
IC = 20 A,
VGE = 4.0 V
TJ = 25°C
1.9
2.2
2.5
VDC
TJ = 150°C
2.1
2.4
2.7*
TJ = −40°C
1.85
2.15
2.45
IC = 25 A,
VGE = 4.0 V
TJ = 25°C
2.1
2.5
2.9
TJ = 150°C
2.5
2.9
3.3*
TJ = −40°C
2.0
2.4
2.8
Collector−to−Emitter On−Voltage
VCE(on)
IC = 10 A, VGE = 4.5 V
TJ = 150°C
1.5
1.8
VDC
Forward Transconductance
gfs
VCE = 5.0 V, IC = 6.0 A
TJ = −40°C to 150°C
8.0
15
25
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VCC = 25 V, VGE = 0 V
f = 1.0 MHz
TJ = −40°C to 150°C
1000
1300
pF
Output Capacitance
COSS
100
130
Transfer Capacitance
CRSS
5.0
8.0
SWITCHING CHARACTERISTICS (Note 3)
Turn−Off Delay Time (Inductive)
td(off)
VCC = 300 V, IC = 6.5 A
RG = 1.0 kW, L = 300 mH
TJ = 25°C
4.0
10
mSec
TJ = 150°C
4.5
10
Fall Time (Inductive)
tf
VCC = 300 V, IC = 6.5 A
RG = 1.0 kW, L = 300 mH
TJ = 25°C
7.0
10
TJ = 150°C
10
15*
Turn−Off Delay Time (Resistive)
td(off)
VCC = 300 V, IC = 6.5 A
RG = 1.0 kW, RL = 46 W,
TJ = 25°C
4.0
10
mSec
TJ = 150°C
4.5
10
Fall Time (Resistive)
tf
VCC = 300 V, IC = 6.5 A
RG = 1.0 kW, RL = 46 W,
TJ = 25°C
13
20
TJ = 150°C
16
20
Turn−On Delay Time
td(on)
VCC = 10 V, IC = 6.5 A
RG = 1.0 kW, RL = 1.5 W
TJ = 25°C
1.0
1.5
mSec
TJ = 150°C
1.0
1.5
Rise Time
tr
VCC = 10 V, IC = 6.5 A
RG = 1.0 kW, RL = 1.5 W
TJ = 25°C
4.5
6.0
TJ = 150°C
5.0
6.0
3. Pulse Test: Pulse Width
v 300 mS, Duty Cycle v 2%.
*Maximum Value of Characteristic across Temperature Range.


Similar Part No. - MGP15N40CLG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGP15N40CL ONSEMI-MGP15N40CL Datasheet
100Kb / 8P
   Internally Clamped N-Channel IGBT
April, 2000 ??Rev. 1
MGP15N40CL ONSEMI-MGP15N40CL Datasheet
81Kb / 12P
   Ignition IGBT 15 Amps, 410 Volts
April, 2002 ??Rev. 7
More results

Similar Description - MGP15N40CLG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGP15N35CL ONSEMI-MGP15N35CL_06 Datasheet
250Kb / 10P
   Ignition IGBT 15 Amps, 350 Volts N-Channel TO-220 and D2PAK
July, 2006 ??Rev. 5
MGB15N40CL ONSEMI-MGB15N40CL Datasheet
81Kb / 12P
   Ignition IGBT 15 Amps, 410 Volts
April, 2002 ??Rev. 7
NGD15N41CL ONSEMI-NGD15N41CL Datasheet
167Kb / 11P
   Ignition IGBT 15 Amps, 410 Volts
May, 2006 ??Rev. 7
NGD15N41CLT4 ONSEMI-NGD15N41CLT4 Datasheet
94Kb / 12P
   Ignition IGBT 15 Amps, 410 Volts
March, 2004 ??Rev. 5
NGD15N41CL ONSEMI-NGD15N41CL_11 Datasheet
147Kb / 11P
   Ignition IGBT 15 A, 410 V N.Channel DPAK, D2PAK and TO.220
December, 2011 ??Rev. 8
NTP75N06 ONSEMI-NTP75N06_V01 Datasheet
176Kb / 9P
   Power MOSFET 75 Amps, 60 Volts, N−Channel TO−220 and D2PAK
December, 2012 - Rev. 3
NTP27N06 ONSEMI-NTP27N06 Datasheet
83Kb / 12P
   Power MOSFET 27 Amps, 60 Volts N-Channel TO-220 and D2PAK
August, 2001 ??Rev. 2
NTB5426N ONSEMI-NTB5426N Datasheet
118Kb / 7P
   Power MOSFET 120 Amps, 60 Volts N-Channel D2PAK, TO-220
November, 2008 ??Rev. 0
NTB75N03R ONSEMI-NTB75N03R Datasheet
73Kb / 8P
   Power MOSFET 75 Amps, 25 Volts N-Channel D2PAK, TO-220
October, 2003 ??Rev. 2
NTB5411N ONSEMI-NTB5411N Datasheet
148Kb / 7P
   Power MOSFET 80 Amps, 60 Volts N-Channel D2PAK, TO-220
October, 2009 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com