Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGP15N40CLG Datasheet(PDF) 6 Page - ON Semiconductor

Part # MGP15N40CLG
Description  Ignition IGBT 15 Amps, 410 Volts N-Channel TO-220 and D2PAK
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MGP15N40CLG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MGP15N40CLG Datasheet HTML 2Page - ON Semiconductor MGP15N40CLG Datasheet HTML 3Page - ON Semiconductor MGP15N40CLG Datasheet HTML 4Page - ON Semiconductor MGP15N40CLG Datasheet HTML 5Page - ON Semiconductor MGP15N40CLG Datasheet HTML 6Page - ON Semiconductor MGP15N40CLG Datasheet HTML 7Page - ON Semiconductor MGP15N40CLG Datasheet HTML 8Page - ON Semiconductor MGP15N40CLG Datasheet HTML 9Page - ON Semiconductor MGP15N40CLG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MGP15N40CL, MGB15N40CL
http://onsemi.com
6
250
500
RG, EXTERNAL GATE RESISTANCE (W)
750
1000
VCC = 300 V
VGE = 5.0 V
TJ = 150°C
IC = 10 A
L = 300
mH
2
4
0
6
8
10
12
14
250
500
Figure 13. Switching Speed vs. External Gate
Resistance
Figure 14. Switching Speed vs. External Gate
Resistance
RG, EXTERNAL GATE RESISTANCE (W)
750
1000
VCC = 300 V
VGE = 5.0 V
TJ = 25°C
IC = 10 A
L = 300
mH
2
4
0
6
8
10
12
14
td(off)
tf
td(off)
tf
0.2
0.00001
0.001
0.0001
0.1
10
1
0.01
0.01
t,TIME (S)
Single Pulse
110
0.1
0.05
0.02
0.01
100
1000
Duty Cycle = 0.5
0.1
Figure 15. Transient Thermal Resistance
(Non−normalized Junction−to−Ambient mounted on
fixture in Figure 16)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT T1
TJ(pk) − TA = P(pk) RqJA(t)
RqJC ≅ R(t) for t ≤ 0.2 s


Similar Part No. - MGP15N40CLG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGP15N40CL ONSEMI-MGP15N40CL Datasheet
100Kb / 8P
   Internally Clamped N-Channel IGBT
April, 2000 ??Rev. 1
MGP15N40CL ONSEMI-MGP15N40CL Datasheet
81Kb / 12P
   Ignition IGBT 15 Amps, 410 Volts
April, 2002 ??Rev. 7
More results

Similar Description - MGP15N40CLG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGP15N35CL ONSEMI-MGP15N35CL_06 Datasheet
250Kb / 10P
   Ignition IGBT 15 Amps, 350 Volts N-Channel TO-220 and D2PAK
July, 2006 ??Rev. 5
MGB15N40CL ONSEMI-MGB15N40CL Datasheet
81Kb / 12P
   Ignition IGBT 15 Amps, 410 Volts
April, 2002 ??Rev. 7
NGD15N41CL ONSEMI-NGD15N41CL Datasheet
167Kb / 11P
   Ignition IGBT 15 Amps, 410 Volts
May, 2006 ??Rev. 7
NGD15N41CLT4 ONSEMI-NGD15N41CLT4 Datasheet
94Kb / 12P
   Ignition IGBT 15 Amps, 410 Volts
March, 2004 ??Rev. 5
NGD15N41CL ONSEMI-NGD15N41CL_11 Datasheet
147Kb / 11P
   Ignition IGBT 15 A, 410 V N.Channel DPAK, D2PAK and TO.220
December, 2011 ??Rev. 8
NTP75N06 ONSEMI-NTP75N06_V01 Datasheet
176Kb / 9P
   Power MOSFET 75 Amps, 60 Volts, N−Channel TO−220 and D2PAK
December, 2012 - Rev. 3
NTP27N06 ONSEMI-NTP27N06 Datasheet
83Kb / 12P
   Power MOSFET 27 Amps, 60 Volts N-Channel TO-220 and D2PAK
August, 2001 ??Rev. 2
NTB5426N ONSEMI-NTB5426N Datasheet
118Kb / 7P
   Power MOSFET 120 Amps, 60 Volts N-Channel D2PAK, TO-220
November, 2008 ??Rev. 0
NTB75N03R ONSEMI-NTB75N03R Datasheet
73Kb / 8P
   Power MOSFET 75 Amps, 25 Volts N-Channel D2PAK, TO-220
October, 2003 ??Rev. 2
NTB5411N ONSEMI-NTB5411N Datasheet
148Kb / 7P
   Power MOSFET 80 Amps, 60 Volts N-Channel D2PAK, TO-220
October, 2009 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com