Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCR100-6RLRA Datasheet(PDF) 4 Page - ON Semiconductor

Part # MCR100-6RLRA
Description  Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCR100-6RLRA Datasheet(HTML) 4 Page - ON Semiconductor

  MCR100-6RLRA Datasheet HTML 1Page - ON Semiconductor MCR100-6RLRA Datasheet HTML 2Page - ON Semiconductor MCR100-6RLRA Datasheet HTML 3Page - ON Semiconductor MCR100-6RLRA Datasheet HTML 4Page - ON Semiconductor MCR100-6RLRA Datasheet HTML 5Page - ON Semiconductor MCR100-6RLRA Datasheet HTML 6Page - ON Semiconductor MCR100-6RLRA Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MCR100 Series
http://onsemi.com
4
DC
Figure 3. Typical Holding Current versus
Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
1000
100
110
65
50
35
20
5
−10
−25
−40
Figure 4. Typical Latching Current versus
Junction Temperature
10
Figure 5. Typical RMS Current Derating
IT(RMS), RMS ON-STATE CURRENT (AMPS)
120
110
100
90
80
70
60
50
0.5
0.4
0.3
0.2
0.1
0
Figure 6. Typical On−State Characteristics
VT, INSTANTANEOUS ON-STATE VOLTAGE (VOLTS)
3.5
3.2
2.3
2.0
1.7
1.4
1.1
0.8
0.5
1
0.1
40
10
95
80
TJ, JUNCTION TEMPERATURE (°C)
1000
100
110
65
50
35
20
5
−10
−25
−40
10
95
80
30
°
60
°
90
°
120
°
180
°
2.9
2.6
MAXIMUM @ TJ = 110°C
MAXIMUM @ TJ = 25°C


Similar Part No. - MCR100-6RLRA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCR100-6RLRA ONSEMI-MCR100-6RLRA Datasheet
65Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 6
logo
Kersemi Electronic Co.,...
MCR100-6RLRA KERSEMI-MCR100-6RLRA Datasheet
414Kb / 6P
   Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR100-6RLRAG ONSEMI-MCR100-6RLRAG Datasheet
65Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 6
More results

Similar Description - MCR100-6RLRA

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MCK100 UTC-MCK100 Datasheet
173Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR100 UTC-MCR100_10 Datasheet
171Kb / 6P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR101 UTC-MCR101_10 Datasheet
183Kb / 5P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR100 UTC-MCR100 Datasheet
139Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
logo
ON Semiconductor
MCR716 ONSEMI-MCR716_05 Datasheet
60Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 5
MCR8S ONSEMI-MCR8S Datasheet
58Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 3
MCR72 ONSEMI-MCR72_05 Datasheet
64Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 3
NYC008-6JG ONSEMI-NYC008-6JG Datasheet
142Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
January, 2010 ??Rev. 0
logo
SEMTECH ELECTRONICS LTD...
MCR100 SEMTECH_ELEC-MCR100 Datasheet
249Kb / 3P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
logo
ON Semiconductor
MCR8DSM ONSEMI-MCR8DSM Datasheet
67Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 4
MCR703A ONSEMI-MCR703A Datasheet
66Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2007 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com