Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10E445FNR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10E445FNR2
Description  5V ECL 4-Bit Serial/Parallel Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E445FNR2 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10E445FNR2 Datasheet HTML 1Page - ON Semiconductor MC10E445FNR2 Datasheet HTML 2Page - ON Semiconductor MC10E445FNR2 Datasheet HTML 3Page - ON Semiconductor MC10E445FNR2 Datasheet HTML 4Page - ON Semiconductor MC10E445FNR2 Datasheet HTML 5Page - ON Semiconductor MC10E445FNR2 Datasheet HTML 6Page - ON Semiconductor MC10E445FNR2 Datasheet HTML 7Page - ON Semiconductor MC10E445FNR2 Datasheet HTML 8Page - ON Semiconductor MC10E445FNR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MC10E445, MC100E445
http://onsemi.com
2
VCCO
NC
MODE
SINA
SINA
Q3
VCCO
CL/4
CL/4
VCCO
CL/8
CL/8
SOUT
SOUT
VCC
Q0
Q1
VCCO
Q2
SINB
SINB
SEL
VEE
CLK
CLK
VBB
18
17
16
15
14
13
12
19
20
21
22
23
24
25
11
10
9
8
7
6
5
26
27
28
1
2
3
4
MC10E445
* All VCC and VCCO pins are tied together on the die.
Warning: All VCC, VCCO, and VEE pins must be externally con-
nected to Power Supply to guarantee proper operation.
Figure 1. Pinout: PLCC−28 (Top View)
Table 1. PIN DESCRIPTION
PIN
FUNCTION
SINA, SINA
SINB, SINB
SEL
Q0−Q3
CLK, CLK
CL/4, CL/4
CL/8, CL/8
MODE
SYNCH
VBB
VCC, VCCO
VEE
NC
ECL Differential Serial Data Input A
ECL Differential Serial Data Input B
ECL Serial Input Selector Pin
ECL Parallel Data Outputs
ECL Differential Clock Inputs
ECL Differential ÷4 Clock Output
ECL Differential ÷8 Clock Output
ECL Conversion Mode 4-Bit/8-Bit
ECL Conversion Synchronizing Input
Reference Voltage Output
Positive Supply
Negative Supply
No Connect


Similar Part No. - MC10E445FNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E445 ONSEMI-MC10E445 Datasheet
100Kb / 8P
   4-BIT SERIAL/ PARALLEL CONVERTER
1997 REV 3
More results

Similar Description - MC10E445FNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E446 ONSEMI-MC10E446_06 Datasheet
147Kb / 12P
   5V ECL 4-Bit Parallel/Serial Converter
November, 2006 ??Rev. 8
MC100EP445 ONSEMI-MC100EP445 Datasheet
115Kb / 16P
   3.3V/5V ECL 8-Bit Serial/Parallel Converter
November, 2002 - Rev. 7
MC10EP445 ONSEMI-MC10EP445_14 Datasheet
151Kb / 19P
   ECL 8-Bit Serial/Parallel Converter
June, 2014 ??Rev. 16
MC10EP445 ONSEMI-MC10EP445_06 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
logo
Semtech Corporation
SK10E445PJ SEMTECH-SK10E445PJ Datasheet
171Kb / 8P
   4-bit serial / parallel converter
logo
ON Semiconductor
MC10E446 ONSEMI-MC10E446 Datasheet
125Kb / 6P
   4-BIT PARALLEL/ SERIAL CONVERTER
1996 REV 2
MC10E445 ONSEMI-MC10E445 Datasheet
100Kb / 8P
   4-BIT SERIAL/ PARALLEL CONVERTER
1997 REV 3
MC10EP446 ONSEMI-MC10EP446 Datasheet
173Kb / 20P
   3.3V/5V 8짯Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2004 ??Rev. 5
logo
Micrel Semiconductor
SY10E445 MICREL-SY10E445 Datasheet
92Kb / 8P
   4-BIT SERIAL-to-PARALLEL CONVERTER
SY10E446 MICREL-SY10E446 Datasheet
85Kb / 9P
   4-BIT PARALLEL-TO-SERIAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com