Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10E431FNG Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC10E431FNG
Description  5V ECL 3-Bit Differential Flip-Flop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E431FNG Datasheet(HTML) 6 Page - ON Semiconductor

  MC10E431FNG Datasheet HTML 1Page - ON Semiconductor MC10E431FNG Datasheet HTML 2Page - ON Semiconductor MC10E431FNG Datasheet HTML 3Page - ON Semiconductor MC10E431FNG Datasheet HTML 4Page - ON Semiconductor MC10E431FNG Datasheet HTML 5Page - ON Semiconductor MC10E431FNG Datasheet HTML 6Page - ON Semiconductor MC10E431FNG Datasheet HTML 7Page - ON Semiconductor MC10E431FNG Datasheet HTML 8Page - ON Semiconductor MC10E431FNG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MC10E431, MC100E431
http://onsemi.com
6
Table 8. AC CHARACTERISTICS VCCx= 5.0 V; VEE= 0.0 V or VCCx= 0.0 V; VEE= −5.0 V (Note 13)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fMAX
Maximum Toggle Frequency
1.1
GHz
tPLH
tPHL
Propagation Delay to Output
CLK
R
S
550
500
500
700
725
725
850
975
975
550
550
550
700
725
725
850
925
925
550
550
550
700
725
725
850
925
925
ps
tS
Setup Time
D
R (Note 14)
S (Note 14)
250
1100
1100
0
700
700
200
1000
1000
0
700
700
200
1000
1000
0
700
700
ps
tH
Hold Time
D
250
0
200
0
200
0
ps
tPW
Minimum Pulse Width
CLK
400
400
400
ps
tskew
Within-Device Skew (Note 15)
50
50
ps
tJITTER
Random Clock Jitter (RMS)
< 1
< 1
< 1
ps
VPP
Input Voltage Swing
(Differential Configuration)
150
1000
150
1000
150
1000
mV
tr/tf
Rise/Fall Times
(20−80%)
250
450
700
275
450
650
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification
limit values are applied individually under normal operating conditions and not valid simultaneously.
13.10 Series: VEE can vary −0.46 V / +0.06 V.
100 Series: VEE can vary −0.46 V / +0.8 V.
14.These setup times define the minimum time the CLK or SET/RESET input must wait after the assertion of the RESET/SET input to assure
the proper operation of the flip-flop.
15.Within-device skew is defined as identical transitions on similar paths through a device.


Similar Part No. - MC10E431FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E431FNG ONSEMI-MC10E431FNG Datasheet
168Kb / 9P
   5V ECL 3?륛it Differential Flip?륡lop
July, 2016 ??Rev. 11
More results

Similar Description - MC10E431FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL51 ONSEMI-MC10EL51_06 Datasheet
152Kb / 9P
   5V ECL Differential Clock D Flip-Flop
December, 2006 ??Rev. 6
MC10E131 ONSEMI-MC10E131_06 Datasheet
129Kb / 8P
   5V ECL 4-Bit D Flip-Flop
November, 2006 ??Rev. 11
MC10EL35 ONSEMI-MC10EL35_06 Datasheet
144Kb / 8P
   5V ECL JK Flip-Flop
December, 2006 ??Rev. 6
MC10E431 ONSEMI-MC10E431 Datasheet
109Kb / 4P
   3-BIT DIFFERENTIAL FLIP-FLOP
1996 REV 3
logo
Micrel Semiconductor
SY10E431 MICREL-SY10E431_06 Datasheet
62Kb / 4P
   3-BIT DIFFERENTIAL FLIP-FLOP
logo
ON Semiconductor
MC10EL52 ONSEMI-MC10EL52_06 Datasheet
153Kb / 9P
   5V ECL Differential Data and Clock D Flip-Flop
December, 2006 ??Rev. 5
MC10E431 ONSEMI-MC10E431_16 Datasheet
168Kb / 9P
   5V ECL 3?륛it Differential Flip?륡lop
July, 2016 ??Rev. 11
logo
Micrel Semiconductor
SY10E431 MICREL-SY10E431 Datasheet
61Kb / 4P
   3-BIT DIFFERENTIAL FLIP-FLOP
logo
ON Semiconductor
MC10EP51 ONSEMI-MC10EP51 Datasheet
76Kb / 8P
   3.3V / 5V ECL D Flip-Flop with Reset and Differential Clock
April, 2001 ??Rev. 3
MC100LVEL51 ONSEMI-MC100LVEL51_06 Datasheet
140Kb / 8P
   3.3V ECL Differential Clock D Flip-Flop
December, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com