Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC75174BP Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC75174BP
Description  Quad EIA??85 Line Drivers with Three?뭆tate Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC75174BP Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC75174BP Datasheet HTML 5Page - ON Semiconductor MC75174BP Datasheet HTML 6Page - ON Semiconductor MC75174BP Datasheet HTML 7Page - ON Semiconductor MC75174BP Datasheet HTML 8Page - ON Semiconductor MC75174BP Datasheet HTML 9Page - ON Semiconductor MC75174BP Datasheet HTML 10Page - ON Semiconductor MC75174BP Datasheet HTML 11Page - ON Semiconductor MC75174BP Datasheet HTML 12Page - ON Semiconductor MC75174BP Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MC75172B, MC75174B
http://onsemi.com
9
The
maximum
ambient
operating
temperature
(applicable to both EIA−485 and EIA−422−A) is listed as
85
°C. However, a lower ambient may be required
depending on system use (i.e. specifically how many
drivers within a package are used) and at what current
levels they are operating. The maximum power which may
be dissipated within the package is determined by:
PDmax +
T
Jmax
–T
A
RqJA
RqJA = package thermal resistance (typical
70
°C/W for the DIP package, 85°C/W for
SOIC package);
TJmax = max. operating junction
temperature, and
TA = ambient temperature.
where:
Since the thermal shutdown feature has a trip point of
150
°C, ±20°C, TJmax is selected to be 130°C. The power
dissipated within the package is calculated from:
= {[(VCC − VOH)
• IOH] + VOL • IOL)} each
driver = + (VCC
• ICC)
VCC = the supply voltage;
VOH, VOL are measured or estimated from
Figures 7 to 10;
ICC = the quiescent power supply current
(typical 60 mA).
PD
where:
As indicated in the equation, the first term (in brackets)
must be calculated and summed for each of the four drivers,
while the last term is common to the entire package.
Example 1: TA = 25
°C, IOL = IOH = 55 mA for each
driver, VCC = 5.0 V, DIP package. How many drivers per
package can be used?
Maximum allowable power dissipation is:
PDmax +
130
°C * 25°C
70
°C W
+ 1.5 W
Since the power supply current of 60 mA dissipates
300 mW, that leaves 1.2 W (1.5 W − 0.3 W) for the drivers.
From Figures 7 and 9, VOL
[1.75 V, and VOH [3.85 V.
The power dissipated in each driver is:
{(5.0 − 3.85)
• 0.055} + (1.75 • 0.055) = 160 mW.
Since each driver dissipates 160 mW, the four drivers per
package could be used in this application.
Example 2: TA = 85
°C, IOL = 27.8 mA, IOH = 20 mA for
each driver, VCC =5.0 V, SOIC package. How many drivers
per package can be used?
Maximum allowable power dissipation is:
PDmax +
130
°C * 85°C
85
°C W
+ 0.53 W
Since the power supply current of 60 mA dissipates
300 mW, that leaves 230 mW (530 mW − 300 mW) for the
drivers. From Figures 8 and 10 (adjusted for VCC = 5.0 V),
VOL
[1.38 V, and VOH [4.27 V. The power dissipated
in each driver is:
{(5.0 − 4.27)
• 0.020} + (1.38 • 0.0278) = 53 mW
Since each driver dissipates 53 mW, the use of all four
drivers in a package would be marginal. Options include
reducing
the
load
current,
reducing
the
ambient
temperature, and/or providing a heat sink.
System Requirements
EIA−485 requires each driver to be capable of
transmitting data differentially to at least 32 unit loads, plus
an equivalent DC termination resistance of 60
W, over a
common mode voltage of −7.0 to 12 V. A unit load (U.L.),
as defined by EIA−485, is shown in Figure 17.
Figure 17. Unit Load Definition
1.0 mA
V
5.0 V
−3.0 V
−7.0 V
12 V
−0.8 mA
Reprinted from EIA−485, Electronic Industries Association,
Washington,DC.
I
A load current within the shaded regions represents an
impedance of less than one U.L., while a load current of a
magnitude outside the shaded area is greater than one U.L.
A system’s total load is the sum of the unit load equivalents
of each receiver’s input current, and each disabled driver’s
output leakage current. The 60
W termination resistance
mentioned above allows for two 120
W terminating
resistors.
Using the EIA−485 requirements (worst case limits), and
the graphs of Figures 7 and 9, it can be determined that the
maximum current an MC75172B or MC75174B driver will
source or sink is
[65 mA.
System Example
An example of a typical EIA−485 system is shown in
Figure 18. In this example, it is assumed each receiver’s
input characteristics correspond to 1.0 U.L. as defined in
Figure 17. Each “off” driver, with a maximum leakage of
±50 mA over the common mode range, presents a load of
[0.06 U.L. The total load for the active driver is therefore
8.3 unit loads, plus the parallel combination of the two
terminating resistors (60
W). It is up to the system software
to control the driver Enable pins to ensure that only one
driver is active at any time.


Similar Part No. - MC75174BP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC75174BP ONSEMI-MC75174BP Datasheet
180Kb / 12P
   QUAD EIA-485 LINE DRIVERS
1996 REV 1
MC75174BP ONSEMI-MC75174BP Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
logo
Motorola, Inc
MC75174BP MOTOROLA-MC75174BP Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
More results

Similar Description - MC75174BP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74172B ONSEMI-MC74172B Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
logo
Motorola, Inc
SN75175 MOTOROLA-SN75175 Datasheet
135Kb / 8P
   QUAD EIA-485 LINE RECEIVER WITH THREE-STATE OUTPUTS
MC34058 MOTOROLA-MC34058 Datasheet
240Kb / 12P
   HEX EIA??85 TRANSCEIVER with THREE?밪TATE OUTPUTS
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B Datasheet
180Kb / 12P
   QUAD EIA-485 LINE DRIVERS
1996 REV 1
logo
NTE Electronics
NTE7175 NTE-NTE7175 Datasheet
40Kb / 3P
   Integrated Circuit Quad EIA−422 Line Driver With Three−State Outputs
NTE7174 NTE-NTE7174 Datasheet
39Kb / 3P
   Integrated Circuit Quad EIA−422 Line Receiver With Three−State Outputs
logo
ON Semiconductor
MC74AC125 ONSEMI-MC74AC125_06 Datasheet
142Kb / 9P
   Quad Buffer with 3?뭆tate Outputs
October, 2006 ??Rev. 7
logo
Motorola, Inc
AM26LS32 MOTOROLA-AM26LS32 Datasheet
81Kb / 4P
   QUAD EIA-422/3 LINE RECEIVER WITH THREE.STATE OUTPUTS
logo
Aeroflex Circuit Techno...
UT54ACS365 AEROFLEX-UT54ACS365 Datasheet
234Kb / 10P
   Hex Buffers/Line Drivers with Three-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com