Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC44608P75G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC44608P75G
Description  Few External Components Reliable and Flexible SMPS Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC44608P75G Datasheet(HTML) 3 Page - ON Semiconductor

  MC44608P75G Datasheet HTML 1Page - ON Semiconductor MC44608P75G Datasheet HTML 2Page - ON Semiconductor MC44608P75G Datasheet HTML 3Page - ON Semiconductor MC44608P75G Datasheet HTML 4Page - ON Semiconductor MC44608P75G Datasheet HTML 5Page - ON Semiconductor MC44608P75G Datasheet HTML 6Page - ON Semiconductor MC44608P75G Datasheet HTML 7Page - ON Semiconductor MC44608P75G Datasheet HTML 8Page - ON Semiconductor MC44608P75G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MC44608
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
OUTPUT SECTION
Output Resistor
W
Sink Resistance
ROL
5.0
8.5
15
Source Resistance
ROH
15
Output Voltage Rise Time (from 3.0 V up to 9.0 V) (Note 1)
tr
50
ns
Output Voltage Falling Edge Slew−Rate (from 9.0 V down to 3.0 V) (Note 1)
tf
50
ns
CONTROL INPUT SECTION
Duty Cycle @ Ipin3 = 2.5 mA
d2mA
2.0
%
Duty Cycle @ Ipin3 = 1.0 mA
d1mA
36
43
48
%
Control Input Clamp Voltage (Switching Phase) @ Ipin3 = −1.0 mA
4.75
5.0
5.25
V
Latched Phase Control Input Voltage (Standby) @ Ipin3 = +500 mA
VLP−stby
3.4
3.9
4.3
V
Latched Phase Control Input Voltage (Standby) @ Ipin3 = +1.0 mA
VLP−stby
2.4
3.0
3.7
V
current sense section
Maximum Current Sense Input Threshold
VCS−th
0.95
1.0
1.05
V
Input Bias Current
IB−cs
−1.8
1.8
mA
Standby Current Sense Input Current
ICS−stby
180
200
220
mA
Startup Phase Current Sense Input Current
ICS−stup
180
200
220
mA
Propagation Delay (Current Sense Input to Output @ VTH T MOS = 3.0 V)
TPLH(In/Out)
220
ns
Leading Edge Blanking Duration
MC44608P40
TLEB
480
ns
Leading Edge Blanking Duration
MC44608P75
TLEB
250
ns
Leading Edge Blanking + Propagation Delay
MC44608P40
TDLY
500
680
900
ns
Leading Edge Blanking + Propagation Delay
MC44608P75
TDLY
370
470
570
ns
oscillator section
Normal Operation Frequency MC44608P40
fosc
36
40
44
kHz
Normal Operation Frequency MC44608P75
fosc
68
75
82
kHz
Maximum Duty Cycle @ f = fosc
dmax
78
82
86
%
OVERvoltage section
Quick OVP Input Filtering (Rdemag = 100 kW)
Tfilt
250
ns
Propagation Delay (Idemag > Iovp to output low)
TPHL(In/Out)
2.0
ms
Quick OVP Current Threshold
IOVP
105
120
140
mA
Protection Threshold Level on VCC
VCC−OVP
14.8
15.3
15.8
V
Minimum Gap Between VCC−OVP and Vstup−th
VCC−OVP − Vstup
1.0
V
1. This parameter is measured using 1.0 nF connected between the output and the ground.


Similar Part No. - MC44608P75G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC44608P75 ONSEMI-MC44608P75 Datasheet
266Kb / 16P
   Few External Components Reliable Flexible GreenLine Very High Voltage PWM Controller
January, 2000 ??Rev. 2
More results

Similar Description - MC44608P75G

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL44608 IKSEMICON-IL44608 Datasheet
342Kb / 13P
   External Components Reliable and Flexible SMPS Controller
IL44608N IKSEMICON-IL44608N_16 Datasheet
712Kb / 13P
   External Components Reliable and Flexible SMPS Controller
IL44608N IKSEMICON-IL44608N Datasheet
498Kb / 13P
   External Components Reliable and Flexible SMPS Controller
logo
ON Semiconductor
MC44608 ONSEMI-MC44608 Datasheet
266Kb / 16P
   Few External Components Reliable Flexible GreenLine Very High Voltage PWM Controller
January, 2000 ??Rev. 2
logo
IK Semicon Co., Ltd
ILA7056B IKSEMICON-ILA7056B Datasheet
391Kb / 7P
   Few external components
logo
STMicroelectronics
STEVAL-ISA048V2 STMICROELECTRONICS-STEVAL-ISA048V2 Datasheet
164Kb / 4P
   Few external components
July 2009 Rev 1
logo
Unisonic Technologies
TDA7360L-J11-T UTC-TDA7360L-J11-T Datasheet
235Kb / 6P
   Very few external components
logo
Hotchip Technology Co.,...
PT4115 HOTCHIP-PT4115 Datasheet
733Kb / 8P
   Very few external components
logo
Shenzhen Huazhimei Semi...
HM8001 HMSEMI-HM8001 Datasheet
422Kb / 3P
   Single ASIC chip design with very few external components
logo
Maxim Integrated Produc...
MAX17245 MAXIM-MAX17245 Datasheet
1Mb / 17P
   Eliminates External Components and Reduces
Rev 0; 4/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com