Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC44605 Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC44605
Description  High Safety, Latched Mode, GreenLine TM PWM Controller for (Multi) Synchronized Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC44605 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC44605 Datasheet HTML 4Page - ON Semiconductor MC44605 Datasheet HTML 5Page - ON Semiconductor MC44605 Datasheet HTML 6Page - ON Semiconductor MC44605 Datasheet HTML 7Page - ON Semiconductor MC44605 Datasheet HTML 8Page - ON Semiconductor MC44605 Datasheet HTML 9Page - ON Semiconductor MC44605 Datasheet HTML 10Page - ON Semiconductor MC44605 Datasheet HTML 11Page - ON Semiconductor MC44605 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MC44605
http://onsemi.com
8
Summary of the Main Design Equations
The following table consists of equations enabling to dimension a multisynchronized SMPS operating in discontinuous
mode.
Pinmax +
Poutmax
η
Poutmax is the maximum power the load may draw in normal working.
The maximum input power Pinmax is easily deducted by dividing Poutmax by the
efficiency (
η). In this kind of application, the efficiency is generally taken equal to
80%.
Lpmax +
2·Vac
min
NVo
2·Vac
min)
NVo
2
Pinmax
fsyncmax
2
The inductor value Lp must be chosen lower than Lpmax or ideally equal to this
value (to optimize the application design−in).
In effect, if Lp was higher than Lpmax, a synchronized and discontinuous working
could not be guaranteed (in some cases, the demagnetization phase would not be
finished while a new conduction phase should start to follow the synchronization).
Ipkmax +
2
Pinmax
L
fsync
min
Ipkmax is the maximum inductor peak current. This current is obtained when the
power to transfer is maximum at the minimum synchronization frequency (60 W
output, 30 kHz in the proposed application).
dmax +
Pinmax
Lp
fsyncmax
Vac
min
dmax is the maximum duty cycle. The duty cycle is maximum at the lowest input
voltage when the power demand is maximum while the synchronization frequency
also is maximum.
Ponmax +
1
3
Rdson
Ipkmax2
dmax
Ponmax is the maximum MOSFET on−time losses that are proportional to Ipkmax,
dmax and Rdson (on−time MOSFET resistor).
This conduction losses estimation enables to dimension the power MOSFET.
(V
DS
) max
+ 2
Vacmax ) (N
Vout)
(VDS)max is the maximum voltage the power switch must be able to face. In fact,
this calculation does not take into account the turnings off spikes. So, it is
necessary to take a margin of at least about 50 V.
(V
D
) max
+
2
Vacmax
N
) Vout
(VD)max is the maximum voltage the high voltage secondary diode must be able
to face. Because of the turning off spikes, a margin must also be taken.
(ni)max + N
n
Vout
Ipkmax
(AL) and (ni) are the magnetic parameters.
(ni)max must not exceed the ferrite (ni). Otherwise, the transformer may get
saturated when the peak current is high.
A
L +
L
P
(N
n
Vout
)2
(AL) is the ferrite constant that links the primary inductor value to the squared
number of primary turns: Lp = AL x np2.
Error Amplifier
A fully compensated Error Amplifier with access to the
inverting input and output is provided. It features a typical
DC voltage gain of 70 dB. The non inverting input is
internally biased at 2.5 V and is not pinned out. The
converter output voltage is typically divided down and
monitored by the inverting input. The maximum input bias
current with the inverting input at 2.5 V is −2.0
mA. This can
cause an output voltage error that is equal to the product of
the input bias current and the equivalent input divider source
resistance.
+
1.0 mA
2.5 V
Figure 1. Error Amplifier Compensation
Compensation
RFB
Cf
R1
R2
From Power Supply Output
Rf
13
14
Voltage
Feedback
Input
Error
Amplifier
2R
R
1.0 V
Current
Sense
Comparator
GND
4
MC44605


Similar Part No. - MC44605

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC44605 ONSEMI-MC44605 Datasheet
328Kb / 20P
   High Safety, Latched Mode, GreenLine PWM Controller for (Multi)Synchronized Applications
May, 2000 ??Rev. 2
MC44605P ONSEMI-MC44605P Datasheet
328Kb / 20P
   High Safety, Latched Mode, GreenLine PWM Controller for (Multi)Synchronized Applications
May, 2000 ??Rev. 2
More results

Similar Description - MC44605

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC44605 ONSEMI-MC44605 Datasheet
328Kb / 20P
   High Safety, Latched Mode, GreenLine PWM Controller for (Multi)Synchronized Applications
May, 2000 ??Rev. 2
MC44604 ONSEMI-MC44604_05 Datasheet
189Kb / 22P
   High Safety Pulsed Mode Standby GreenLine TM PWM Controller
October, 2005 ??Rev. 5
MC44604 ONSEMI-MC44604 Datasheet
341Kb / 24P
   High Safety Pulsed Mode Stanby GreenLine PWM Controller
April, 2000 ??Rev. 2
MC44603A ONSEMI-MC44603A Datasheet
405Kb / 24P
   MIXED FREQUENCY MODE GREENLINE PWM CONTROLLER
1999 REV 1
MC44603 ONSEMI-MC44603 Datasheet
451Kb / 24P
   MIXED FREQUENCY MODE GREENLINE PWM CONTROLLER
1999 REV 1
MC33368 ONSEMI-MC33368_05 Datasheet
276Kb / 16P
   High Voltage GreenLine TM Power Factor Controller
September, 2005 ??Rev. 8
MC33364 ONSEMI-MC33364_06 Datasheet
229Kb / 16P
   Critical Conduction GreenLine TM SMPS Controller
July, 2006 ??Rev. 16
MC44603A ONSEMI-MC44603A_05 Datasheet
259Kb / 22P
   Enhanced Mixed Frequency Mode GreenLine TM PWM Controller:Fixed Frequency, Variable Frequency,Standby Mode
November, 2005 ??Rev. 4
logo
Diodes Incorporated
AP3304 DIODES-AP3304 Datasheet
684Kb / 12P
   MULTI-MODE PWM CONTROLLER
Rev. 4 - 2 October 2021
AP3118 DIODES-AP3118 Datasheet
1Mb / 17P
   HIGH-PERFORMANCE MULTI-MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com