Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MC44604_05 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. MC44604_05
Description  High Safety Pulsed Mode Standby GreenLine TM PWM Controller
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 4 page
background image
MC44604
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (VCC and VC = 12 V [Note 6], Rref = 10 kW, CT = 820 pF, for typical values TA = 25°C,
for min/max values TA = −25° to +85°C [Note 7], unless otherwise noted.)
Characteristic
Pin #
Symbol
Min
Typ
Max
Unit
ERROR AMPLIFIER SECTION (continued)
Output Current
13
mA
Sink (VE/A out = 1.5 V, VFB = 2.7 V)
TA = −25° to +85°C
ISink
2.0
12
Source (VE/A out = 5.0 V, VFB = 2.3 V)
TA = −25° to +85°C
ISource
−2.0
−0.2
Output Voltage Swing
13
V
High State (IE/A out (source) = 0.5 mA, VFB = 2.3 V)
VOH
5.5
6.5
7.5
Low State (IE/A out (sink) = 0.33 mA, VFB = 2.7 V)
VOL
1.0
1.1
REFERENCE SECTION
Reference Output Voltage (VCC = 10 V to 15 V)
16
Vref
2.4
2.5
2.6
V
Reference Current Range (Iref = Vref/Rref, R = 5.0 k to 25 kW)
16
Iref
−500
−100
mA
Reference Voltage Over Iref Range
DVref
−40
40
mV
OSCILLATOR SECTION
Frequency
FOSC
kHz
TA = 0° to +70°C
40.5
46
48.5
TA = −25° to +85°C
40
49
Frequency Change with Voltage (VCC = 10 V to 15 V)
DFOSC/DV
0.05
%/V
Frequency Change with Temperature (TA = −25° to +85°C)
DFOSC/DT
0.05
%/
°C
Oscillator Voltage Swing (Peak−to−Peak)
10
VOSC(P−P)
2.0
V
Ratio Charge Current/Reference Current (TA = −25° to +85°C)
Icharge/Iref
0.35
0.43
Fixed Maximum Duty Cycle = Idischarge/(Idischarge + Icharge)
D
78
80
82
%
UNDERVOLTAGE LOCKOUT SECTION
Startup Threshold
1
Vstup−th
13.6
14.5
15.4
V
Disable Voltage After Threshold Turn−On
1
Vdisable1
V
TA = 0° to +70°C
8.6
9.0
9.4
TA = −25° to +85°C
8.3
9.6
Disable Voltage After Threshold Turn−On
1
Vdisable2
7.0
7.5
8.0
V
Delta VCC During Standby (Vstup−th −Vdisable2)
(TA = −25°C to 85°C)
1
Vstup−th
−Vdisable2
1.8
2.0
2.2
V
DEMAGNETIZATION DETECTION SECTION
Demagnetization Detect Input
8
Demagnetization Comparator Threshold (Vpin8 Decreasing)
Vdemag−th
50
65
80
mV
Propagation Delay (Input to Output, Low to High)
0.25
ms
Input Bias Current (Vdemag = 65 mV)
Idemag−lb
−0.5
mA
Negative Clamp Level (Idemag = −2.0 mA)
CL(neg)
−0.38
V
Positive Clamp Level (Idemag = +2.0 mA)
CL(pos)
0.72
V
SOFT−START SECTION
Ratio Charge Current/Iref
Iss(ch)/Iref
TA = 0° to +70°C
0.37
0.4
0.43
TA = −25° to +85°C
0.36
0.44
Discharge Current (Vsoft−start = 1.0 V)
11
Idischarge
1.5
5.0
mA
Clamp Level
Vss(CL)
2.2
2.4
2.6
V
Duty Cycle (Rsoft−start = 12 kW)
Duty Cycle (Vsoft−start (pin11) = 0.1 V)
Dsoft−start 12k
Dsoft−start
36
42
49
0
%
6. Adjust VCC above the startup threshold before setting to 12 V.
7. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AP3842High Performance Current Mode PWM Controller 1 2 3 4 5 MoreAnachip Corp
MC44603A_05Enhanced Mixed Frequency Mode GreenLine TM PWM Controller:Fixed Frequency Variable Frequency Standby Mode 1 2 3 4 5 MoreON Semiconductor
NCP1271Soft−Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch 1 2 3 4 5 MoreON Semiconductor
NCP1282High Performance Active Clamp/Reset PWM Controller Featuring 500 V Startup 1 2 3 4 5 MoreON Semiconductor
NCP1381Low−Standby High Performance PWM Controller 1 2 3 4 5 MoreON Semiconductor
NCP1395High Performance Resonant Mode Controller 1 2 3 4 5 MoreON Semiconductor
TS925RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER With Standby Mode and Adjustable Phantom Ground 1 2 3 4 5 MoreSTMicroelectronics
NCP1562AHigh Performance Active Clamp/Reset PWM Controller 1 2 3 4 5 MoreON Semiconductor
LM3842ACURRENT MODE PWM CONTROLLER 1 2 3 4 5 MoreHTC Korea TAEJIN Technology Co.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl