Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC44604 Datasheet(PDF) 15 Page - ON Semiconductor

Part # MC44604
Description  High Safety Pulsed Mode Standby GreenLine TM PWM Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC44604 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button MC44604_05 Datasheet HTML 11Page - ON Semiconductor MC44604_05 Datasheet HTML 12Page - ON Semiconductor MC44604_05 Datasheet HTML 13Page - ON Semiconductor MC44604_05 Datasheet HTML 14Page - ON Semiconductor MC44604_05 Datasheet HTML 15Page - ON Semiconductor MC44604_05 Datasheet HTML 16Page - ON Semiconductor MC44604_05 Datasheet HTML 17Page - ON Semiconductor MC44604_05 Datasheet HTML 18Page - ON Semiconductor MC44604_05 Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
MC44604
http://onsemi.com
15
The Sawtooth Generation
In the steady state, the oscillator voltage varies between
about 1.6 V and 3.6 V.
Indeed, the sawtooth is obtained by charging and
discharging an external capacitor CT (Pin 10), using two
distinct current sources = Icharge and Idischarge. In fact, CT
is permanently connected to the charging current source
(0.4 Iref) and so, the discharge current source has to be
higher than the charge one to be able to decrease the CT
voltage. This condition is performed, its value being
(2 Iref).
Two comparators are used to generate the sawtooth. They
compare the CT voltage to the oscillator valley and peak
values. The comparison to the low value enables to detect the
end of the discharge phase while the comparison to the high
value determines when the charge cycle must be stopped. A
latch (LDISCH) memorizes the oscillator state.
Figure 30. Oscillator
10
CT
1 V
Vref
0.4 IREF
CVOS PROT
COSC HIGH
COSC LOW
0
1
IREGUL
1.6 V
Q
MC44604
COSC REGUL
Vosc prot
Vosc
R
S
LOSC
3.6 V
Q
S
R
DISCH
01
Vdemag out
CT< 1.6 V
DISCHARGE
IDISCHARGE
Now, in addition to the charge and discharge cycles, a
third state can exist. This phase can be produced when at the
end of the discharge phase, the oscillator has to wait for a
demagnetization pulse before re−starting. During this
delay, the CT voltage must remain equal to the oscillator
valley value (
X1.6 V). So, a third regulated current source
IREGUL controlled by COSC REGUL, is connected to CT in
order to perfectly compensate the (0.4 Iref) current source
that permanently supplies CT.
On−time is only allowed during the oscillator capacitor
charge. So, the maximum duty cycle is 80%. (Note 1)
The demagnetization condition is taken into account by a
second latch (Losc). (Refer to demagnetization § for further
details.)
Oscillator Frequency
The oscillator frequency can be deducted using the
following equations:
T
charge +
C
T D
V
.
I
charge
T
discharge +
C
T D
V I
discharge
where:
Tcharge is the oscillator charge time
DV is the oscillator peak to peak value
Icharge is the oscillator charge current
and
Tdischarge is the oscillator discharge time
Idischarge is the oscillator discharge current
So, as:
fosc = 1 /(Tcharge + Tdischarge) if the REGUL
arrangement is not activated, the following equation can
be obtained:
fosc X
0·395
R
ref
C
T
Demagnetization Block (Note 2)
To enable the output, the Losc latch complementary output
must be low. Now, this latch reset is activated by the LDISCH
output during the discharge phase. So, to restart, the Losc has
to be set (refer to Figure 30). To perform this, the
demagnetization signal must be low.
In a fly−back, a good means to detect the demagnetization
consists in using the VCC winding voltage. Indeed this
voltage is:
negative during the on−time,
positive during the off−time,
equal to zero for the dead−time with generally a
ringing (refer to Figure 31).
That is why, the MC44604 demagnetization detection
consists of a comparator that can compare the VCC winding
voltage to a reference that is typically equal to 65 mV.
Note 1. The output is disabled by the signal Vosc prot when VCT
is lower than 1 V. (Refer to Figure 29 and Figure 30.)
Note 2. The demagnetization detection can be inhibited by
connecting pin 8 to the ground.


Similar Part No. - MC44604_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC44604P ONSEMI-MC44604P Datasheet
341Kb / 24P
   High Safety Pulsed Mode Stanby GreenLine PWM Controller
April, 2000 ??Rev. 2
More results

Similar Description - MC44604_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC44604 ONSEMI-MC44604 Datasheet
341Kb / 24P
   High Safety Pulsed Mode Stanby GreenLine PWM Controller
April, 2000 ??Rev. 2
MC44605 ONSEMI-MC44605_06 Datasheet
182Kb / 20P
   High Safety, Latched Mode, GreenLine TM PWM Controller for (Multi) Synchronized Applications
June, 2006 ??Rev. 5
MC44603A ONSEMI-MC44603A_05 Datasheet
259Kb / 22P
   Enhanced Mixed Frequency Mode GreenLine TM PWM Controller:Fixed Frequency, Variable Frequency,Standby Mode
November, 2005 ??Rev. 4
MC44605 ONSEMI-MC44605 Datasheet
328Kb / 20P
   High Safety, Latched Mode, GreenLine PWM Controller for (Multi)Synchronized Applications
May, 2000 ??Rev. 2
MC44603A ONSEMI-MC44603A Datasheet
405Kb / 24P
   MIXED FREQUENCY MODE GREENLINE PWM CONTROLLER
1999 REV 1
MC44603 ONSEMI-MC44603 Datasheet
451Kb / 24P
   MIXED FREQUENCY MODE GREENLINE PWM CONTROLLER
1999 REV 1
MC33368 ONSEMI-MC33368_05 Datasheet
276Kb / 16P
   High Voltage GreenLine TM Power Factor Controller
September, 2005 ??Rev. 8
MC33364 ONSEMI-MC33364_06 Datasheet
229Kb / 16P
   Critical Conduction GreenLine TM SMPS Controller
July, 2006 ??Rev. 16
NCP1381 ONSEMI-NCP1381_V01 Datasheet
868Kb / 27P
   Low-Standby High Performance PWM Controller
November, 2010 - Rev. 5
logo
Grenergy Opto, lnc.
GR8830 GRENERGY-GR8830 Datasheet
936Kb / 13P
   Green-Mode PWM Controller below 100mW Standby Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com