Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC44603AP Datasheet(PDF) 11 Page - ON Semiconductor

Part # MC44603AP
Description  Enhanced Mixed Frequency Mode GreenLine TM PWM Controller:Fixed Frequency, Variable Frequency,Standby Mode
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC44603AP Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MC44603AP Datasheet HTML 7Page - ON Semiconductor MC44603AP Datasheet HTML 8Page - ON Semiconductor MC44603AP Datasheet HTML 9Page - ON Semiconductor MC44603AP Datasheet HTML 10Page - ON Semiconductor MC44603AP Datasheet HTML 11Page - ON Semiconductor MC44603AP Datasheet HTML 12Page - ON Semiconductor MC44603AP Datasheet HTML 13Page - ON Semiconductor MC44603AP Datasheet HTML 14Page - ON Semiconductor MC44603AP Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
MC44603A
http://onsemi.com
11
−50
−25
0
25
50
75
100
TA, AMBIENT TEMPERATURE (°C)
Figure 26. Standby Reference Current
versus Temperature
Figure 27. Current Sense Voltage Threshold
Standby Mode versus Temperature
−50
−25
0
25
50
75
100
TA, AMBIENT TEMPERATURE (°C)
270
260
250
240
230
0.33
0.32
0.31
0.30
265
255
245
235
VR P Stdby (Pin 12)
Voltage Increasing
VCC = 12 V
Rref = 10 k
CT = 820 pF
Pin 12 Clamped
at 1.0 V
PIN FUNCTION DESCRIPTION
Pin
Name
Description
1
VCC
This pin is the positive supply of the IC. The operating voltage range after startup is 9.0 to 14.5 V.
2
VC
The output high state (VOH) is set by the voltage applied to this pin. With a separate connection to the power
source, it can reduce the effects of switching noise on the control circuitry.
3
Output
Peak currents up to 750 mA can be sourced or sunk, suitable for driving either MOSFET or Bipolar
transistors. This output pin must be shunted by a Schottky diode, 1N5819 or equivalent.
4
GND
The ground pin is a single return, typically connected back to the power source; it is used as control and
power ground.
5
Foldback Input
The foldback function provides overload protection. Feeding the foldback input with a portion of the VCC
voltage (1.0 V max) establishes on the system control loop a foldback characteristic allowing a smoother
startup and sharper overload protection. Above 1.0 V the foldback input is inactive.
6
Overvoltage
Protection
When the overvoltage protection pin receives a voltage greater than 17 V, the device is disabled and
requires a complete restart sequence. The overvoltage level is programmable.
7
Current Sense
Input
A voltage proportional to the current flowing into the power switch is connected to this input. The PWM latch
uses this information to terminate the conduction of the output buffer when working in a current mode of
operation. A maximum level of 1.0 V allows either current or voltage mode operation.
8
Demagnetization
Detection
A voltage delivered by an auxiliary transformer winding provides to the demagnetization pin an indication of
the magnetization state of the flyback transformer. A zero voltage detection corresponds to complete core
saturation. The demagnetization detection ensures a discontinuous mode of operation. This function can be
inhibited by connecting Pin 8 to GND.
9
Synchronization
Input
The synchronization input pin can be activated with either a negative pulse going from a level between 0.7 V
and 3.7 V to GND or a positive pulse going from a level between 0.7 V and 3.7 V up to a level higher than
3.7 V. The oscillator runs free when Pin 9 is connected to GND.
10
CT
The normal mode oscillator frequency is programmed by the capacitor CT choice together with the Rref
resistance value. CT, connected between Pin 10 and GND, generates the oscillator sawtooth.
11
Soft−Start/Dmax/
Voltage−Mode
A capacitor, resistor or a voltage source connected to this pin limits the switching duty−cycle. This pin can
be used as a voltage mode control input. By connecting Pin 11 to Ground, the MC44603A can be shutdown.
12
RP Standby
A voltage level applied to the RP Standby pin determines the output power level at which the oscillator will
turn into the reduced frequency mode of operation (i.e. standby mode). An internal hysteresis comparator
allows to return in the normal mode at a higher output power level.
13
E/A Out
The error amplifier output is made available for loop compensation.
14
Voltage
Feedback
This is the inverting input of the Error Amplifier. It can be connected to the switching power supply output
through an optical (or other) feedback loop.
15
RF Standby
The reduced frequency or standby frequency programming is made by the RF Standby resistance choice.
16
Rref
Rref sets the internal reference current. The internal reference current ranges from 100 mA to 500 mA. This
requires that 5.0 k
W ≤ Rref ≤ 25 kW.


Similar Part No. - MC44603AP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC44603AP ONSEMI-MC44603AP Datasheet
405Kb / 24P
   MIXED FREQUENCY MODE GREENLINE PWM CONTROLLER
1999 REV 1
More results

Similar Description - MC44603AP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC44603A ONSEMI-MC44603A Datasheet
405Kb / 24P
   MIXED FREQUENCY MODE GREENLINE PWM CONTROLLER
1999 REV 1
MC44603 ONSEMI-MC44603 Datasheet
451Kb / 24P
   MIXED FREQUENCY MODE GREENLINE PWM CONTROLLER
1999 REV 1
MC44604 ONSEMI-MC44604_05 Datasheet
189Kb / 22P
   High Safety Pulsed Mode Standby GreenLine TM PWM Controller
October, 2005 ??Rev. 5
logo
IK Semicon Co., Ltd
IL3842 IKSEMICON-IL3842_11 Datasheet
155Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
Estek Electronics Co. L...
KA3842 ESTEK-KA3842 Datasheet
321Kb / 7P
   fixed frequency current mode PWM controller
logo
IK Semicon Co., Ltd
IL3842 IKSEMICON-IL3842 Datasheet
124Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
Integral Corp.
IL3842 INTEGRAL-IL3842 Datasheet
204Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
IK Semicon Co., Ltd
IL3843 IKSEMICON-IL3843_11 Datasheet
141Kb / 5P
   Fixed Frequency Current Mode PWM Controller
IL3842 IKSEMICON-IL3842_16 Datasheet
397Kb / 5P
   Fixed Frequency Current Mode PWM Controller
IL3843 IKSEMICON-IL3843_16 Datasheet
386Kb / 5P
   Fixed Frequency Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com