Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10E166FN Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC10E166FN
Description  5V ECL 9-Bit Magnitude Comparator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E166FN Datasheet(HTML) 4 Page - ON Semiconductor

  MC10E166FN Datasheet HTML 1Page - ON Semiconductor MC10E166FN Datasheet HTML 2Page - ON Semiconductor MC10E166FN Datasheet HTML 3Page - ON Semiconductor MC10E166FN Datasheet HTML 4Page - ON Semiconductor MC10E166FN Datasheet HTML 5Page - ON Semiconductor MC10E166FN Datasheet HTML 6Page - ON Semiconductor MC10E166FN Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC10E166, MC100E166
http://onsemi.com
4
Table 5. 100E SERIES PECL DC CHARACTERISTICS VCCx = 5.0 V; VEE = 0.0 V (Note 5)
Symbol
Characteristic
0°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
113
156
113
156
130
156
mA
VOH
Output HIGH Voltage (Note 6)
3975
4050
4120
3975
4050
4120
3975
4050
4120
mV
VOL
Output LOW Voltage (Note 6)
3190
3295
3380
3190
3255
3380
3190
3260
3380
mV
VIH
Input HIGH Voltage
3835
3975
4120
3835
3975
4120
3835
3975
4120
mV
VIL
Input LOW Voltage
3190
3355
3525
3190
3355
3525
3190
3355
3525
mV
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.3
0.5
0.25
0.5
0.2
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
5. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.8 V.
6. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
Table 6. 100E SERIES NECL DC CHARACTERISTICS VCCx = 0 V; VEE = −5.0 V (Note 7)
Symbol
Characteristic
0°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
33
40
33
40
38
46
mA
IEE
Power Supply Current
113
156
113
156
130
156
mA
VOH
Output HIGH Voltage (Note 8)
−1025
−950
−880
−1025
−950
−880
−1025
−950
−880
mV
VOL
Output LOW Voltage (Note 8)
−1810
−1705
−1620
−1810
−1745
−1620
−1810
−1740
−1620
mV
VIH
Input HIGH Voltage
−1165
−1025
−880
−1165
−1025
−880
−1165
−1025
−880
mV
VIL
Input LOW Voltage
−1810
−1645
−1475
−1810
−1645
−1475
−1810
−1645
−1475
mV
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.3
0.5
0.25
0.5
0.2
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
7. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.8 V.
8. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
Table 7. AC CHARACTERISTICS VCCx = 5.0 V; VEE = 0.0 V or VCCx = 0.0 V; VEE = −5.0 V (Note 9)
Symbol
Characteristic
0°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fMAX
Maximum Toggle Frequency
1100
1100
1100
MHz
tPLH
tPHL
Propagation Delay to Output
ps
D to A = B
500
750
1100
500
750
1100
500
750
1100
D to A < B, A > B
500
850
1400
500
850
1400
500
850
1400
tJITTER
Random Clock Jitter (RMS)
< 1
< 1
< 1
ps
tr
tf
Rise/Fall Time
(20 - 80%)
300
450
800
300
450
800
300
450
800
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
9. 10 Series: VEE can vary −0.46 V / +0.06 V.
100 Series: VEE can vary −0.46 V / +0.8 V.


Similar Part No. - MC10E166FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E166 ONSEMI-MC10E166 Datasheet
97Kb / 4P
   9-BIT MAGNITUDE COMPARATOR
REV 3
More results

Similar Description - MC10E166FN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E166 MICREL-SY10E166 Datasheet
56Kb / 4P
   9-BIT MAGNITUDE COMPARATOR
logo
ON Semiconductor
MC10E166 ONSEMI-MC10E166 Datasheet
97Kb / 4P
   9-BIT MAGNITUDE COMPARATOR
REV 3
logo
Micrel Semiconductor
SY10E166 MICREL-SY10E166_06 Datasheet
58Kb / 4P
   9-BIT MAGNITUDE COMPARATOR
logo
ON Semiconductor
MC10E122 ONSEMI-MC10E122_06 Datasheet
121Kb / 8P
   5V ECL 9-Bit Buffer
November, 2006 ??Rev. 7
logo
Fairchild Semiconductor
MM74C85 FAIRCHILD-MM74C85 Datasheet
64Kb / 5P
   4-Bit Magnitude Comparator
logo
ON Semiconductor
MC10H166 ONSEMI-MC10H166 Datasheet
114Kb / 5P
   5-Bit Magnitude Comparator
1996 REV 5
logo
STMicroelectronics
HCF4063B STMICROELECTRONICS-HCF4063B_01 Datasheet
854Kb / 9P
   4-BIT MAGNITUDE COMPARATOR
logo
Nexperia B.V. All right...
74HC688 NEXPERIA-74HC688 Datasheet
231Kb / 13P
   8-bit magnitude comparator
Rev. 4 - 16 July 2021
logo
Hitachi Semiconductor
HD74HCT688 HITACHI-HD74HCT688 Datasheet
55Kb / 8P
   8-bit Magnitude Comparator
logo
STMicroelectronics
M74HC85-1 STMICROELECTRONICS-M74HC85-1 Datasheet
326Kb / 10P
   4-BIT MAGNITUDE COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com