Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10E164 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC10E164
Description  5V ECL 16:1 Multiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E164 Datasheet(HTML) 4 Page - ON Semiconductor

  MC10E164 Datasheet HTML 1Page - ON Semiconductor MC10E164 Datasheet HTML 2Page - ON Semiconductor MC10E164 Datasheet HTML 3Page - ON Semiconductor MC10E164 Datasheet HTML 4Page - ON Semiconductor MC10E164 Datasheet HTML 5Page - ON Semiconductor MC10E164 Datasheet HTML 6Page - ON Semiconductor MC10E164 Datasheet HTML 7Page - ON Semiconductor MC10E164 Datasheet HTML 8Page - ON Semiconductor MC10E164 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC10E164, MC100E164
http://onsemi.com
4
Table 4. 10E SERIES PECL DC CHARACTERISTICS VCCx = 5.0 V, VEE = 0.0 V (Note 1)
Symbol
Characteristic
0°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
33
40
33
40
33
40
mA
IEE
Power Supply Current
59
71
59
71
59
71
mA
VOH
Output HIGH Voltage (Note 2)
3980
4070
4160
4020
4105
4190
4090
4185
4280
mV
VOL
Output LOW Voltage (Note 2)
3050
3210
3370
3050
3210
3370
3050
3227
3405
mV
VIH
Input HIGH Voltage
3830
3995
4160
3870
4030
4190
3940
4110
4280
mV
VIL
Input LOW Voltage
3050
3285
3520
3050
3285
3520
3050
3302
3555
mV
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.3
0.5
0.25
0.3
0.2
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.06 V.
2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
Table 5. 10E SERIES NECL DC CHARACTERISTICS VCCx = 0.0 V; VEE = −5.0 V (Note 3)
0°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
59
71
59
71
59
71
mA
VOH
Output HIGH Voltage (Note 4)
−1020
−930
−840
−980
−895
−810
−910
−815
−720
mV
VOL
Output LOW Voltage (Note 4)
−1950 −1790 −1630 −1950 −1790 −1630 −1950 −1773 −1595
mV
VIH
Input HIGH Voltage
−1170 −1005
−840
−1130
−970
−810
−1060
−890
−720
mV
VIL
Input LOW Voltage
−1950 −1715 −1480 −1950 −1715 −1480 −1950 −1698 −1445
mV
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.3
0.5
0.065
0.3
0.2
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
3. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.06 V.
4. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.


Similar Part No. - MC10E164

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E164 ONSEMI-MC10E164 Datasheet
98Kb / 4P
   16:1 MULTIPLEXER
1996 REV 2
MC10E164 ONSEMI-MC10E164 Datasheet
154Kb / 8P
   5V ECL 16:1 Multiplexer
July, 2016 ??Rev. 9
MC10E164FNG ONSEMI-MC10E164FNG Datasheet
154Kb / 8P
   5V ECL 16:1 Multiplexer
July, 2016 ??Rev. 9
MC10E164FNR2G ONSEMI-MC10E164FNR2G Datasheet
154Kb / 8P
   5V ECL 16:1 Multiplexer
July, 2016 ??Rev. 9
MC10E164 ONSEMI-MC10E164_16 Datasheet
154Kb / 8P
   5V ECL 16:1 Multiplexer
July, 2016 ??Rev. 9
More results

Similar Description - MC10E164

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP58 ONSEMI-MC10EP58_06 Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
MC100EP58 ONSEMI-MC100EP58 Datasheet
69Kb / 8P
   3.3V / 5V ECL 2:1 Multiplexer
June, 2001 ??Rev. 4
MC10EL57 ONSEMI-MC10EL57_06 Datasheet
124Kb / 8P
   5V ECL 4:1 Differential Multiplexer
November, 2006 ??Rev. 7
MC100EL59 ONSEMI-MC100EL59_06 Datasheet
107Kb / 5P
   5V ECL Triple 2:1 Multiplexer
November, 2006 ??Rev. 3
MC100LVE164 ONSEMI-MC100LVE164_06 Datasheet
120Kb / 7P
   3.3V ECL 16:1 Multiplexer
November, 2006 ??Rev. 6
MC100EL56 ONSEMI-MC100EL56_06 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
MC10E158 ONSEMI-MC10E158_06 Datasheet
78Kb / 8P
   5V ECL 5-Bit 2:1 Multiplexer
December, 2006 ??Rev. 9
MC10E163 ONSEMI-MC10E163_06 Datasheet
125Kb / 8P
   5V ECL 2-Bit 8:1 Multiplexer
November, 2006 ??Rev. 10
MC10E457 ONSEMI-MC10E457_16 Datasheet
167Kb / 9P
   5V ECL Triple Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
MC100EP57 ONSEMI-MC100EP57 Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com