Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10EL89D Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC10EL89D
Description  5V ECL Coaxial Cable Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EL89D Datasheet(HTML) 3 Page - ON Semiconductor

  MC10EL89D Datasheet HTML 1Page - ON Semiconductor MC10EL89D Datasheet HTML 2Page - ON Semiconductor MC10EL89D Datasheet HTML 3Page - ON Semiconductor MC10EL89D Datasheet HTML 4Page - ON Semiconductor MC10EL89D Datasheet HTML 5Page - ON Semiconductor MC10EL89D Datasheet HTML 6Page - ON Semiconductor MC10EL89D Datasheet HTML 7Page - ON Semiconductor MC10EL89D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC10EL89
http://onsemi.com
3
Table 4. 10EL SERIES PECL DC CHARACTERISTICS VCC = 5.0 V; VEE = 0.0 V (Note 2)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
23
28
23
28
23
28
mA
VOH
Output HIGH Voltage (Note 3)
3.77
3.90
4.02
3.87
3.98
4.10
3.94
4.04
4.19
V
VOL
Output LOW Voltage (Note 3)
2.10
2.28
2.42
2.00
2.30
2.44
1.95
2.33
2.49
V
VIH
Input HIGH Voltage (Single−Ended)
3770
4110
3870
4190
3940
4280
mV
VIL
Input LOW Voltage (Single−Ended)
3050
3500
3050
3520
3050
3555
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 4)
2.5
4.6
2.5
4.6
2.5
4.6
V
IIH
Input HIGH Current
70
150
50
150
40
150
mA
IIL
Input LOW Current
0.5
50
0.5
30
0.3
25
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
2. Input and output parameters vary 1:1 with VCC. VEE can vary +0.25 V / −0.5 V.
3. Outputs are terminated through a 50 W resistor to VCC − 3.0 V.
4. VIHCMR min varies 1:1 with VEE. VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input
signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1 V.
Table 5. 10EL SERIES NECL DC CHARACTERISTICS VCC = 0.0 V; VEE = −5.0 V (Note 5)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
23
28
23
28
23
28
mA
VOH
Output HIGH Voltage (Note 6)
−1.23 −1.10 −0.98 −1.13 −1.02 −0.90 −1.06
−0.96 −0.81
V
VOL
Output LOW Voltage (Note 6)
−2.90 −2.72 −2.58 −3.00 −2.70 −2.56 −3.05
−2.67 −2.51
V
VIH
Input HIGH Voltage (Single−Ended)
−123
0
−890
−1130
−810
−106
0
−720
mV
VIL
Input LOW Voltage (Single−Ended)
−195
0
−150
0
−195
0
−148
0
−195
0
−144
5
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 7)
−2.5
−0.4
−2.5
−0.4
−2.5
−0.4
V
IIH
Input HIGH Current
70
150
50
150
20
150
mA
IIL
Input LOW Current
0.5
50
0.5
30
0.3
25
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
5. Input and output parameters vary 1:1 with VCC. VEE can vary +0.25 V / −0.5 V.
6. Outputs are terminated through a 50 W resistor to VCC − 3.0 V.
7. VIHCMR min varies 1:1 with VEE. VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input
signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1 V.


Similar Part No. - MC10EL89D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL89D ONSEMI-MC10EL89D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC10EL89DG ONSEMI-MC10EL89DG Datasheet
146Kb / 6P
   5V ECL Coaxial Cable Driver
July, 2016 ??Rev. 10
MC10EL89DR2G ONSEMI-MC10EL89DR2G Datasheet
146Kb / 6P
   5V ECL Coaxial Cable Driver
July, 2016 ??Rev. 10
More results

Similar Description - MC10EL89D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP89 ONSEMI-MC10EP89_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL Coaxial Cable Driver
January, 2006 ??Rev. 6
MC10EP89 ONSEMI-MC10EP89_09 Datasheet
120Kb / 11P
   ECL Coaxial Cable Driver
February, 2008 - Rev. 7
logo
Arizona Microtek, Inc
AZ10EL89 AZM-AZ10EL89_12 Datasheet
437Kb / 6P
   PECL/ECL Coaxial Cable Driver
logo
List of Unclassifed Man...
AZ10EL89 ETC1-AZ10EL89 Datasheet
134Kb / 4P
   ECL/PECL Coaxial Cable Driver
logo
Arizona Microtek, Inc
AZ10EL89 AZM-AZ10EL89 Datasheet
115Kb / 4P
   ECL/PECL Coaxial Cable Driver
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89_16 Datasheet
146Kb / 6P
   5V ECL Coaxial Cable Driver
July, 2016 ??Rev. 10
logo
Micrel Semiconductor
SY10EP89V MICREL-SY10EP89V Datasheet
86Kb / 7P
   5V/3.3V 3GHz COAXIAL CABLE DRIVER
SY10EP89V MICREL-SY10EP89V_05 Datasheet
112Kb / 8P
   5V/3.3V 3GHz COAXIAL CABLE DRIVER
logo
ON Semiconductor
MC10E112 ONSEMI-MC10E112_06 Datasheet
126Kb / 8P
   5V ECL Quad Driver
November, 2006 ??Rev. 8
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com