Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10EL58DR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10EL58DR2
Description  5.0 V ECL 2:1 Multiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EL58DR2 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10EL58DR2 Datasheet HTML 1Page - ON Semiconductor MC10EL58DR2 Datasheet HTML 2Page - ON Semiconductor MC10EL58DR2 Datasheet HTML 3Page - ON Semiconductor MC10EL58DR2 Datasheet HTML 4Page - ON Semiconductor MC10EL58DR2 Datasheet HTML 5Page - ON Semiconductor MC10EL58DR2 Datasheet HTML 6Page - ON Semiconductor MC10EL58DR2 Datasheet HTML 7Page - ON Semiconductor MC10EL58DR2 Datasheet HTML 8Page - ON Semiconductor MC10EL58DR2 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MC10EL58, MC100EL58
http://onsemi.com
2
Da, Db
ECL Data Inputs
Q, Q
ECL Data Outputs
SEL
ECL Select Input
VCC
Positive Supply
VEE
Negative Supply
NC
No Connect
Table 1. PIN DESCRIPTION
SEL*
H
L
Table 2. FUNCTION TABLE
Data
a
b
PIN
FUNCTION
* Pin will default low when left open.
Exposed pad must be connected to a sufficient thermal
conduit. Electrically connect to the most negative supply or
leave floating open.
EP
Table 3. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
75 kW
Internal Input Pullup Resistor
N/A
ESD Protection
Human Body Model
Machine Model
> 1 kV
> 100 V
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
45
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. Refer to Application Note AND8003/D for additional information.


Similar Part No. - MC10EL58DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL58DR2G ONSEMI-MC10EL58DR2G Datasheet
153Kb / 8P
   5.0V ECL 2:1 Multiplexer
July, 2016 ??Rev. 9
More results

Similar Description - MC10EL58DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL58 ONSEMI-MC10EL58_16 Datasheet
153Kb / 8P
   5.0V ECL 2:1 Multiplexer
July, 2016 ??Rev. 9
MC100LVEL58 ONSEMI-MC100LVEL58_16 Datasheet
150Kb / 6P
   3.3V ECL 2:1 Multiplexer
July, 2016 ??Rev. 7
MC10EP58 ONSEMI-MC10EP58_16 Datasheet
169Kb / 10P
   ECL 2:1 Multiplexer
August, 2016 ??Rev. 8
MC10E157 ONSEMI-MC10E157_06 Datasheet
125Kb / 8P
   5 V ECL Quad 2:1 Multiplexer
November, 2006 ??Rev. 9
MC100LVEL58 ONSEMI-MC100LVEL58_06 Datasheet
127Kb / 7P
   3.3V ECL 2:1 Multiplexer
November, 2006 ??Rev. 5
MC10EL11 ONSEMI-MC10EL11_06 Datasheet
150Kb / 9P
   5.0 V ECL 1:2 Differential Fanout Buffer
December, 2006??Rev. 9
logo
Arizona Microtek, Inc
AZ100LVEL58 AZM-AZ100LVEL58_12 Datasheet
464Kb / 8P
   PECL/ECL 2:1 Multiplexer
AZ10EL58 AZM-AZ10EL58 Datasheet
73Kb / 6P
   ECL/PECL 2:1 Multiplexer
AZ100LVEL58 AZM-AZ100LVEL58 Datasheet
74Kb / 6P
   ECL/PECL 2:1 Multiplexer
logo
ON Semiconductor
MC10E158 ONSEMI-MC10E158_16 Datasheet
154Kb / 8P
   5V ECL 5?륛it 2:1 Multiplexer
July, 2016 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com