Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33262DR2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC33262DR2
Description  Power Factor Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33262DR2 Datasheet(HTML) 3 Page - ON Semiconductor

  MC33262DR2 Datasheet HTML 1Page - ON Semiconductor MC33262DR2 Datasheet HTML 2Page - ON Semiconductor MC33262DR2 Datasheet HTML 3Page - ON Semiconductor MC33262DR2 Datasheet HTML 4Page - ON Semiconductor MC33262DR2 Datasheet HTML 5Page - ON Semiconductor MC33262DR2 Datasheet HTML 6Page - ON Semiconductor MC33262DR2 Datasheet HTML 7Page - ON Semiconductor MC33262DR2 Datasheet HTML 8Page - ON Semiconductor MC33262DR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MC34262, MC33262
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (continued) (VCC = 12 V (Note 5), for typical values TA = 25°C, for min/max values TA is the
operating ambient temperature range that applies (Note 6), unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
MULTIPLIER
Dynamic Input Voltage Range
Multiplier Input (Pin 3)
Compensation (Pin 2)
VPin 3
VPin 2
0 to 2.5
Vth(M) to
(Vth(M) + 1.0)
0 to 3.5
Vth(M) to
(Vth(M) + 1.5)
V
Multiplier Gain (VPin 3 = 0.5 V, VPin 2 = Vth(M) + 1.0 V) (Note 7)
K
0.43
0.65
0.87
1/V
ZERO CURRENT DETECTOR
Input Threshold Voltage (Vin Increasing)
Vth
1.33
1.6
1.87
V
Hysteresis (Vin Decreasing)
VH
100
200
300
mV
Input Clamp Voltage
High State (IDET = + 3.0 mA)
Low State (IDET = − 3.0 mA)
VIH
VIL
6.1
0.3
6.7
0.7
1.0
V
CURRENT SENSE COMPARATOR
Input Bias Current (VPin 4 = 0 V)
IIB
− 0.15
−1.0
mA
Input Offset Voltage (VPin 2 = 1.1 V, VPin 3 = 0 V)
VIO
9.0
25
mV
Maximum Current Sense Input Threshold (Note 8)
Vth(max)
1.3
1.5
1.8
V
Delay to Output
tPHL(in/out)
200
400
ns
DRIVE OUTPUT
Output Voltage (VCC = 12 V)
Low State
(ISink = 20 mA)
Low State
(ISink = 200 mA)
High State
(ISource = 20 mA)
High State
(ISource = 200 mA)
VOL
VOH
9.8
7.8
0.3
2.4
10.3
8.4
0.8
3.3
V
Output Voltage (VCC = 30 V)
High State (ISource = 20 mA, CL = 15 pF)
VO(max)
14
16
18
V
Output Voltage Rise Time (CL = 1.0 nF)
tr
50
120
ns
Output Voltage Fall Time (CL = 1.0 nF)
tf
50
120
ns
Output Voltage with UVLO Activated
(VCC = 7.0 V, ISink = 1.0 mA)
VO(UVLO)
0.1
0.5
V
RESTART TIMER
Restart Time Delay
tDLY
200
620
ms
UNDERVOLTAGE LOCKOUT
Startup Threshold (VCC Increasing)
Vth(on)
11.5
13
14.5
V
Minimum Operating Voltage After Turn−On (VCC Decreasing)
VShutdown
7.0
8.0
9.0
V
Hysteresis
VH
3.8
5.0
6.2
V
TOTAL DEVICE
Power Supply Current
Startup (VCC = 7.0 V)
Operating
Dynamic Operating (50 kHz, CL = 1.0 nF)
ICC
0.25
6.5
9.0
0.4
12
20
mA
Power Supply Zener Voltage (ICC = 25 mA)
VZ
30
36
V
4. Maximum package power dissipation limits must be observed.
5. Adjust VCC above the startup threshold before setting to 12 V.
6. Tlow =0°C for MC34262
Thigh = +85°C for MC34262
= −40
°C for MC33262
= +105
°C for MC33262.
7. K
+
Pin 4 Threshold
VPin 3 (VPin2 * Vth(M))
8. This parameter is measured with VFB = 0 V, and VPin 3 = 3.0 V.


Similar Part No. - MC33262DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33262DR2G ONSEMI-MC33262DR2G Datasheet
399Kb / 19P
   Power Factor Controllers
August, 2013 ??Rev. 14
More results

Similar Description - MC33262DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34261 ONSEMI-MC34261 Datasheet
500Kb / 13P
   Power Factor Controllers
July, 2006 ??Rev. 3
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262_11 Datasheet
549Kb / 9P
   Power Factor Controllers
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_13 Datasheet
399Kb / 19P
   Power Factor Controllers
August, 2013 ??Rev. 14
MC34262 ONSEMI-MC34262 Datasheet
393Kb / 16P
   POWER FACTOR CONTROLLERS
1996 REV 1
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262 Datasheet
696Kb / 9P
   Power Factor Controllers
logo
List of Unclassifed Man...
IL34262 ETC-IL34262 Datasheet
316Kb / 12P
   Power Factor Controllers
logo
Guangdong Kexin Industr...
MC34262 KEXIN-MC34262 Datasheet
676Kb / 8P
   Power Factor Controllers
logo
Unisonic Technologies
MC34262 UTC-MC34262 Datasheet
206Kb / 6P
   POWER FACTOR CONTROLLERS
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_11 Datasheet
401Kb / 19P
   Power Factor Controllers
September, 2011 ??Rev. 13
logo
Motorola, Inc
MC34261 MOTOROLA-MC34261 Datasheet
309Kb / 12P
   POWER FACTOR CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com