Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10E143FNR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC10E143FNR2G
Description  5V ECL 9-Bit Hold Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E143FNR2G Datasheet(HTML) 5 Page - ON Semiconductor

  MC10E143FNR2G Datasheet HTML 1Page - ON Semiconductor MC10E143FNR2G Datasheet HTML 2Page - ON Semiconductor MC10E143FNR2G Datasheet HTML 3Page - ON Semiconductor MC10E143FNR2G Datasheet HTML 4Page - ON Semiconductor MC10E143FNR2G Datasheet HTML 5Page - ON Semiconductor MC10E143FNR2G Datasheet HTML 6Page - ON Semiconductor MC10E143FNR2G Datasheet HTML 7Page - ON Semiconductor MC10E143FNR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC10E143, MC100E143
http://onsemi.com
5
Table 8. AC CHARACTERISTICS VCCx = 5.0 V; VEE = 0.0 V or VCCx = 0.0 V; VEE = −5.0 V (Note 9)
Symbol
Characteristic
0°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fSHIFT
Max. Shift Frequency
700
900
700
900
700
900
MHz
tPLHt
PHL
Propagation Delay To Output
Clk
MR
600
600
800
800
1000
1000
600
600
800
800
1000
1000
600
600
800
800
1000
1000
ps
ts
Setup Time
D
SEL
50
300
−100
150
50
300
−100
150
50
300
−100
150
ps
th
Hold Time
D
SEL
300
75
100
−150
300
75
100
−150
300
75
100
−150
ps
tRR
Reset Recovery Time
900
700
900
700
900
700
ps
tPW
Minimum Pulse Width
Clk, MR
400
400
400
ps
tSKEW
Within-Device Skew (Note 10)
75
75
75
ps
tJITTER
Random Clock Jitter (RMS)
< 1
< 1
< 1
ps
tr
tf
Rise/Fall Times
(20 - 80%)
300
525
800
300
525
800
300
525
800
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
9. 10 Series: VEE can vary −0.46 V / +0.06 V.
100 Series: VEE can vary −0.46 V / +0.8 V.
10.Within-device skew is defined as identical transitions on similar paths through a device.
Figure 3. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V


Similar Part No. - MC10E143FNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E143FNR2G ONSEMI-MC10E143FNR2G Datasheet
157Kb / 7P
   5V ECL 9?륛it Hold Register
July, 2016 ??Rev. 8
More results

Similar Description - MC10E143FNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E142 ONSEMI-MC10E142_06 Datasheet
150Kb / 8P
   5V ECL 9-Bit Shift Register
February, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY10E143 MICREL-SY10E143 Datasheet
72Kb / 4P
   9-BIT HOLD REGISTER
logo
ON Semiconductor
MC10E143 ONSEMI-MC10E143 Datasheet
108Kb / 4P
   9-BIT HOLD REGISTER
1996 REV 2
logo
Micrel Semiconductor
SY10E143 MICREL-SY10E143_06 Datasheet
62Kb / 4P
   9-BIT HOLD REGISTER
logo
ON Semiconductor
MC10E143 ONSEMI-MC10E143_16 Datasheet
157Kb / 7P
   5V ECL 9?륛it Hold Register
July, 2016 ??Rev. 8
MC10EP142 ONSEMI-MC10EP142_15 Datasheet
133Kb / 14P
   ECL 9-Bit Shift Register
April, 2015 ??Rev. 18
MC10E151 ONSEMI-MC10E151_06 Datasheet
127Kb / 8P
   5V ECL 6-Bit D Register
November, 2006 ??Rev. 9
MC10E141 ONSEMI-MC10E141_06 Datasheet
130Kb / 8P
   5V ECL 8-Bit Shift Register
November, 2006 ??Rev. 7
MC100E241 ONSEMI-MC100E241_06 Datasheet
125Kb / 7P
   5V ECL 8-Bit Scannable Register
October, 2006 ??Rev. 3
MC10E452 ONSEMI-MC10E452_06 Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com