Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33167D2T Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC33167D2T
Description  5.0 A, Step?뭊p/Down/Inverting Switching Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33167D2T Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC33167D2T Datasheet HTML 2Page - ON Semiconductor MC33167D2T Datasheet HTML 3Page - ON Semiconductor MC33167D2T Datasheet HTML 4Page - ON Semiconductor MC33167D2T Datasheet HTML 5Page - ON Semiconductor MC33167D2T Datasheet HTML 6Page - ON Semiconductor MC33167D2T Datasheet HTML 7Page - ON Semiconductor MC33167D2T Datasheet HTML 8Page - ON Semiconductor MC33167D2T Datasheet HTML 9Page - ON Semiconductor MC33167D2T Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MC34167, MC33167
http://onsemi.com
6
Figure 14. MC34167 Representative Block Diagram
+
4
2
1
5
3
+
CF
RF
R1
CO
VO
R2
120
Error
Amp
5.05 V
Reference
Thermal
Shutdown
Oscillator
S
R
Q
Pulse Width
Modulator
CT
PWM Latch
GND
Compensation
100
mA
Undervoltage
Lockout
Voltage
Feedback
Input
L
Switch
Output
Current
Sense
Vin
Cin
Input Voltage/VCC
Sink Only
Positive True Logic
=
Figure 15. Timing Diagram
4.1 V
Timing Capacitor CT
Compensation
2.3 V
ON
OFF
Switch Output
+


Similar Part No. - MC33167D2T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33167D2T ONSEMI-MC33167D2T Datasheet
408Kb / 16P
   POWER SWITCHING REGULATORS
1996 REV 3
MC33167D2T ONSEMI-MC33167D2T Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/ Inverting Switching Regulators
November, 2005 ??Rev. 7
MC33167D2TG ONSEMI-MC33167D2TG Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/ Inverting Switching Regulators
November, 2005 ??Rev. 7
MC33167D2TR4 ONSEMI-MC33167D2TR4 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/ Inverting Switching Regulators
November, 2005 ??Rev. 7
MC33167D2TR4G ONSEMI-MC33167D2TR4G Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/ Inverting Switching Regulators
November, 2005 ??Rev. 7
More results

Similar Description - MC33167D2T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34167 ONSEMI-MC34167_10 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/ Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34163 ONSEMI-MC34163_05 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34166 ONSEMI-MC34166_10 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/ Inverting Switching Regulators
October, 2005 ??Rev. 7
NCP3063 ONSEMI-NCP3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
MC34166 ONSEMI-MC34166_05 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
NCV33163 ONSEMI-NCV33163_05 Datasheet
202Kb / 15P
   2.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 2
MC34063A ONSEMI-MC34063A_10 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34163 ONSEMI-MC34163_08 Datasheet
262Kb / 16P
   3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com