Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34161DMR2 Datasheet(PDF) 11 Page - ON Semiconductor

Part # MC34161DMR2
Description  Universal Voltage Monitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34161DMR2 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MC34161DMR2 Datasheet HTML 7Page - ON Semiconductor MC34161DMR2 Datasheet HTML 8Page - ON Semiconductor MC34161DMR2 Datasheet HTML 9Page - ON Semiconductor MC34161DMR2 Datasheet HTML 10Page - ON Semiconductor MC34161DMR2 Datasheet HTML 11Page - ON Semiconductor MC34161DMR2 Datasheet HTML 12Page - ON Semiconductor MC34161DMR2 Datasheet HTML 13Page - ON Semiconductor MC34161DMR2 Datasheet HTML 14Page - ON Semiconductor MC34161DMR2 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MC34161, MC33161, NCV33161
http://onsemi.com
11
The above figure shows the MC34161 configured as a positive and negative overvoltage detector. As the input voltage increases from ground, the LED will turn
‘ON’ when either −VS1 exceeds V2, or VS2 exceeds V4. With the dashed line output connection, the circuit becomes a positive and negative undervoltage detector.
As the input voltage decreases from the peak towards ground, the LED will turn ‘ON’ when either VS2 falls below V3, or −VS1 falls below V1.
For known resistor values, the voltage trip points are:
For a specific trip voltage, the required resistor ratio is:
Figure 22. Positive and Negative Overvoltage Detector
V
1 +
R
3
R
4
(V
th1 * Vref) ) Vth1
V
2 +
R
3
R
4
(V
th1 * VH1 * Vref) ) Vth1 * VH1
V
3 + (Vth2 * VH2)
R
2
R
1
) 1
V
4 + Vth2
R
2
R
1
) 1
R
3
R
4
+
(V
1 * Vth1)
(V
th1 * Vref)
R
3
R
4
+
(V
2 * Vth1 ) VH1)
(V
th1 * VH1 * Vref)
R
2
R
1
+
V
4
V
th2
* 1
R
2
R
1
+
V
3
V
th2 * VH2
* 1
+
1.27V
+
1.27V
+
2.8V
+
0.6V
+
2.54V
Reference
+
+
+
4
1
7
2
3
5
6
R4
R3
−VS1
VS2
R1
R2
8
VCC
Output
Voltage
Pins 5, 6
GND
LED ‘ON’
VHys2
VHys1
VCC
GND
Input −VS1
V4
V3
V1
V2
Input VS2
The above figure shows the MC34161 configured as a positive and negative undervoltage detector. As the input voltage decreases toward ground, the LED will
turn ‘ON’ when either VS1 falls below V1, or −VS2 falls below V3. With the dashed line output connection, the circuit becomes a positive and negative overvoltage
detector. As the input voltage increases from the ground, the LED will turn ‘ON’ when either VS1 exceeds V2, or −VS1 exceeds V1.
For known resistor values, the voltage trip points are:
For a specific trip voltage, the required resistor ratio is:
Figure 23. Positive and Negative Undervoltage Detector
V
1 + (Vth1 * VH1)
R
4
R
3
) 1
V
2 + Vth1
R
4
R
3
) 1
V
3 +
R
1
R
2
(V
th * Vref) ) Vth2
V
4 +
R
1
R
2
(V
th * VH2 * Vref) ) Vth2 * VH2
R
4
R
3
+
V
2
V
th1
* 1
R
4
R
3
+
V
1
V
th1 * VH1
* 1
R
1
R
2
+
V
4 ) VH2 * Vth2
V
th2 * VH2 * Vref
R
1
R
2
+
V
3 * Vth2
V
th2 * Vref
+
1.27V
+
1.27V
+
2.8V
+
0.6V
+
+
+
+
4
1
7
2
3
5
6
2.54V
Reference
8
VCC
R3
VS1
R4
R1
R2
−VS2
V2
V1
V3
V4
GND
VCC
GND
Output
Voltage
Pins 5, 6
Input −VS2
Input VS1
LED ‘ON’
VHys2
VHys1


Similar Part No. - MC34161DMR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34161DMR2 ONSEMI-MC34161DMR2 Datasheet
211Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC34161DMR2G ONSEMI-MC34161DMR2G Datasheet
211Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC34161DMR2G ONSEMI-MC34161DMR2G Datasheet
190Kb / 18P
   Universal Voltage Monitors
November, 2015 ??Rev. 13
More results

Similar Description - MC34161DMR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34161 ONSEMI-MC34161 Datasheet
364Kb / 16P
   Universal Voltage Monitors
April, 2000 ??Rev. 2
S2067TB ONSEMI-S2067TB Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC34161 ONSEMI-MC34161_15 Datasheet
190Kb / 18P
   Universal Voltage Monitors
November, 2015 ??Rev. 13
S10122PBIB ONSEMI-S10122PBIB Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
S1220PBID ONSEMI-S1220PBID Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
NCV33161DR2G ONSEMI-NCV33161DR2G Datasheet
211Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
logo
Maxim Integrated Produc...
MAX8213 MAXIM-MAX8213 Datasheet
606Kb / 16P
   Five Universal Voltage Monitors - Complete Microprocessor Voltage Monitoring
Rev 1; 7/93
MAX836 MAXIM-MAX836_08 Datasheet
106Kb / 7P
   4-Pin Micropower Voltage Monitors
19-1137; Rev 3; 5/08
MAX836 MAXIM-MAX836 Datasheet
61Kb / 6P
   4-Pin Micropower Voltage Monitors
Rev 0; 9/96
logo
Intersil Corporation
X9522 INTERSIL-X9522_06 Datasheet
375Kb / 27P
   Triple DCP, Dual Voltage Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com