Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34160PG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC34160PG
Description  100 mA, 5.0 V Voltage Regulator and Supervisory Circuit for Microprocessors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34160PG Datasheet(HTML) 2 Page - ON Semiconductor

  MC34160PG Datasheet HTML 1Page - ON Semiconductor MC34160PG Datasheet HTML 2Page - ON Semiconductor MC34160PG Datasheet HTML 3Page - ON Semiconductor MC34160PG Datasheet HTML 4Page - ON Semiconductor MC34160PG Datasheet HTML 5Page - ON Semiconductor MC34160PG Datasheet HTML 6Page - ON Semiconductor MC34160PG Datasheet HTML 7Page - ON Semiconductor MC34160PG Datasheet HTML 8Page - ON Semiconductor MC34160PG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MC34160, MC33160
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
40
V
Chip Disable Input Voltage (Pin 15, Note 1)
VCD
−0.3 to VCC
V
Comparator Input Current (Pins 1, 2, 9)
Iin
−2.0 to +2.0
mA
Comparator Output Voltage (Pins 6, 7, 8)
VO
40
V
Comparator Output Sink Current (Pins 6, 7, 8)
ISink
10
mA
Power Dissipation and Thermal Characteristics
P Suffix, Dual−In−Line Case 648C
Thermal Resistance, Junction−to−Air
Thermal Resistance, Junction−to−Case (Pins 4, 5, 12, 13)
DW Suffix, Surface Mount Case 751G
Thermal Resistance, Junction−to−Air
Thermal Resistance, Junction−to−Case (Pins 4, 5, 12, 13)
RqJA
RqJC
RqJA
RqJC
80
15
94
18
°C/W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature
MC34160
MC33160
TA
0 to +70
−40 to +85
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The maximum voltage range is −0.3 V to VCC or +35 V, whichever is less.
ELECTRICAL CHARACTERISTICS (VCC = 30 V, IO = 10 mA, Iref = 100 mA) For typical values TA = 25°C, for min/max values TA is
the operating ambient temperature range that applies [Notes 2 and 3], unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
REGULATOR SECTION
Total Output Variation (VCC = 7.0 V to 40 V, IO = 1.0 mA to 100 mA, TA = Tlow to Thigh)
VO
4.75
5.0
5.25
V
Line Regulation (VCC = 7.0 V to 40 V, TA = 25°C)
Regline
5.0
40
mV
Load Regulation (IO = 1.0 V to 100 mA, TA = 25°C)
Regload
20
50
mV
Ripple Rejection (VCC = 25 V to 35 V, IO = 40 mA, f = 120 Hz, TA = 25°C)
RR
50
6.5
dB
REFERENCE SECTION
Total Output Variation (VCC = 7.0 to 40 V, IO = 0.1 mA to 2.0 mA, TA = Tlow to Thigh)
Vref
2.47
2.6
2.73
V
Line Regulation (VCC = 5.0 V to 40 V, TA = 25°C)
Regline
2.0
20
mV
Load Regulation (IO = 0.1 mA to 2.0 mA, TA = 25°C)
Regload
4.0
30
mV
RESET COMPARATOR
Threshold Voltage
High State Output (Pin 11 Increasing)
Low State Output (Pin 11 Decreasing)
Hysteresis
VIH
VIL
VH
4.55
0.02
(VO−0.11)
(VO−0.18)
0.07
(VO−0.05)
V
Output Sink Saturation (VCC = 4.5 V, ISink = 2.0 mA)
VOL
0.4
V
Output Off−State Leakage (VOH = 40 V)
IOH
4.0
mA
POWER WARNING COMPARATOR
Input Offset Voltage
VIO
1.2
10
mV
Input Bias Current (VPin 9 = 3.0 V)
IIB
0.5
mA
Input Hysteresis Current (VPin 9 = Vref − 100 mV)
RPin 10 = 24 k
RPin 10 = ∞
IH
40
4.5
50
7.5
60
11
mA
Output Sink Saturation (ISink = 2.0 mA)
VOL
0.13
0.4
V
Output Off−State Leakage (VOH = 40 V)
IOH
4.0
mA
2. Tlo =0°C for MC34160
Thigh =70°C for MC34160
−40
°C for MC33160
85
°C for MC33160
3. Low duty cycle pulse testing techniques are used during test to maintain junction temperature as close to ambient as possible.


Similar Part No. - MC34160PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34160P ONSEMI-MC34160P Datasheet
188Kb / 8P
   MICROPROCESSOR VOLTAGE REGULATOR/ SUPERVISORY CIRCUIT
1996 REV 1
More results

Similar Description - MC34160PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4949APDR2G ONSEMI-NCV4949APDR2G Datasheet
174Kb / 11P
   100 mA, 5.0 V, Low Dropout Voltage Regulator with Reset and Sense
November, 2010 ??Rev. 1
NCV4949A ONSEMI-NCV4949A Datasheet
203Kb / 9P
   100 mA, 5.0 V, Low Dropout Voltage Regulator with Reset and Sense
June, 2010 -- Rev. 0
CS2001 ONSEMI-CS2001 Datasheet
77Kb / 8P
   1.2 A Switching Regulator, and 5.0 V, 100 mA Linear Regulator with RESET
December, 2000 ??Rev. 5
CS8221 ONSEMI-CS8221 Datasheet
75Kb / 7P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
MC34160 ONSEMI-MC34160 Datasheet
188Kb / 8P
   MICROPROCESSOR VOLTAGE REGULATOR/ SUPERVISORY CIRCUIT
1996 REV 1
L4949 ONSEMI-L4949_06 Datasheet
116Kb / 10P
   100 mA, 5.0 V, Low Dropout Voltage Regulator with Power?뭀n Reset
June, 2006 ??Rev. 9
CS8481 ONSEMI-CS8481 Datasheet
50Kb / 6P
   3.3 V/250 mA, 5.0 V/100 mA Micropower Low Dropout Regulator with ENABLE
January, 2004 ??Rev. 9
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS5112 ONSEMI-CS5112 Datasheet
121Kb / 13P
   1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com