Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34163 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC34163
Description  3.4 A, Step?뭊p/Down/Inverting Switching Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34163 Datasheet(HTML) 4 Page - ON Semiconductor

  MC34163_05 Datasheet HTML 1Page - ON Semiconductor MC34163_05 Datasheet HTML 2Page - ON Semiconductor MC34163_05 Datasheet HTML 3Page - ON Semiconductor MC34163_05 Datasheet HTML 4Page - ON Semiconductor MC34163_05 Datasheet HTML 5Page - ON Semiconductor MC34163_05 Datasheet HTML 6Page - ON Semiconductor MC34163_05 Datasheet HTML 7Page - ON Semiconductor MC34163_05 Datasheet HTML 8Page - ON Semiconductor MC34163_05 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MC34163, MC33163
http://onsemi.com
4
100
CT, OSCILLATOR TIMING CAPACITOR (nF)
0.1
10
1.0
1.0
10
Figure 2. Output Switch On−Off Time
versus Oscillator Timing Capacitor
Figure 3. Oscillator Frequency Change
versus Temperature
2.0
−55
TA, AMBIENT TEMPERATURE (°C)
0
−2.0
−4.0
−6.0
−25
0
25
50
75
100
125
1
2
3
4
5
VCC = 15 V
CT = 620 pF
VCC = 15 V
TA = 25°C
1)ton, RDT = ∞
2)ton, RDT = 20 k
3)ton, toff, RDT = 10 k
4)toff, RDT = 20 k
5)toff, RDT = ∞
Figure 4. Feedback Comparator 1 Input Bias
Current versus Temperature
2.8
2.4
2.0
1.6
1.2
−55
−25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
VCC = 15 V
Pin 16 = VCC + 5.0 V
Figure 5. Feedback Comparator 2 Threshold
Voltage versus Temperature
7.6
7.4
7.2
7.0
6.8
−55
−25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
IZ = 25 mA
Figure 6. Bootstrap Input Current
Source versus Temperature
Figure 7. Bootstrap Input Zener Clamp
Voltage versus Temperature
140
−55
TA, AMBIENT TEMPERATURE (°C)
120
100
80
60
−25
0
25
50
75
100
125
1300
1280
1260
1240
1220
1200
−55
TA, AMBIENT TEMPERATURE (°C)
−25
0
25
50
75
100
125
Vth Typ = 1250 mV
Vth Min = 1225 mV
VCC = 15 V
VFB1 = 5.05 V
Vth Max = 1275 mV
VCC = 15 V


Similar Part No. - MC34163_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34163 ONSEMI-MC34163_08 Datasheet
262Kb / 16P
   3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
More results

Similar Description - MC34163_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34166 ONSEMI-MC34166_10 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/ Inverting Switching Regulators
October, 2005 ??Rev. 7
NCP3063 ONSEMI-NCP3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
MC34166 ONSEMI-MC34166_05 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
NCV33163 ONSEMI-NCV33163_05 Datasheet
202Kb / 15P
   2.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 2
MC34063A ONSEMI-MC34063A_10 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34167 ONSEMI-MC34167_10 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/ Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34167 ONSEMI-MC34167_05 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34163 ONSEMI-MC34163_08 Datasheet
262Kb / 16P
   3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com