Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34160DWG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC34160DWG
Description  100 mA, 5.0 V Voltage Regulator and Supervisory Circuit for Microprocessors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34160DWG Datasheet(HTML) 3 Page - ON Semiconductor

  MC34160DWG Datasheet HTML 1Page - ON Semiconductor MC34160DWG Datasheet HTML 2Page - ON Semiconductor MC34160DWG Datasheet HTML 3Page - ON Semiconductor MC34160DWG Datasheet HTML 4Page - ON Semiconductor MC34160DWG Datasheet HTML 5Page - ON Semiconductor MC34160DWG Datasheet HTML 6Page - ON Semiconductor MC34160DWG Datasheet HTML 7Page - ON Semiconductor MC34160DWG Datasheet HTML 8Page - ON Semiconductor MC34160DWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MC34160, MC33160
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (continued) (VCC = 30 V, IO = 10 mA, Iref = 100 mA) For typical values TA = 25°C, for min/max
values TA is the operating ambient temperature range that applies [Notes 4 and 5], unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
UNCOMMITTED COMPARATOR
Input Offset Voltage (Output Transition Low to High)
VIO
20
mV
Input Hysteresis Voltage (Output Transition High to Low)
IH
140
200
260
mV
Input Bias Current (VPin 1, 2 = 2.6 V)
IIB
−1.0
mA
Input Common Mode Voltage Range
VICR
0.6 to 5.0
V
Output Sink Saturation (ISink = 2.0 mA)
VOL
0.13
0.4
V
Output Off−State Leakage (VOH = 40 V)
IOH
4.0
mA
TOTAL DEVICE
Chip Disable Threshold Voltage (Pin 15)
High State (Chip Disabled)
Low State (Chip Enabled)
VIH
VIL
2.5
0.8
V
Chip Disable Input Current (Pin 15)
High State (Vin = 2.5 V)
Low State (Vin = 0.8 V)
IIH
IIL
100
30
mA
Chip Disable Input Resistance (Pin 15)
Rin
50
100
k
W
Operating Voltage Range
VO (Pin 11) Regulated
Vref (Pin 16) Regulated
VCC
7.0 to 40
5.0 to 40
V
Power Supply Current
Standby (Chip Disable High State)
Operating (Chip Disable Low State)
ICC
0.18
1.5
0.35
3.0
mA
4. Tlo =0°C for MC34160
Thigh =70°C for MC34160
−40
°C for MC33160
85
°C for MC33160
5. Low duty cycle pulse testing techniques are used during test to maintain junction temperature as close to ambient as possible.
Figure 2. Regulator Output Voltage Change
versus Source Current
Figure 3. Reference and Regulator Output
versus Supply Voltage
IO, REGULATOR OUTPUT SOURCE CURRENT (mA)
0
−4.0
−8.0
−12
−16
0
40
80
120
160
VCC = 7.5 V
TA = 25°C
VCC, SUPPLY VOLTAGE (V)
0
102030
40
6.0
4.0
2.0
0
RL = 50 W
Regulator Output
Reference Output
RL = 1
TA = 25°C
RL = 1
Figure 4. Reference Output Voltage Change
versus Source Current
Figure 5. Power Warning Hysteresis Current
versus Programming Resistor
Iref, REFERENCE OUTPUT SOURCE CURRENT (mA)
0
−8.0
−16
−24
−32
0
2.0
4.0
6.0
8.0
VCC = 7.5 V
TA = 25°C
RH, PROGRAMMING RESISTOR (kW)
60
40
20
0
20
40
60
80
100
120
140
VCC = 30 V
VPin 9 = 2.5 V
TA = 25°C


Similar Part No. - MC34160DWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34160DW ONSEMI-MC34160DW Datasheet
188Kb / 8P
   MICROPROCESSOR VOLTAGE REGULATOR/ SUPERVISORY CIRCUIT
1996 REV 1
More results

Similar Description - MC34160DWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4949APDR2G ONSEMI-NCV4949APDR2G Datasheet
174Kb / 11P
   100 mA, 5.0 V, Low Dropout Voltage Regulator with Reset and Sense
November, 2010 ??Rev. 1
NCV4949A ONSEMI-NCV4949A Datasheet
203Kb / 9P
   100 mA, 5.0 V, Low Dropout Voltage Regulator with Reset and Sense
June, 2010 -- Rev. 0
CS2001 ONSEMI-CS2001 Datasheet
77Kb / 8P
   1.2 A Switching Regulator, and 5.0 V, 100 mA Linear Regulator with RESET
December, 2000 ??Rev. 5
CS8221 ONSEMI-CS8221 Datasheet
75Kb / 7P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
MC34160 ONSEMI-MC34160 Datasheet
188Kb / 8P
   MICROPROCESSOR VOLTAGE REGULATOR/ SUPERVISORY CIRCUIT
1996 REV 1
L4949 ONSEMI-L4949_06 Datasheet
116Kb / 10P
   100 mA, 5.0 V, Low Dropout Voltage Regulator with Power?뭀n Reset
June, 2006 ??Rev. 9
CS8481 ONSEMI-CS8481 Datasheet
50Kb / 6P
   3.3 V/250 mA, 5.0 V/100 mA Micropower Low Dropout Regulator with ENABLE
January, 2004 ??Rev. 9
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS5112 ONSEMI-CS5112 Datasheet
121Kb / 13P
   1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com