Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33067P Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC33067P
Description  High Performance Resonant Mode Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33067P Datasheet(HTML) 3 Page - ON Semiconductor

  MC33067P Datasheet HTML 1Page - ON Semiconductor MC33067P Datasheet HTML 2Page - ON Semiconductor MC33067P Datasheet HTML 3Page - ON Semiconductor MC33067P Datasheet HTML 4Page - ON Semiconductor MC33067P Datasheet HTML 5Page - ON Semiconductor MC33067P Datasheet HTML 6Page - ON Semiconductor MC33067P Datasheet HTML 7Page - ON Semiconductor MC33067P Datasheet HTML 8Page - ON Semiconductor MC33067P Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MC34067, MC33067
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
(VCC = 12 V [Note 2], ROSC= 18.2 k, RVFO = 2940 W, COSC = 300 pF, RT = 2370 W, CT = 300 pF, CL = 1.0 nF. For typical values
TA = 25°C, for min/max values TA is the operating ambient temperature range that applies (Note 3), unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
REFERENCE SECTION
Reference Output Voltage (IO = 0 mA, TJ = 25°C)
Vref
5.0
5.1
5.2
V
Line Regulation (VCC = 10 V to 18 V)
Regline
1.0
20
mV
Load Regulation (IO = 0 mA to 10 mA)
Regload
1.0
20
mV
Total Output Variation Over Line, Load, and Temperature
Vref
4.9
5.3
V
Output Short Circuit Current
(0
°C to 70°C)
(−40
°C to 85°C)
IO
30
25
100
100
190
225
mA
Reference Undervoltage Lockout Threshold
Vth
3.8
4.3
4.8
V
ERROR AMPLIFIER
Input Offset Voltage (VCM = 1.5 V)
VIO
1.0
10
mV
Input Bias Current (VCM = 1.5 V)
IIB
0.2
1.0
mA
Input Offset Current (VCM = 1.5 V)
IIO
0
0.5
mA
Open Loop Voltage Gain (VCM = 1.5 V, VO = 2.0 V)
AVOL
70
100
dB
Gain Bandwidth Product (f = 100 kHz)
TA = 25°C
TA = Tlow to Thigh
GBW
3.0
2.7
5.0
MHz
Input Common Mode Rejection Ratio (VCM = 1.5 V to 5.0 V)
CMR
70
95
dB
Power Supply Rejection Ratio (VCC = 10 V to 18 V, f = 120 Hz)
PSR
80
100
dB
Output Voltage Swing
High State (Isource = 2.0 mA)
Low State (Isink = 4.0 mA)
VOH
VOL
2.8
3.2
0.6
0.8
V
1. Maximum package power dissipation limits must be observed.
2. Adjust VCC above the Startup Threshold voltage before setting to 12 V.
3. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
4. Tlow
=0
°C for MC34067
=− 40
°C for MC33067
Thigh =+ 70°C for MC34067
=+ 85
°C for MC33067


Similar Part No. - MC33067P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33067P ONSEMI-MC33067P Datasheet
374Kb / 16P
   HIGH PERFORMANCE ZERO VOLTAGE SWITCH RESONANT MODE CONTROLLERS
Rev 1, 05/99
More results

Similar Description - MC33067P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34067 ONSEMI-MC34067_09 Datasheet
634Kb / 16P
   High Performance Resonant Mode Controllers
December, 2009 ??Rev. 13
MC33067 ONSEMI-MC33067_15 Datasheet
540Kb / 16P
   High Performance Resonant Mode Controllers
August, 2015 ??Rev. 15
logo
Motorola, Inc
MC34066 MOTOROLA-MC34066 Datasheet
171Kb / 12P
   High Performance Resonant Mode Controllers
logo
ON Semiconductor
MC34067 ONSEMI-MC34067 Datasheet
374Kb / 16P
   HIGH PERFORMANCE ZERO VOLTAGE SWITCH RESONANT MODE CONTROLLERS
Rev 1, 05/99
logo
Infineon Technologies A...
ICE2HS01G INFINEON-ICE2HS01G Datasheet
606Kb / 29P
   High Performance Resonant Mode Controller
Version 2.0, 11 May 2010
logo
ON Semiconductor
NCP1397ADR2G ONSEMI-NCP1397ADR2G Datasheet
749Kb / 27P
   High Performance Resonant Mode Controller
November, 2011 ??Rev. 4
NCP1395 ONSEMI-NCP1395 Datasheet
335Kb / 27P
   High Performance Resonant Mode Controller
March, 2006 ??Rev. 1
logo
List of Unclassifed Man...
UC1861-1868 ETC1-UC1861-1868 Datasheet
422Kb / 9P
   Resonant-Mode Power Supply Controllers
logo
Texas Instruments
UC1861 TI-UC1861 Datasheet
438Kb / 9P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC1861 TI1-UC1861_13 Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com