Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10E111FNR2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10E111FNR2G
Description  5V ECL 1:9 Differential Clock Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E111FNR2G Datasheet(HTML) 2 Page - ON Semiconductor

  MC10E111FNR2G Datasheet HTML 1Page - ON Semiconductor MC10E111FNR2G Datasheet HTML 2Page - ON Semiconductor MC10E111FNR2G Datasheet HTML 3Page - ON Semiconductor MC10E111FNR2G Datasheet HTML 4Page - ON Semiconductor MC10E111FNR2G Datasheet HTML 5Page - ON Semiconductor MC10E111FNR2G Datasheet HTML 6Page - ON Semiconductor MC10E111FNR2G Datasheet HTML 7Page - ON Semiconductor MC10E111FNR2G Datasheet HTML 8Page - ON Semiconductor MC10E111FNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MC10E111, MC100E111
http://onsemi.com
2
1
56
78
9
10
11
25
24
23
22
21
20
19
26
27
28
2
3
4
18
17
16
15
14
13
12
VEE
EN
IN
VCC
IN
VBB
NC
Q3
Q3
Q4
VCCO
Q4
Q5
Q5
Pinout: 28-Lead PLCC
(Top View)
Q0
Q0 Q1 VCCO Q1 Q2
Q2
Q8
Q7
Q6
Q8
VCCO Q7
Q6
Warning: All VCC, VCCO, and VEE pins must be exter-
nally connected to Power Supply to guarantee proper
operation.
* All VCC and VCCO pins are tied together on the die.
Figure 1. 28−Lead Pinout
Table 1. PIN DESCRIPTION
PIN
FUNCTION
IN, IN
EN
Q0, Q0−Q8, Q8
VBB
VCC, VCCO
VEE
NC
ECL Differential Input Pair
ECL Enable
ECL Differential Outputs
Reference Voltage Output
Positive Supply
Negative Supply
No Connect
IN
IN
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
Q5
Q5
Q6
Q6
Q7
Q7
Q8
Q8
EN
VBB
Figure 2. Logic Symbol


Similar Part No. - MC10E111FNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E111FNR2G ONSEMI-MC10E111FNR2G Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
More results

Similar Description - MC10E111FNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111_16 Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
logo
Arizona Microtek, Inc
AZ10E111 AZM-AZ10E111 Datasheet
91Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
AZ10LVE111 AZM-AZ10LVE111 Datasheet
84Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111_06 Datasheet
130Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
MC100LVE111 ONSEMI-MC100LVE111_13 Datasheet
132Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
April, 2013 ??Rev. 8
logo
Micrel Semiconductor
SY10E111AE MICREL-SY10E111AE_09 Datasheet
157Kb / 7P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
logo
ON Semiconductor
MC10E411 ONSEMI-MC10E411_06 Datasheet
127Kb / 8P
   5V ECL 1:9 Differential PECL/NECL RAMBus Clock Buffer
November, 2006 ??Rev. 8
logo
Arizona Microtek, Inc
AZ10LVE111E AZM-AZ10LVE111E Datasheet
103Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver with Enable
logo
Motorola, Inc
MC100LVE111 MOTOROLA-MC100LVE111 Datasheet
88Kb / 5P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
logo
Semtech Corporation
SK10LVE111 SEMTECH-SK10LVE111 Datasheet
150Kb / 6P
   Low Voltage 1:9 Differential ECL/ PECL Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com