Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10EL16 Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC10EL16
Description  5.0 V ECL Differential Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EL16 Datasheet(HTML) 8 Page - ON Semiconductor

  MC10EL16 Datasheet HTML 1Page - ON Semiconductor MC10EL16 Datasheet HTML 2Page - ON Semiconductor MC10EL16 Datasheet HTML 3Page - ON Semiconductor MC10EL16 Datasheet HTML 4Page - ON Semiconductor MC10EL16 Datasheet HTML 5Page - ON Semiconductor MC10EL16 Datasheet HTML 6Page - ON Semiconductor MC10EL16 Datasheet HTML 7Page - ON Semiconductor MC10EL16 Datasheet HTML 8Page - ON Semiconductor MC10EL16 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MC10EL16, MC100EL16
http://onsemi.com
8
PACKAGE DIMENSIONS
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
2.90
3.10
0.114
0.122
B
2.90
3.10
0.114
0.122
C
0.80
1.10
0.031
0.043
D
0.05
0.15
0.002
0.006
F
0.40
0.70
0.016
0.028
G
0.65 BSC
0.026 BSC
L
4.90 BSC
0.193 BSC
M
0
6
0
6
___
_
SEATING
PLANE
PIN 1
1
4
85
DETAIL E
B
C
D
A
G
DETAIL E
F
M
L
2X
L/2
−U−
S
U
0.15 (0.006) T
S
U
0.15 (0.006) T
S
U
M
0.10 (0.004)
V S
T
0.10 (0.004)
−T−
−V−
−W−
0.25 (0.010)
8x
REF
K
IDENT
K
0.25
0.40
0.010
0.016
TSSOP−8
DT SUFFIX
PLASTIC TSSOP PACKAGE
CASE 948R−02
ISSUE A
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A DOES NOT INCLUDE MOLD FLASH.
PROTRUSIONS OR GATE BURRS. MOLD FLASH
OR GATE BURRS SHALL NOT EXCEED 0.15
(0.006) PER SIDE.
4. DIMENSION B DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSION. INTERLEAD FLASH OR
PROTRUSION SHALL NOT EXCEED 0.25 (0.010)
PER SIDE.
5. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
6. DIMENSION A AND B ARE TO BE DETERMINED
AT DATUM PLANE −W−.


Similar Part No. - MC10EL16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL16 ONSEMI-MC10EL16 Datasheet
69Kb / 8P
   Differential Receiver
November, 2003 ??Rev. 5
MC10EL16 ONSEMI-MC10EL16 Datasheet
169Kb / 8P
   5.0 V ECL Differential Receiver
July, 2016 ??Rev. 9
MC10EL16D ONSEMI-MC10EL16D Datasheet
69Kb / 8P
   Differential Receiver
November, 2003 ??Rev. 5
MC10EL16D ONSEMI-MC10EL16D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC10EL16DG ONSEMI-MC10EL16DG Datasheet
169Kb / 8P
   5.0 V ECL Differential Receiver
July, 2016 ??Rev. 9
More results

Similar Description - MC10EL16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL16 ONSEMI-MC10EL16_16 Datasheet
169Kb / 8P
   5.0 V ECL Differential Receiver
July, 2016 ??Rev. 9
logo
Texas Instruments
SN65EL16 TI1-SN65EL16 Datasheet
599Kb / 13P
[Old version datasheet]   5-V ECL Differential Receiver
logo
ON Semiconductor
MC100EL17 ONSEMI-MC100EL17_16 Datasheet
146Kb / 5P
   5V ECL Quad Differential Receiver
July, 2016 ??Rev. 8
MC100LVEL17 ONSEMI-MC100LVEL17_16 Datasheet
152Kb / 7P
   3.3 V ECL Quad Differential Receiver
July, 2016 ??Rev. 9
MC100EP16VT ONSEMI-MC100EP16VT_16 Datasheet
198Kb / 12P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 5
MC10EP16VA ONSEMI-MC10EP16VA_16 Datasheet
195Kb / 11P
   ECL Differential Receiver/Driver
August, 2016 ??Rev. 11
MC10EP16 ONSEMI-MC10EP16_16 Datasheet
194Kb / 11P
   ECL Differential Receiver/Driver
August, 2016 ??Rev. 7
MC100EP16VB ONSEMI-MC100EP16VB_16 Datasheet
169Kb / 8P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 8
MC100EP16VC ONSEMI-MC100EP16VC_16 Datasheet
187Kb / 10P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 8
MC10LVEP16 ONSEMI-MC10LVEP16_16 Datasheet
196Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
August, 2016 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com