Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRS3201T3G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MBRS3201T3G
Description  200V, 3A Schottky Fast Soft?뭃ecovery Power Rectifier SMC Power Surface Mount Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRS3201T3G Datasheet(HTML) 4 Page - ON Semiconductor

  MBRS3201T3G Datasheet HTML 1Page - ON Semiconductor MBRS3201T3G Datasheet HTML 2Page - ON Semiconductor MBRS3201T3G Datasheet HTML 3Page - ON Semiconductor MBRS3201T3G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MBRS3201T3
http://onsemi.com
4
PACKAGE DIMENSIONS
SMC
CASE 403−03
ISSUE E
DIM
A
MIN
NOM
MAX
MIN
MILLIMETERS
1.90
2.13
2.41
0.075
INCHES
A1
0.05
0.10
0.15
0.002
b
2.92
3.00
3.07
0.115
c
0.15
0.23
0.30
0.006
D
5.59
5.84
6.10
0.220
E
6.60
6.86
7.11
0.260
L
0.76
1.02
1.27
0.030
0.084
0.095
0.004
0.006
0.118
0.121
0.009
0.012
0.230
0.240
0.270
0.280
0.040
0.050
NOM
MAX
7.75
7.94
8.13
0.305
0.313
0.320
H E
4.343
0.171
3.810
0.150
2.794
0.110
mm
inches
SCALE 4:1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
E
bD
c
L1
L
A1
A
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. D DIMENSION SHALL BE MEASURED WITHIN DIMENSION P.
4. 403−01 THRU −02 OBSOLETE, NEW STANDARD 403−03.
HE
0.020 REF
0.51 REF
L1
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
MBRS3201T3/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Similar Part No. - MBRS3201T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS3201T3G ONSEMI-MBRS3201T3G Datasheet
130Kb / 4P
   Schottky Fast Soft-Recovery Power Rectifier
January, 2012 ??Rev. 3
More results

Similar Description - MBRS3201T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS4201T3 ONSEMI-MBRS4201T3_07 Datasheet
55Kb / 4P
   200V, 4A Schottky Fast Soft?뭃ecovery Power Rectifier SMC Power Surface Mount Package
January, 2007 ??Rev. 3
MBRS4201T3 ONSEMI-MBRS4201T3 Datasheet
60Kb / 4P
   200V, 4A Schottky Fast Soft?뭃ecovery Power Rectifier
August, 2005 ??Rev. 2
MBRS3201T3 ONSEMI-MBRS3201T3 Datasheet
44Kb / 4P
   200V, 3A Schottky Fast Soft-Recovery Power Rectifier
October, 2004 ??Rev. 0
MBRS4201T3 ONSEMI-MBRS4201T3_08 Datasheet
96Kb / 4P
   200V, 4A Schottky Fast Soft-Recovery Power Rectifier
August, 2008 ??Rev. 4
logo
Taiwan Semiconductor Co...
ES3DV TSC-ES3DV Datasheet
291Kb / 6P
   3A, 200V Surface Mount Ultra Fast Rectifier
logo
ON Semiconductor
MBRS1100T3 ONSEMI-MBRS1100T3_07 Datasheet
49Kb / 4P
   Schottky Power Rectifier Surface Mount Power Package
March, 2007 ??Rev. 9
logo
Motorola, Inc
MBRS1100T3 MOTOROLA-MBRS1100T3 Datasheet
77Kb / 4P
   Schottky Power Rectifier(Surface Mount Power Package)
MBRS130LT3 MOTOROLA-MBRS130LT3 Datasheet
63Kb / 4P
   Schottky Power Rectifier(Surface Mount Power Package)
logo
ON Semiconductor
MBRS130LT3G ONSEMI-MBRS130LT3G_V01 Datasheet
278Kb / 6P
   Schottky Power Rectifier Surface Mount Power Package
December, 2019 - Rev. 11
logo
Motorola, Inc
MBRS240LT3 MOTOROLA-MBRS240LT3 Datasheet
121Kb / 4P
   Surface Mount Schottky Power Rectifier(SMB Power Surface Mount Package)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com