Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRB30H30CT-1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBRB30H30CT-1G
Description  SWITCHMODE Power Rectifier 30 V, 30 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRB30H30CT-1G Datasheet(HTML) 3 Page - ON Semiconductor

  MBRB30H30CT-1G Datasheet HTML 1Page - ON Semiconductor MBRB30H30CT-1G Datasheet HTML 2Page - ON Semiconductor MBRB30H30CT-1G Datasheet HTML 3Page - ON Semiconductor MBRB30H30CT-1G Datasheet HTML 4Page - ON Semiconductor MBRB30H30CT-1G Datasheet HTML 5Page - ON Semiconductor MBRB30H30CT-1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MBRB30H30CT−1
http://onsemi.com
3
Figure 1. Typical Forward Voltage
Figure 2. Maximum Forward Voltage
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
100
1
0.1
0.4
0
0.2
1.0
TJ = 25°C
0.8
0.6
Figure 3. Typical Reverse Current
Figure 4. Maximum Reverse Current
5
0
VR, REVERSE VOLTAGE (VOLTS)
1.0E−00
1.0E−01
1.0E−02
1.0E−05
10
TJ = 125°C
TJ = 25°C
Figure 5. Current Derating
TC, CASE TEMPERATURE (°C)
120
110
10
5
0
140
150
130
160
SQUARE WAVE
dc
15
0
IO, AVERAGE FORWARD CURRENT (AMPS)
16
2
0
510
SQUARE
Figure 6. Forward Power Dissipation
10
0.1
10
TJ = 125°C
15
20
30
1.0E−04
1.0E−03
100
4
6
8
12
14
DC
30
15
25
20
20
25
25
0.3
0.5
0.7
0.9
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
100
1
0.1
0.4
0
0.2
1.0
TJ = 25°C
0.8
0.6
0.1
10
TJ = 125°C
0.3
0.5
0.7
0.9
5
0
VR, REVERSE VOLTAGE (VOLTS)
1.0E−00
1.0E−01
1.0E−02
1.0E−05
10
TJ = 125°C
TJ = 25°C
15
20
30
1.0E−04
1.0E−03
25


Similar Part No. - MBRB30H30CT-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRB30H30CT-1G ONSEMI-MBRB30H30CT-1G Datasheet
58Kb / 6P
   SWITCHMODE Power Rectifier 30 V, 30 A
April, 2006 ??Rev. 0
MBRB30H30CT-1G ONSEMI-MBRB30H30CT-1G Datasheet
89Kb / 8P
   SWITCHMODE??Power Rectifiers
October, 2007 - Rev. 3
MBRB30H30CT-1G ONSEMI-MBRB30H30CT-1G Datasheet
101Kb / 7P
   Switch-mode Power Rectifiers
January, 2015 ??Rev. 6
MBRB30H30CT-1G ONSEMI-MBRB30H30CT-1G_15 Datasheet
101Kb / 7P
   Switch-mode Power Rectifiers
January, 2015 ??Rev. 6
More results

Similar Description - MBRB30H30CT-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRB30H30CT-1 ONSEMI-MBRB30H30CT-1 Datasheet
58Kb / 6P
   SWITCHMODE Power Rectifier 30 V, 30 A
April, 2006 ??Rev. 0
MBR30H80CT ONSEMI-MBR30H80CT Datasheet
113Kb / 6P
   SWITCHMODE??Power Rectifier 80 V, 30 A
February, 2009 ??Rev. 2
MBRB30H60CT-1 ONSEMI-MBRB30H60CT-1 Datasheet
58Kb / 6P
   SWITCHMODE Power Rectifier 60 V, 30 A
April, 2006 ??Rev. 0
MBRB30H60CT-1G ONSEMI-MBRB30H60CT-1G Datasheet
73Kb / 7P
   SWITCHMODE Power Rectifier 60 V, 30 A
March, 2007 ??Rev. 3
MBR30L45CTG ONSEMI-MBR30L45CTG Datasheet
138Kb / 6P
   SWITCHMODE??Power Rectifier 45 V, 30 A
January, 2010 ??Rev. 2
MBR30L60CT ONSEMI-MBR30L60CT Datasheet
142Kb / 7P
   SWITCHMODE??Power Rectifier 60 V, 30 A
December, 2008 ??Rev. 0
MBRF30H150CTG ONSEMI-MBRF30H150CTG Datasheet
92Kb / 6P
   SWITCHMODE??Power Rectifier 150 V, 30 A
October, 2007 - Rev. 0
MBR30H100CT ONSEMI-MBR30H100CT Datasheet
71Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 30 A
July, 2006 ??Rev. 2
logo
NTE Electronics
NTE6246 NTE-NTE6246 Datasheet
20Kb / 2P
   Ultrafast Switchmode Power Rectifier, 30 Amp
logo
STMicroelectronics
STPS30M100S STMICROELECTRONICS-STPS30M100S Datasheet
140Kb / 10P
   100 V, 30 A power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com