Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR40250T Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBR40250T
Description  250 V, 40 A SWITCHMODE Schottky Power Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR40250T Datasheet(HTML) 1 Page - ON Semiconductor

  MBR40250T Datasheet HTML 1Page - ON Semiconductor MBR40250T Datasheet HTML 2Page - ON Semiconductor MBR40250T Datasheet HTML 3Page - ON Semiconductor MBR40250T Datasheet HTML 4Page - ON Semiconductor MBR40250T Datasheet HTML 5Page - ON Semiconductor MBR40250T Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
April, 2006 − Rev. 5
1
Publication Order Number:
MBR40250/D
MBR40250, MBR40250T,
MBRF40250T
250 V, 40 A SWITCHMODEt
Schottky Power Rectifier
Features
250 V Blocking Voltage
Low Forward Voltage Drop, VF = 0.86 V
Soft Recovery Characteristic, TRR < 35 ns
Low Reverse Current, IR = 30 mA
Stable Switching Performance Over Temperature
Pb−Free Packages are Available
Benefits
Reduces or Eliminates Reverse Recovery Oscillations
Minimizes Need for EMI Filtering
Reduces Switching Losses
Improved Efficiency
Applications
Power Supply
Power Management
Automotive
Instrumentation
Mechanical Characteristics
Case: Epoxy, Molded
Weight: 1.9 grams (approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Epoxy Meets UL 94 V−0 at 0.125 in
SCHOTTKY RECTIFIER
40 AMPERES, 250 VOLTS
1
3
2, 4
http://onsemi.com
TO−220AC
CASE 221B
PLASTIC
MARKING
DIAGRAMS
AYWW
B40250TG
A K A
B40250 = Device Code
T
= 3 pins
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
KA, AKA = Polarity Designator
3
1, 4
TO−220AB
CASE 221A
T SUFFIX
PLASTIC
AYWWG
B40250
K A
1
2
3
4
1
3
4
1
2
3
1
3
2
TO−220 FULLPACK
CASE 221D
T SUFFIX
PLASTIC
AYWW
B40250TG
A K A
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MBR40250T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR40250T ONSEMI-MBR40250T Datasheet
48Kb / 6P
   250 V, 40 A SWITCHMODE Schottky Power Rectifier
November, 2004 ??Rev. P0
MBR40250T ONSEMI-MBR40250T Datasheet
117Kb / 7P
   250 V, 40 A SWITCHMODE Schottky Power Rectifier
May, 2011 ??Rev. 10
logo
Kersemi Electronic Co.,...
MBR40250T KERSEMI-MBR40250T Datasheet
467Kb / 6P
   250 V, 40 A SWITCHMODE Schottky Power Rectifier
logo
ON Semiconductor
MBR40250TG ONSEMI-MBR40250TG Datasheet
117Kb / 7P
   250 V, 40 A SWITCHMODE Schottky Power Rectifier
May, 2011 ??Rev. 10
logo
Kersemi Electronic Co.,...
MBR40250TG KERSEMI-MBR40250TG Datasheet
467Kb / 6P
   250 V, 40 A SWITCHMODE Schottky Power Rectifier
More results

Similar Description - MBR40250T

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBR40250TG KERSEMI-MBR40250TG Datasheet
467Kb / 6P
   250 V, 40 A SWITCHMODE Schottky Power Rectifier
logo
ON Semiconductor
MBR40250 ONSEMI-MBR40250 Datasheet
48Kb / 6P
   250 V, 40 A SWITCHMODE Schottky Power Rectifier
November, 2004 ??Rev. P0
MBR40250 ONSEMI-MBR40250_11 Datasheet
117Kb / 7P
   250 V, 40 A SWITCHMODE Schottky Power Rectifier
May, 2011 ??Rev. 10
MBR41H100CT ONSEMI-MBR41H100CT_07 Datasheet
81Kb / 8P
   SWITCHMODE Power Rectifier 100 V, 40 A
March, 2007 ??Rev. 4
MBR40L45CTG ONSEMI-MBR40L45CTG Datasheet
53Kb / 5P
   SWITCHMODE??Power Rectifier 45 V, 40 A
April, 2007 ??Rev. 0
MBR40L60CT ONSEMI-MBR40L60CT Datasheet
126Kb / 5P
   SWITCHMODE??Power Rectifier 60 V, 40 A
December, 2008 ??Rev. 0
MBR40H100WT ONSEMI-MBR40H100WT Datasheet
65Kb / 6P
   SWITCHMODE??Power Rectifier 100 V, 40 A
September, 2005 ??Rev. 0
MBR40250G ONSEMI-MBR40250G_15 Datasheet
107Kb / 7P
   Switch-mode Schottky Power Rectifier 250 V, 40 A
January, 2015 ??Rev. 13
MBR40H100WT ONSEMI-MBR40H100WT_06 Datasheet
109Kb / 6P
   SWITCHMODE Power Rectifier100 V, 40 A
August, 2006 ??Rev. 1
SBRD81035CTLT4G ONSEMI-SBRD81035CTLT4G Datasheet
120Kb / 6P
   SWITCHMODE Schottky Power Rectifier
November, 2012 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com