Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR360G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBR360G
Description  Axial Lead Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR360G Datasheet(HTML) 2 Page - ON Semiconductor

  MBR360G Datasheet HTML 1Page - ON Semiconductor MBR360G Datasheet HTML 2Page - ON Semiconductor MBR360G Datasheet HTML 3Page - ON Semiconductor MBR360G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBR350, MBR360
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TL = 25°C unless otherwise noted) (Note 2)
Characteristic
Symbol
Max
Unit
Maximum Instantaneous Forward Voltage (Note 3)
(iF = 1.0 Amp)
(iF = 3.0 Amp)
(iF = 9.4 Amp)
vF
0.600
0.740
1.080
V
Maximum Instantaneous Reverse Current @ Rated DC Voltage (Note 3)
TL = 25°C
TL = 100°C
iR
0.60
20
mA
2. Lead Temperature reference is cathode lead 1/32 in from case.
3. Pulse Test: Pulse Width = 300
ms, Duty Cycle = 2.0%.
TA, AMBIENT TEMPERATURE (C°)
20
100
60
40
80
4.0
2.0
3.0
5.0
0
1.0
DC
SQUARE
WAVE
120
140
160
VR REVERSE VOLTAGE (VOLTS)
020
10
30
40
0.002
0.005
0.01
0.05
0.02
0.10
0.50
0.20
20
10
5.0
2.0
1.0
25
°C
vF, INSTANTANEOUS VOLTAGE (VOLTS)
0.2
0
0.4
5.0
0.03
0.02
0.07
0.2
0.1
20
10
3.0
2.0
1.0
0.6
0.8
0.3
0.05
0.5
0.7
7.0
1.0
1.2
1.4
*The curves shown are typical for the highest
voltage device in the voltage grouping. Typical
reverse current for lower voltage selections can
be estimated from these same curves if VR is
sufficiently below rated VR.
50
60
80
75
°C
100
°C
TJ = 150°C
TJ = 100°C
25
°C
75
°C
TJ = 150°C
RATED VR
RqJA = 28°C/W
0
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current*
Figure 3. Current Derating Ambient
(Mounting Method 3 per Note 4)


Similar Part No. - MBR360G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MBR360G-Z21D-B UTC-MBR360G-Z21D-B Datasheet
135Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR360G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR150 MOTOROLA-MBR150 Datasheet
95Kb / 4P
   Axial Lead Rectifiers
logo
ON Semiconductor
MBR835 ONSEMI-MBR835 Datasheet
138Kb / 4P
   Axial Lead Rectifiers
September, 2006 ??Rev. 2
1N5817 ONSEMI-1N5817 Datasheet
75Kb / 7P
   Axial Lead Rectifiers
July, 2006 ??Rev. 10
MBR150 ONSEMI-MBR150 Datasheet
67Kb / 5P
   Axial Lead Rectifiers
June, 2006 ??Rev. 8
logo
New Jersey Semi-Conduct...
MBR115P NJSEMI-MBR115P Datasheet
133Kb / 2P
   AXIAL LEAD RECTIFIERS
logo
ON Semiconductor
1N5820 ONSEMI-1N5820 Datasheet
97Kb / 8P
   Axial Lead Rectifiers
June, 2006 ??Rev. 9
MBR350 ONSEMI-MBR350 Datasheet
57Kb / 4P
   Axial Lead Rectifiers
December, 2004 ??Rev. 4
logo
Weitron Technology
SR320 WEITRON-SR320 Datasheet
637Kb / 3P
   Axial Lead Schottky Rectifiers
logo
SiPower Inc.
SPSL20200 SIPOWER-SPSL20200 Datasheet
398Kb / 3P
   Axial Lead Schottky Rectifiers
SPSL15200 SIPOWER-SPSL15200 Datasheet
396Kb / 3P
   Axial Lead Schottky Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com