Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3771 Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB3771
Description  Power Supply Monitor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3771 Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB3771 Datasheet HTML 6Page - Fujitsu Component Limited. MB3771 Datasheet HTML 7Page - Fujitsu Component Limited. MB3771 Datasheet HTML 8Page - Fujitsu Component Limited. MB3771 Datasheet HTML 9Page - Fujitsu Component Limited. MB3771 Datasheet HTML 10Page - Fujitsu Component Limited. MB3771 Datasheet HTML 11Page - Fujitsu Component Limited. MB3771 Datasheet HTML 12Page - Fujitsu Component Limited. MB3771 Datasheet HTML 13Page - Fujitsu Component Limited. MB3771 Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
MB3771
10
6.
5 V Power Supply Monitor with forced RESET input (VCC = 5 V)
RESIN is an TTL compatible input.
7.
5 V Power Supply Monitor with Non-inverted RESET
In this case, Comparator C is used to invert RESET signal. OUTC is an open-collector output.
RL is used an a pull-up resistor.
8.
Supply Voltage Monitoring with Delayed Trigger
When the voltage shown in the diagram below is applied at VCC, the minimum value of the input pulse width is
increased to 40
µs (when C1 = 1000 pF).
The formula for calculating the minimum value of the input pulse width [TPI] is:
TPI [
µs] := 4 × 10-2 × C1 [pF]
RESIN
CT
MB3771
1
2
3
4
8
7
6
5
RESET
VCC
Logic Circuit
CT
MB3771
1
2
3
4
8
7
6
5
RL: 10 k
VCC
RESET
CT
MB3771
1
2
3
4
8
7
6
5
VCC
TP
RESET
C1
5 V
4 V


Similar Part No. - MB3771

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3771 FUJITSU-MB3771 Datasheet
183Kb / 20P
   Power Supply Monitor
logo
Cypress Semiconductor
MB3771 CYPRESS-MB3771 Datasheet
570Kb / 24P
   Power Supply Monitor
logo
Fujitsu Component Limit...
MB3771P FUJITSU-MB3771P Datasheet
183Kb / 20P
   Power Supply Monitor
MB3771PF FUJITSU-MB3771PF Datasheet
183Kb / 20P
   Power Supply Monitor
MB3771PF-G-BND-JNE1 FUJITSU-MB3771PF-G-BND-JNE1 Datasheet
196Kb / 21P
   ASSP For power supply applications BIPOLAR Power Supply Monitor
More results

Similar Description - MB3771

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB3771 CYPRESS-MB3771 Datasheet
570Kb / 24P
   Power Supply Monitor
logo
Fujitsu Component Limit...
MB3771 FUJITSU-MB3771 Datasheet
183Kb / 20P
   Power Supply Monitor
logo
Analog Devices
ADM1040 AD-ADM1040 Datasheet
42Kb / 1P
   Power Supply Monitor ASIC
REV. PrG 01/01
logo
Maxim Integrated Produc...
MAX709 MAXIM-MAX709_05 Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700 Datasheet
133Kb / 4P
   Power-Supply Monitor with Reset
1990
logo
Analog Devices
ADM709 AD-ADM709_15 Datasheet
232Kb / 4P
   Power Supply Monitor with Reset
REV. 0
logo
Texas Instruments
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
logo
Maxim Integrated Produc...
MAX709 MAXIM-MAX709 Datasheet
69Kb / 8P
   Power-Supply Monitor with Reset
Rev. 1; 6/94
logo
Analog Devices
ADM709RARZ AD-ADM709RARZ Datasheet
232Kb / 4P
   Power Supply Monitor with Resst
REV. 0
logo
Maxim Integrated Produc...
MAX700 MAXIM-MAX700_08 Datasheet
84Kb / 6P
   Power-Supply Monitor with Reset
19-2690; Rev 2; 12/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com