Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9970 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9970
Description  14-Bit CCD Signal Processor with Precision Timing Generator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9970 Datasheet(HTML) 1 Page - Analog Devices

  AD9970 Datasheet HTML 1Page - Analog Devices AD9970 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
14-Bit CCD Signal Processor with
Precision Timing™ Generator
AD9970
Rev. SpA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005–2007 Analog Devices, Inc. All rights reserved.
FEATURES
1.8 V analog and digital core supply voltage
Serial data link with reduced range LVDS outputs
Correlated double sampler (CDS) with −3 dB, 0 dB, +3 dB,
and +6 dB gain
6 dB to 42 dB, 10-bit variable gain amplifier (VGA)
14-bit, 65 MHz ADC
Black level clamp with variable level control
Complete on-chip timing generator
Precision Timing core with 240 ps resolution @ 65 MHz
On-chip, 3 V horizontal and RG drivers
5 mm × 5 mm, 32-lead LFCSP_VQ
APPLICATIONS
Professional HDTV camcorders
Professional/high end digital cameras
Broadcast cameras
Industrial high speed cameras
High speed data acquisition systems
GENERAL DESCRIPTION
The AD9970 is a highly integrated CCD signal processor for
high speed digital video camera applications. Specified at pixel
rates of up to 65 MHz, the AD9970 consists of a complete analog
front end with analog-to-digital conversion combined with a
programmable timing driver. The Precision Timing core allows
adjustment of high speed clocks with 240 ps resolution at
65 MHz operation. The AD9970 also contains a reduced range
LVDS interface for data outputs.
The analog front end includes black level clamping, CDS, VGA,
and a 65 MSPS, 14-bit ADC. The timing driver provides the high
speed CCD clock drivers for RG, HL, and H1 to H4. Operation
is programmed using a 3-wire serial interface.
Packaged in a space-saving 5 mm × 5 mm, 32-lead LFCSP_VQ,
the AD9970 is specified over an operating temperature range of
−25°C to +85°C.
For more information about the AD9970, contact Analog Devices
via email at afe.ccd@analog.com.
FUNCTIONAL BLOCK DIAGRAM
AD9970
CDS
VGA
CLAMP
14-BIT
ADC
CLI
VREF
6dB TO 42dB
HORIZONTAL
DRIVERS
4
RG
H1 TO H4
REFT REFB
PRECISION
TIMING
GENERATOR
SYNC
GENERATOR
INTERNAL CLOCKS
HD
VD
INTERNAL
REGISTERS
SL
SCK
SDATA
CCDIN
REDUCED
RANGE
LVDS OUTPUT
DOUT0P
DOUT1P
HL
DOUT0N
DOUT1N
TCLKP
TCLKN
–3, 0, +3, +6dB
Figure 1.


Similar Part No. - AD9970

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9970BCPZ AD-AD9970BCPZ Datasheet
75Kb / 2P
   14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpB
AD9970 AD-AD9970_09 Datasheet
75Kb / 2P
   14-Bit CCD Signal Processor with Precision Timing??Generator
Rev. SpB
AD9970 AD-AD9970_15 Datasheet
73Kb / 2P
   14-Bit CCD Signal Processor with Precision
Rev. SpD
More results

Similar Description - AD9970

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9970BCPZ AD-AD9970BCPZ Datasheet
75Kb / 2P
   14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpB
AD9970 AD-AD9970_09 Datasheet
75Kb / 2P
   14-Bit CCD Signal Processor with Precision Timing??Generator
Rev. SpB
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9929 AD-AD9929_15 Datasheet
564Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
AD9898 AD-AD9898_15 Datasheet
562Kb / 52P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9898 AD-AD9898 Datasheet
518Kb / 52P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
AD9937 AD-AD9937 Datasheet
399Kb / 44P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
AD9991 AD-AD9991_15 Datasheet
836Kb / 60P
   10-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
AD9992 AD-AD9992 Datasheet
775Kb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
REV. C
AD9929 AD-AD9929 Datasheet
558Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com