Electronic Components Datasheet Search |
|
M95640-DW6TG Datasheet(PDF) 6 Page - STMicroelectronics |
|
M95640-DW6TG Datasheet(HTML) 6 Page - STMicroelectronics |
6 / 44 page Summary description M95320, M95640, M95320-x, M95640-x 6/44 1 Summary description These electrically erasable programmable memory (EEPROM) devices are accessed by a high speed SPI-compatible bus. The M95320, M95320-W and M95320-R are 32Kbit devices organized as 4096 x 8 bits. The M95640, M95640-W and M95640-R are 64Kbit devices organized as 8192 x 8 bits. The device is accessed by a simple serial interface that is SPI-compatible. The bus signals are C, D and Q, as shown in Table 1 and Figure 1. The device is selected when Chip Select (S) is taken Low. Communications with the device can be interrupted using Hold (HOLD). In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. ECOPACK® packages are Lead-free and RoHS compliant. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com. Figure 1. Logic diagram Figure 2. 8 pin package connections 1. See Package mechanical section for package dimensions and how to identify pin-1. AI01789C S VCC M95xxx HOLD VSS W Q C D D VSS C HOLD Q SVCC W AI01790D M95xxx 1 2 3 4 8 7 6 5 |
Similar Part No. - M95640-DW6TG |
|
Similar Description - M95640-DW6TG |