Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C2V4LT Datasheet(PDF) 5 Page - ON Semiconductor

Part # BZX84C2V4LT
Description  Zener Voltage Regulators 225 mW SOT-23 Surface Mount
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BZX84C2V4LT Datasheet(HTML) 5 Page - ON Semiconductor

  BZX84C2V4LT Datasheet HTML 1Page - ON Semiconductor BZX84C2V4LT Datasheet HTML 2Page - ON Semiconductor BZX84C2V4LT Datasheet HTML 3Page - ON Semiconductor BZX84C2V4LT Datasheet HTML 4Page - ON Semiconductor BZX84C2V4LT Datasheet HTML 5Page - ON Semiconductor BZX84C2V4LT Datasheet HTML 6Page - ON Semiconductor BZX84C2V4LT Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BZX84B4V7LT1, BZX84C2V4LT1 Series
http://onsemi.com
5
TYPICAL CHARACTERISTICS
VZ, NOMINAL ZENER VOLTAGE (V)
−3
−2
−1
0
1
2
3
4
5
6
7
8
12
11
10
9
8
7
6
5
4
3
2
Figure 1. Temperature Coefficients
(Temperature Range − 55
°C to +150°C)
TYPICAL TC VALUES
VZ @ IZT
100
10
1
10
100
VZ, NOMINAL ZENER VOLTAGE (V)
Figure 2. Temperature Coefficients
(Temperature Range − 55
°C to +150°C)
VZ @ IZT
100
VZ, NOMINAL ZENER VOLTAGE
Figure 3. Effect of Zener Voltage on
Zener Impedance
10
1
1000
100
10
1
TJ = 25°C
IZ(AC) = 0.1 IZ(DC)
f = 1 kHz
IZ = 1 mA
5 mA
20 mA
VF, FORWARD VOLTAGE (V)
Figure 4. Typical Forward Voltage
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
1000
100
10
1
75 V (MMBZ5267BLT1)
91 V (MMBZ5270BLT1)
150°C
75°C 25°C
0°C
TYPICAL TC VALUES


Similar Part No. - BZX84C2V4LT

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BZX84C2V4LT1 LRC-BZX84C2V4LT1 Datasheet
171Kb / 5P
   SEMICONDUCTOR(TECHNICAL DATA)
logo
ON Semiconductor
BZX84C2V4LT1 ONSEMI-BZX84C2V4LT1 Datasheet
80Kb / 8P
   Zener Voltage Regulators
December, 2004 ??Rev. 8
logo
Motorola, Inc
BZX84C2V4LT1 MOTOROLA-BZX84C2V4LT1 Datasheet
258Kb / 20P
   225 mW SOT-23 Zener Voltage Regulator Diodes
logo
E-Tech Electronics LTD
BZX84C2V4LT1 ETL-BZX84C2V4LT1 Datasheet
174Kb / 5P
   SEMICONDUCTOR
logo
ON Semiconductor
BZX84C2V4LT1 ONSEMI-BZX84C2V4LT1 Datasheet
79Kb / 7P
   Zener Voltage Regulators
October, 2005 ??Rev. 11
More results

Similar Description - BZX84C2V4LT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BZX84C2V4ET1 ONSEMI-BZX84C2V4ET1_05 Datasheet
75Kb / 6P
   Zener Voltage Regulators 225 mW SOT-23 Surface Mount
August, 2005 ??Rev. 5
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1_05 Datasheet
72Kb / 6P
   Zener Voltage Regulators 225 mW SOT-23 Surface Mount
July, 2005 ??Rev. 9
BZX84B4V7LT1 ONSEMI-BZX84B4V7LT1_09 Datasheet
182Kb / 7P
   Zener Voltage Regulators 225 mW SOT??3 Surface Mount
July, 2009 ??Rev. 13
MMBZ5221ELT1_0508 ONSEMI-MMBZ5221ELT1_0508 Datasheet
74Kb / 6P
   Zener Voltage Regulators 225 mW SOT??3 Surface Mount
August, 2005 ??Rev. 6
SZBZX84C3V6ET1G ONSEMI-SZBZX84C3V6ET1G Datasheet
157Kb / 6P
   Zener Voltage Regulators 225 mW SOT??3 Surface Mount
January, 2012 ??Rev. 8
BZX84C2V4ET1 ONSEMI-BZX84C2V4ET1_09 Datasheet
160Kb / 6P
   Zener Voltage Regulators 225 mW SOT??3 Surface Mount
July, 2009 ??Rev. 6
BZX84BXXXLT1G ONSEMI-BZX84BXXXLT1G Datasheet
223Kb / 8P
   Zener Voltage Regulators 250 mW SOT−23 Surface Mount
August, 2021 - Rev. 23
logo
Motorola, Inc
BZX84C2V4LT1 MOTOROLA-BZX84C2V4LT1 Datasheet
258Kb / 20P
   225 mW SOT-23 Zener Voltage Regulator Diodes
logo
Yea Shin Technology Co....
MMBZ5221B YEASHIN-MMBZ5221B Datasheet
814Kb / 5P
   225 mW SOT-23 Zener Voltage Regulator Diodes
logo
ON Semiconductor
SZMMSZ3V0T1G ONSEMI-SZMMSZ3V0T1G Datasheet
157Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com