Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUB323ZT4G Datasheet(PDF) 3 Page - ON Semiconductor

Part # BUB323ZT4G
Description  NPN Silicon Power Darlington High Voltage Autoprotected D2PAK for Surface Mount
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUB323ZT4G Datasheet(HTML) 3 Page - ON Semiconductor

  BUB323ZT4G Datasheet HTML 1Page - ON Semiconductor BUB323ZT4G Datasheet HTML 2Page - ON Semiconductor BUB323ZT4G Datasheet HTML 3Page - ON Semiconductor BUB323ZT4G Datasheet HTML 4Page - ON Semiconductor BUB323ZT4G Datasheet HTML 5Page - ON Semiconductor BUB323ZT4G Datasheet HTML 6Page - ON Semiconductor BUB323ZT4G Datasheet HTML 7Page - ON Semiconductor BUB323ZT4G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BUB323Z
http://onsemi.com
3
Figure 1. IC = f(VCE) Curve Shape
IC
INOM = 6.5 A
Output transistor turns on: IC = 40 mA
High Voltage Circuit turns on: IC = 20 mA
Avalanche diode turns on: IC = 100 mA
Icer Leakage Current
250 V
300 V
340 V
VCE
VCLAMP NOMINAL
= 400 V
By design, the BU323Z has a built−in avalanche diode and
a special high voltage driving circuit. During an
auto−protect cycle, the transistor is turned on again as soon
as a voltage, determined by the zener threshold and the
network, is reached. This prevents the transistor from going
into a Reverse Bias Operating limit condition. Therefore, the
device will have an extended safe operating area and will
always appear to be in “FBSOA.” Because of the built−in
zener and associated network, the IC = f(VCE) curve exhibits
an unfamiliar shape compared to standard products as
shown in Figure 1.
Figure 2. Basic Energy Test Circuit
MERCURY CONTACTS
WETTED RELAY
VCE
MONITOR
(VGATE)
L INDUCTANCE
(8 mH)
IB CURRENT
SOURCE
VBEoff
IB2 SOURCE
IC CURRENT
SOURCE
0.1
W
NON
INDUCTIVE
IC
MONITOR
RBE = 100 W
The bias parameters, VCLAMP, IB1, VBE(off), IB2, IC, and
the inductance, are applied according to the Device Under
Test (DUT) specifications. VCE and IC are monitored by the
test system while making sure the load line remains within
the limits as described in Figure 4.
Note: All BU323Z ignition devices are 100% energy
tested, per the test circuit and criteria described in Figures 2
and 4, to the minimum guaranteed repetitive energy, as
specified in the device parameter section. The device can
sustain this energy on a repetitive basis without degrading
any of the specified electrical characteristics of the devices.
The units under test are kept functional during the complete
test sequence for the test conditions described:
IC(peak) = 7.0 A, ICH = 5.0 A, ICL = 100 mA, IB = 100 mA,
RBE = 100 W, Vgate = 280 V, L = 8.0 mH
Figure 3. Forward Bias Safe Operating Area
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
1000
340V
100
10
0.001
0.01
0.1
1
10
TC = 25°C
250 ms
10ms
1ms
300
ms
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
CURVES APPLY BELOW
RATED VCEO


Similar Part No. - BUB323ZT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUB323ZT4G ONSEMI-BUB323ZT4G Datasheet
85Kb / 8P
   NPN Silicon Power Darlington
September, 2014 ??Rev. 2
More results

Similar Description - BUB323ZT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BU323Z ONSEMI-BU323Z_06 Datasheet
142Kb / 7P
   NPN Silicon Power Darlington High Voltage Autoprotected
March, 2006 ??Rev. 12
logo
Central Semiconductor C...
CZTA27 CENTRAL-CZTA27_10 Datasheet
532Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
CMPTA29 CENTRAL-CMPTA29_10 Datasheet
327Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
CMPTA29 CENTRAL-CMPTA29 Datasheet
322Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
CZTA27 CENTRAL-CZTA27 Datasheet
526Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
CZT2000 CENTRAL-CZT2000_10 Datasheet
533Kb / 2P
   SURFACE MOUNT EXTREMELY HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
logo
Guangdong Kexin Industr...
KZT122 KEXIN-KZT122 Datasheet
38Kb / 1P
   Surface Mount NPN Silicon Power Darlington Transistor
logo
ON Semiconductor
BSP52T1 ONSEMI-BSP52T1 Datasheet
113Kb / 6P
   MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
1996 REV 1
logo
Motorola, Inc
BSP52T1 MOTOROLA-BSP52T1 Datasheet
113Kb / 6P
   MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
logo
Central Semiconductor C...
CMPT6427 CENTRAL-CMPT6427 Datasheet
323Kb / 2P
   SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com